データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SMF160AG データシート(PDF) 3 Page - ON Semiconductor

部品番号 SMF160AG
部品情報  Zener Transient Voltage Suppressor SOD-123 Flat Lead Package
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SMF160AG データシート(HTML) 3 Page - ON Semiconductor

  SMF160AG Datasheet HTML 1Page - ON Semiconductor SMF160AG Datasheet HTML 2Page - ON Semiconductor SMF160AG Datasheet HTML 3Page - ON Semiconductor SMF160AG Datasheet HTML 4Page - ON Semiconductor SMF160AG Datasheet HTML 5Page - ON Semiconductor SMF160AG Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
SMF5.0AT1 Series
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (TL = 30°C unless otherwise noted, VF = 1.25 Volts @ 200 mA)
Device*
Marking
VRWM (V)
VBR @ IT (V) (Note 6)
IT
IR @ VRWM
VC(Max)
IPP(Max) (A)
(Note 5)
Min
Nom
Max
(mA)
(
mA)
(V)
(Note 7)
SMF5.0A, G
KE
5
6.4
6.7
7
10
400
9.2
21.7
SMF6.0A, G
KG
6
6.67
7.02
7.37
10
400
10.3
19.4
SMF6.5A, G
KK
6.5
7.22
7.6
7.98
10
250
11.2
17.9
SMF7.0A, G
KM
7
7.78
8.2
8.6
10
100
12
16.7
SMF7.5A, G
KP
7.5
8.33
8.77
9.21
1
50
12.9
15.5
SMF8.0A, G
KR
8
8.89
9.36
9.83
1
25
13.6
14.7
SMF8.5A, G
KT
8.5
9.44
9.92
10.4
1
10
14.4
13.9
SMF9.0A, G
KV
9
10
10.55
11.1
1
5
15.4
13.0
SMF10A, G
KX
10
11.1
11.7
12.3
1
2.5
17
11.8
SMF11A, G
KZ
11
12.2
12.85
13.5
1
2.5
18.2
11.0
SMF12A, G
LE
12
13.3
14
14.7
1
2.5
19.9
10.1
SMF13A, G
LG
13
14.4
15.15
15.9
1
1
21.5
9.3
SMF14A, G
LK
14
15.6
16.4
17.2
1
1
23.2
8.6
SMF15A, G
LM
15
16.7
17.6
18.5
1
1
24.4
8.2
SMF16A, G
LP
16
17.8
18.75
19.7
1
1
26
7.7
SMF17A, G
LR
17
18.9
19.9
20.9
1
1
27.6
7.2
SMF18A, G
LT
18
20
21
22.1
1
1
29.2
6.8
SMF20A, G
LV
20
22.2
23.35
24.5
1
1
32.4
6.2
SMF22A, G
LX
22
24.4
25.6
26.9
1
1
35.5
5.6
SMF24A, G
LZ
24
26.7
28.1
29.5
1
1
38.9
5.1
SMF26A, G
ME
26
28.9
30.4
31.9
1
1
42.1
4.8
SMF28A, G
MG
28
31.1
32.8
34.4
1
1
45.4
4.4
SMF30A, G
MK
30
33.3
35.1
36.8
1
1
48.4
4.1
SMF33A, G
MM
33
36.7
38.7
40.6
1
1
53.3
3.8
SMF36A, G
MP
36
40
42.1
44.2
1
1
58.1
3.4
SMF40A, G
MR
40
44.4
46.8
49.1
1
1
64.5
3.1
SMF43A, G
MT
43
47.8
50.3
52.8
1
1
69.4
2.9
SMF45A, G
MV
45
50
52.65
55.3
1
1
72.7
2.8
SMF48A, G
MX
48
53.3
56.1
58.9
1
1
77.4
2.6
SMF51A, G
MZ
51
56.7
59.7
62.7
1
1
82.4
2.4
SMF54A, G
NE
54
60
63.15
66.3
1
1
87.1
2.3
SMF58A, G
NG
58
64.4
67.8
71.2
1
1
93.6
2.1
SMF60A, G
NK
60
66.7
70.2
73.7
1
1
96.8
1.8
SMF64A, G
NM
64
71.1
74.85
78.6
1
1
103
1.7
SMF70A, G
NP
70
77.8
81.9
86
1
1
113
1.5
SMF75A, G
NR
75
83.3
87.7
92.1
1
1
121
1.4
SMF78A, G
NT
78
86.7
91.25
95.8
1
1
126
1.4
SMF85A, G
NV
85
94.4
99.2
104
1
1
137
1.3
SMF90A, G
NX
90
100
105.5
111
1
1
146
1.2
SMF100A, G
NZ
100
111
117
123
1
1
162
1.1
SMF110A, G
PE
110
122
128.5
135
1
1
177
1.0
SMF120A, G
PG
120
133
140
147
1
1
193
0.9
SMF130A, G
PK
130
144
151.5
159
1
1
209
0.8
SMF150A, G
PM
150
167
176
185
1
1
243
0.7
SMF160A, G
PP
160
178
187.5
197
1
1
259
0.7
SMF170A, G
PR
170
189
199
209
1
1
275
0.6
5. A transient suppressor is normally selected according to the Working Peak Reverse Voltage (VRWM) which should be equal to or greater
than the DC or continuous peak operating voltage level.
6. VBR measured at pulse test current IT at ambient temperature of 25°C.
7. Surge current waveform per Figure 2 and derate per Figure 3.
*The “G'' suffix indicates Pb-Free package available.


同様の部品番号 - SMF160AG

メーカー部品番号データシート部品情報
logo
ON Semiconductor
SMF160AG ONSEMI-SMF160AG Datasheet
69Kb / 6P
   Zener Transient Voltage Suppressor SOD??23 Flat Lead Package
August, 2005 ??Rev. 1
More results

同様の説明 - SMF160AG

メーカー部品番号データシート部品情報
logo
ON Semiconductor
SMF78AT1G ONSEMI-SMF78AT1G Datasheet
99Kb / 6P
   Zener Transient Voltage Suppressor SOD-123 Flat Lead Package
May, 2007 - Rev. 2
1SMF16BT1 ONSEMI-1SMF16BT1 Datasheet
52Kb / 4P
   Zener Transient Voltage Suppressor SOD-123 Flat Lead Package
February, 2004 ??Rev. 1
SMF33AT1G ONSEMI-SMF33AT1G Datasheet
119Kb / 6P
   200 W Transient Voltage Suppressor SOD-123 Flat Lead Package
May, 2013 ??Rev. 7
SMF36AT1G ONSEMI-SMF36AT1G Datasheet
119Kb / 6P
   200 W Transient Voltage Suppressor SOD-123 Flat Lead Package
May, 2013 ??Rev. 7
SMF9.0AT1G ONSEMI-SMF9.0AT1G Datasheet
119Kb / 6P
   200 W Transient Voltage Suppressor SOD-123 Flat Lead Package
May, 2013 ??Rev. 7
SMF60AT1G ONSEMI-SMF60AT1G Datasheet
119Kb / 6P
   200 W Transient Voltage Suppressor SOD-123 Flat Lead Package
May, 2013 ??Rev. 7
SMF30AT1G ONSEMI-SMF30AT1G Datasheet
119Kb / 6P
   200 W Transient Voltage Suppressor SOD-123 Flat Lead Package
May, 2013 ??Rev. 7
SMF5.0AT1G ONSEMI-SMF5.0AT1G Datasheet
120Kb / 6P
   200 W Transient Voltage Suppressor SOD-123 Flat Lead Package
May, 2013 ??Rev. 7
SMF18AT1G ONSEMI-SMF18AT1G Datasheet
119Kb / 6P
   200 W Transient Voltage Suppressor SOD-123 Flat Lead Package
May, 2013 ??Rev. 7
SMF15AT1G ONSEMI-SMF15AT1G Datasheet
119Kb / 6P
   200 W Transient Voltage Suppressor SOD-123 Flat Lead Package
May, 2013 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com