データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2SK291 データシート(PDF) 4 Page - Hitachi Semiconductor

部品番号 2SK291
部品情報  Silicon N-Channel Junction FET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HITACHI [Hitachi Semiconductor]
ホームページ  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SK291 データシート(HTML) 4 Page - Hitachi Semiconductor

  2SK291 Datasheet HTML 1Page - Hitachi Semiconductor 2SK291 Datasheet HTML 2Page - Hitachi Semiconductor 2SK291 Datasheet HTML 3Page - Hitachi Semiconductor 2SK291 Datasheet HTML 4Page - Hitachi Semiconductor 2SK291 Datasheet HTML 5Page - Hitachi Semiconductor 2SK291 Datasheet HTML 6Page - Hitachi Semiconductor 2SK291 Datasheet HTML 7Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
2SK291
4
Input Capacitance vs.
Gate to Source Voltage
Gate to Source Voltage VGS (V)
14
12
10
8
6
4
–1.0
–0.6
–0.8
–0.4
0
–0.2
VDS = 5 V
f = 1 MHz
Noise Voltage Referred to Input vs.
Signal Source Resistance
20
10
5
2
1.0
0.5
0.2
1
100
Signal Source Resistance Rg (Ω)
1 k
10 k
10
VDS = 5 V
ID = 5 mA
Ta = 25
°C
f = 120 Hz
100 kHz
√
4 KTRg
Noise Voltage Referred
to Input vs. Frequency
50
20
10
5
2
1.0
0.5
10
1 k
Frequency f (Hz)
10 k
100 k
100
VDS = 5 V
Rg = 0
I
D
= 2
mA
10 mA
5 mA
Noise Voltage Referred to Input vs.
Drain to Source Voltage
Drain to Source Voltage VDS (V)
ID = 10 mA
Rg = 0
f = 1 kHz
100 kHz
20
10
5
2
1.0
0.5
0.2
0.2
1.0
5
20
0.5
2
10


同様の部品番号 - 2SK291

メーカー部品番号データシート部品情報
logo
New Jersey Semi-Conduct...
2SK291 NJSEMI-2SK291 Datasheet
148Kb / 1P
   TV TUNER, UHF RF AMPLIFIER APPLICATIONS
logo
Sanyo Semicon Device
2SK2911 SANYO-2SK2911 Datasheet
229Kb / 4P
   Ultrahigh-Speed Switching Applications
logo
Hitachi Semiconductor
2SK2912 HITACHI-2SK2912 Datasheet
53Kb / 10P
   Silicon N Channel MOS FET High Speed Power Switching
logo
Renesas Technology Corp
2SK2912 RENESAS-2SK2912 Datasheet
95Kb / 9P
   Silicon N Channel MOS FET High Speed Power Switching
logo
Hitachi Semiconductor
2SK2912L HITACHI-2SK2912L Datasheet
53Kb / 10P
   Silicon N Channel MOS FET High Speed Power Switching
More results

同様の説明 - 2SK291

メーカー部品番号データシート部品情報
logo
Hitachi Semiconductor
2SK217 HITACHI-2SK217 Datasheet
36Kb / 7P
   Silicon N-Channel Junction FET
2SK1070 HITACHI-2SK1070 Datasheet
24Kb / 5P
   Silicon N-Channel Junction FET
logo
Panasonic Semiconductor
2SK1860 PANASONIC-2SK1860 Datasheet
77Kb / 3P
   Silicon N-Channel Junction FET
2SK1103 PANASONIC-2SK1103 Datasheet
31Kb / 2P
   Silicon N-Channel Junction FET
2SK198 PANASONIC-2SK198 Datasheet
33Kb / 2P
   Silicon N-Channel Junction FET
2SK2380 PANASONIC-2SK2380 Datasheet
31Kb / 2P
   Silicon N-Channel Junction FET
logo
Hitachi Semiconductor
2SK522 HITACHI-2SK522 Datasheet
36Kb / 8P
   Silicon N-Channel Junction FET
logo
Sony Corporation
2SK121 SONY-2SK121 Datasheet
115Kb / 5P
   Silicon N-Channel Junction FET
logo
Guangdong Kexin Industr...
2SK303 KEXIN-2SK303 Datasheet
40Kb / 1P
   N-Channel Junction Silicon FET
logo
Panasonic Semiconductor
2SK123 PANASONIC-2SK123 Datasheet
30Kb / 2P
   Silicon N-Channel Junction FET
2SK374 PANASONIC-2SK374 Datasheet
33Kb / 2P
   Silicon N-Channel Junction FET
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com