データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2SK2922 データシート(PDF) 3 Page - Hitachi Semiconductor

部品番号 2SK2922
部品情報  Silicon N Channel MOS FET UHF Power Amplifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HITACHI [Hitachi Semiconductor]
ホームページ  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SK2922 データシート(HTML) 3 Page - Hitachi Semiconductor

  2SK2922 Datasheet HTML 1Page - Hitachi Semiconductor 2SK2922 Datasheet HTML 2Page - Hitachi Semiconductor 2SK2922 Datasheet HTML 3Page - Hitachi Semiconductor 2SK2922 Datasheet HTML 4Page - Hitachi Semiconductor 2SK2922 Datasheet HTML 5Page - Hitachi Semiconductor 2SK2922 Datasheet HTML 6Page - Hitachi Semiconductor 2SK2922 Datasheet HTML 7Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
2SK2922
3
Main Characteristics
0
50
100
150
200
4
3
2
1
1.0
0.8
0.6
0.4
0.2
0
0.5
1.0
1.5
2.0
2.5
5
4
3
2
1
0
1
23
4
5
6
5 V
6 V
Tc = –25°C
25°C
75°C
0.001
1
0.3
0.03
0.1
0.003
0.01
0.3
0.1
0.3
1
0.01
Case Temperature
Tc (°C)
Maximum Channel Power
Dissipation Curve
Drain to Source Voltage V
(V)
DS
Typical Output Characteristics
Pulse Test
V
= 5 V
Pulse Test
DS
Gate to Source Voltage
V
(V)
GS
Typical Transfer Characteristics
Drain Current I
(A)
D
Forward Transfer Admittance
vs. Drain Current
5.5 V
V
= 1 V
GS
4.5 V
4 V
3.5 V
3 V
2.5 V
2 V
1.5 V
V
= 5 V
Pulse Test
DS
Tc = –25°C
25°C
75°C
3
10


同様の部品番号 - 2SK2922

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
2SK2920 TOSHIBA-2SK2920 Datasheet
276Kb / 5P
   N CHANNEL MOS TYPE (HIGH SPEED, HIGH CURRENT SWITCHING, CHOPPER REGULATOR, DC-DC CONVERTERAND AND MOTOR DRIVE APPLICATIONS)
2SK2920 TOSHIBA-2SK2920 Datasheet
716Kb / 6P
   Silicon N-Channel MOS Type Chopper Regulator, DC/DC Converter and Motor Drive Applications
2SK2920 TOSHIBA-2SK2920 Datasheet
398Kb / 6P
   Chopper Regulator, DC/DC Converter and Motor Drive
2SK2920 TOSHIBA-2SK2920 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
2SK2920 TOSHIBA-2SK2920_06 Datasheet
716Kb / 6P
   Silicon N-Channel MOS Type Chopper Regulator, DC/DC Converter and Motor Drive Applications
More results

同様の説明 - 2SK2922

メーカー部品番号データシート部品情報
logo
Hitachi Semiconductor
2SK3390 HITACHI-2SK3390 Datasheet
78Kb / 7P
   Silicon N Channel MOS FET UHF Power Amplifier
logo
Renesas Technology Corp
2SK2596 RENESAS-2SK2596 Datasheet
61Kb / 5P
   Silicon N-Channel MOS FET UHF Power Amplifier
2SK2596 RENESAS-2SK2596_07 Datasheet
145Kb / 10P
   Silicon N-Channel MOS FET UHF Power Amplifier
2SK3390 RENESAS-2SK3390 Datasheet
180Kb / 12P
   Silicon N-Channel MOS FET UHF Power Amplifier
Nov 08, 2007
logo
Hitachi Semiconductor
2SK3175A HITACHI-2SK3175A Datasheet
79Kb / 8P
   Silicon N Channel MOS FET UHF Power Amplifier
logo
Renesas Technology Corp
2SK3391 RENESAS-2SK3391_07 Datasheet
150Kb / 10P
   Silicon N-Channel MOS FET UHF Power Amplifier
logo
Hitachi Semiconductor
2SK2795 HITACHI-2SK2795 Datasheet
40Kb / 6P
   Silicon N Channel MOS FET UHF Power Amplifier
logo
Renesas Technology Corp
2SK2595 RENESAS-2SK2595 Datasheet
115Kb / 14P
   Silicon N-Channel MOS FET UHF Power Amplifier
logo
Hitachi Semiconductor
2SK3174A HITACHI-2SK3174A Datasheet
81Kb / 8P
   Silicon N Channel MOS FET UHF Power Amplifier
logo
Renesas Technology Corp
2SK3391 RENESAS-2SK3391 Datasheet
62Kb / 5P
   Silicon N-Channel MOS FET UHF Power Amplifier
Rev.2.00, Apr.14.2004,
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com