データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2SK2925 データシート(PDF) 5 Page - Hitachi Semiconductor

部品番号 2SK2925
部品情報  Silicon N Channel MOS FET High Speed Power Switching
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HITACHI [Hitachi Semiconductor]
ホームページ  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SK2925 データシート(HTML) 5 Page - Hitachi Semiconductor

  2SK2925 Datasheet HTML 1Page - Hitachi Semiconductor 2SK2925 Datasheet HTML 2Page - Hitachi Semiconductor 2SK2925 Datasheet HTML 3Page - Hitachi Semiconductor 2SK2925 Datasheet HTML 4Page - Hitachi Semiconductor 2SK2925 Datasheet HTML 5Page - Hitachi Semiconductor 2SK2925 Datasheet HTML 6Page - Hitachi Semiconductor 2SK2925 Datasheet HTML 7Page - Hitachi Semiconductor 2SK2925 Datasheet HTML 8Page - Hitachi Semiconductor 2SK2925 Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
2SK2925(L),2SK2925(S)
5
2.0
1.6
1.2
0.8
0.4
0
48
12
16
20
5
20
100
110
50
2
0.5
0.4
0.3
0.2
0.1
–40
0
40
80
120
160
0
0.1 0.2
1
5
20
20
2
5
1
0.5
1.0
0.2
0.5
0.1
0.02
0.01
0.05
0.5
2
Gate to Source Voltage
V
(V)
GS
Drain to Source Saturation Voltage vs.
Gate to Source Voltage
Drain Current
I
(A)
D
Static Drain to Source on State Resistance
vs. Drain Current
Case Temperature
Tc
(°C)
Static Drain to Source on State Resistance
vs. Temperature
Drain Current I
(A)
D
Forward Transfer Admittance vs.
Drain Current
Pulse Test
5 A
I
= 10 A
D
I
= 10 A
D
V
= 4 V
GS
10 V
5 A
Pulse Test
10 A
10
10
2 A
V
= 4 V
GS
Pulse Test
10 V
2 A
2, 5 A
V
= 10 V
Pulse Test
DS
25 °C
Tc = –25 °C
75 °C


同様の部品番号 - 2SK2925

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
2SK2925 RENESAS-2SK2925 Datasheet
95Kb / 9P
   Silicon N Channel MOS FET High Speed Power Switching
logo
VBsemi Electronics Co.,...
2SK2925 VBSEMI-2SK2925 Datasheet
1,001Kb / 8P
   N-Channel 60 V (D-S) MOSFET
logo
Renesas Technology Corp
2SK2925L RENESAS-2SK2925L Datasheet
95Kb / 9P
   Silicon N Channel MOS FET High Speed Power Switching
logo
VBsemi Electronics Co.,...
2SK2925L VBSEMI-2SK2925L Datasheet
960Kb / 7P
   N-Channel 60 V (D-S) MOSFET
logo
Inchange Semiconductor ...
2SK2925L ISC-2SK2925L Datasheet
398Kb / 2P
   isc N-Channel MOSFET Transistor
More results

同様の説明 - 2SK2925

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
H7N0608LD RENESAS-H7N0608LD Datasheet
118Kb / 12P
   Silicon N Channel MOS FET High Speed Power Switching
H5N1503P RENESAS-H5N1503P Datasheet
81Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJK6015DPK RENESAS-RJK6015DPK Datasheet
107Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
H7N0310LD RENESAS-H7N0310LD Datasheet
131Kb / 14P
   Silicon N Channel MOS FET High Speed Power Switching
2SK2788 RENESAS-2SK2788_11 Datasheet
82Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJK5013DPE RENESAS-RJK5013DPE_15 Datasheet
89Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJL5014DPK RENESAS-RJL5014DPK_15 Datasheet
89Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
H5N5006DL RENESAS-H5N5006DL_15 Datasheet
113Kb / 10P
   Silicon N Channel MOS FET High Speed Power Switching
H7N1005LD RENESAS-H7N1005LD_15 Datasheet
145Kb / 11P
   Silicon N Channel MOS FET High Speed Power Switching
HAT2179R RENESAS-HAT2179R_15 Datasheet
126Kb / 9P
   Silicon N Channel MOS FET High Speed Power Switching
H7N1005DL RENESAS-H7N1005DL_15 Datasheet
139Kb / 11P
   Silicon N Channel MOS FET High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com