データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LFSH196225-50 データシート(PDF) 3 Page - SYNERGY MICROWAVE CORPORATION

部品番号 LFSH196225-50
部品情報  INTELLIGENT INTERACTIVE SYNTHESIZER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SYNERGY [SYNERGY MICROWAVE CORPORATION]
ホームページ  http://www.synergymwave.com
Logo SYNERGY - SYNERGY MICROWAVE CORPORATION

LFSH196225-50 データシート(HTML) 3 Page - SYNERGY MICROWAVE CORPORATION

  LFSH196225-50 Datasheet HTML 1Page - SYNERGY MICROWAVE CORPORATION LFSH196225-50 Datasheet HTML 2Page - SYNERGY MICROWAVE CORPORATION LFSH196225-50 Datasheet HTML 3Page - SYNERGY MICROWAVE CORPORATION LFSH196225-50 Datasheet HTML 4Page - SYNERGY MICROWAVE CORPORATION LFSH196225-50 Datasheet HTML 5Page - SYNERGY MICROWAVE CORPORATION LFSH196225-50 Datasheet HTML 6Page - SYNERGY MICROWAVE CORPORATION LFSH196225-50 Datasheet HTML 7Page - SYNERGY MICROWAVE CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
INTELLIGENT INTERACTIVE SYNTHESIZER
SURFACE MOUNT MODEL: LFSH196225-50
1960 - 2250 MHz
optimized bandwidth
This product is manufactured under one or more of the following patents. Approved: 5,160,810; 5,122,621; 5,390,349; 5,416,449; 5,650,754; 5,805,431; 6,525,623; 6,850,575;
7,088,189; 7,180,381; 7,196,591; 7,262,670; 7,265,642; 7,292,113; 7,365,612; 7,495,525; 2,548,311; 2,548,317; 7,545,229; 7,580,693; 7,586,381; 7,605,670; 7,636,021; 2,533,623
| Pending: 60/493075; 60/501371 & 60/501790; 60/527957 & 60/528670; 60/563481; 60/564173; 60/589090; 60/601823; 60/605791; EV31369834; 11/259766; 60/622485 &
60/710310; 10/937525/60/736901; 60/732787; 7,495,525; 2,548,311; 2,548,317; 7,545,229; 2,563,174; 7,580,693; 7,612,296; 2,524,751
Copyright © Synergy Microwave Corporation
201 McLean Boulevard • Paterson, New Jersey 07504 USA • Tel: (973) 881-8800 • Fax: (973) 881-8361
E-Mail: sales@synergymwave.com • World Wide Web: http://www.synergymwave.com
[ 3 of 7 ]
ReFeRenCe Sideband SUppReSSion
A
1 AP
CLRWR
SGL
Ref 12 dBm
Att 40 dB
5 MHz/
Center 1.96 GHz
Span 50 MHz
*
*
3DB
RBW 2 kHz
VBW 2 kHz
SWT 12.5 s
-80
-70
-60
-50
-40
-30
-20
-10
0
10
1
Marker 1 [T1 ]
6.88 dBm
1.960000000 GHz
2
Delta 2 [T1 ]
-76.52 dB
20.000000000 MHz
3
Delta 3 [T1 ]
-76.16 dB
-10.000000000 MHz
4
Delta 4 [T1 ]
-76.23 dB
-20.000000000 MHz
1
Delta 1 [T1 ]
-77.34 dB
10.000000000 MHz
Date: 20.OCT.2008 06:53:00


同様の部品番号 - LFSH196225-50

メーカー部品番号データシート部品情報
logo
Cynergy3 Co
LFS CYNERGY3-LFS Datasheet
1Mb / 1P
   Maximum operating pressure 20 bar
LFS-01 CYNERGY3-LFS-01 Datasheet
1Mb / 1P
   Maximum operating pressure 20 bar
LFS-01H CYNERGY3-LFS-01H Datasheet
1Mb / 1P
   Maximum operating pressure 20 bar
LFS-02 CYNERGY3-LFS-02 Datasheet
1Mb / 1P
   Maximum operating pressure 20 bar
LFS-02H CYNERGY3-LFS-02H Datasheet
1Mb / 1P
   Maximum operating pressure 20 bar
More results

同様の説明 - LFSH196225-50

メーカー部品番号データシート部品情報
logo
SYNERGY MICROWAVE CORPO...
FSW170280-50 SYNERGY-FSW170280-50 Datasheet
807Kb / 7P
   INTELLIGENT INTERACTIVE SYNTHESIZER
LFSW60170-50 SYNERGY-LFSW60170-50 Datasheet
553Kb / 3P
   INTELLIGENT INTERACTIVE SYNTHESIZER
LFSW35105-100 SYNERGY-LFSW35105-100 Datasheet
467Kb / 7P
   INTELLIGENT INTERACTIVE SYNTHESIZER
MTS2500-110250-10 SYNERGY-MTS2500-110250-10 Datasheet
767Kb / 8P
   INTELLIGENT INTERACTIVE SYNTHESIZER
MTS2500-200400-10 SYNERGY-MTS2500-200400-10 Datasheet
667Kb / 8P
   INTELLIGENT INTERACTIVE SYNTHESIZER
FSW60135-50 SYNERGY-FSW60135-50 Datasheet
564Kb / 7P
   INTELLIGENT INTERACTIVE SYNTHESIZER
LFSW150320-25 SYNERGY-LFSW150320-25 Datasheet
430Kb / 7P
   INTELLIGENT INTERACTIVE SYNTHESIZER
MTS2500-300600-10 SYNERGY-MTS2500-300600-10 Datasheet
609Kb / 8P
   INTELLIGENT INTERACTIVE SYNTHESIZER
FSW190410-100 SYNERGY-FSW190410-100 Datasheet
522Kb / 4P
   INTELLIGENT INTERACTIVE SYNTHESIZER
KMTS2500-30525-10 SYNERGY-KMTS2500-30525-10 Datasheet
867Kb / 8P
   INTELLIGENT INTERACTIVE SYNTHESIZER
MFSH432493-100 SYNERGY-MFSH432493-100 Datasheet
480Kb / 7P
   INTELLIGENT INTERACTIVE SYNTHESIZER
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com