データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2SK3378 データシート(PDF) 2 Page - Hitachi Semiconductor

部品番号 2SK3378
部品情報  Silicon N Channel MOS FET High Speed Switching
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HITACHI [Hitachi Semiconductor]
ホームページ  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SK3378 データシート(HTML) 2 Page - Hitachi Semiconductor

  2SK3378 Datasheet HTML 1Page - Hitachi Semiconductor 2SK3378 Datasheet HTML 2Page - Hitachi Semiconductor 2SK3378 Datasheet HTML 3Page - Hitachi Semiconductor 2SK3378 Datasheet HTML 4Page - Hitachi Semiconductor 2SK3378 Datasheet HTML 5Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2SK3378
2
Absolute Maximum Ratings (Ta = 25
°C)
Item
Symbol
Ratings
Unit
Drain to source voltage
V
DSS
30
V
Gate to source voltage
V
GSS
±20
V
Drain current
I
D
100
mA
Drain peak current
I
D(pulse)
Note1
400
mA
Body-drain diode reverse drain current
I
DR
100
mA
Channel dissipation
Pch
Note 2
300
mW
Channel temperature
Tch
150
°C
Storage temperature
Tstg
–55 to +150
°C
Note:
1. PW
≤ 10 µs, duty cycle ≤ 1%
2. Value on the alumina ceramic board (12.5 x 20 x 0.7 mm)
Electrical Characteristics (Ta = 25
°C)
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
Drain to source breakdown
voltage
V
(BR)DSS
30
V
I
D = 100 µA, VGS = 0
Gate to source breakdown
voltage
V
(BR)GSS
±20
V
I
G = ±100 µA, VDS = 0
Gate to source leak current
I
GSS
——
±5
µAV
GS = ±16 V, VDS = 0
Zero gate voltege drain
current
I
DSS
——1
µAV
DS = 30 V, VGS = 0
Gate to source cutoff voltage
V
GS(off)
1.3
2.3
V
I
D = 10µA, VDS = 5 V
Static drain to source on state R
DS(on)
2.7
3.5
I
D = 50 mA,VGS = 10 V
Note 3
resistance
R
DS(on)
4.7
7.0
I
D = 20 mA,VGS = 4 V
Note 3
Forward transfer admittance
|y
fs|
5585—mS
I
D = 50 mA, VDS =10 V
Note 3
Input capacitance
Ciss
1.6
pF
V
DS = 10 V
Output capacitance
Coss
7
pF
V
GS = 0
Reverse transfer capacitance Crss
0.5
pF
f = 1 MHz
Turn-on delay time
t
d(on)
100
ns
I
D = 50 mA, VGS = 10 V
Rise time
t
r
330
ns
R
L = 200 Ω
Turn-off delay time
t
d(off)
1150
ns
Fall time
t
f
940
ns
Note:
3. Pulse test
4. Marking is EN
See characteristics curves of 2SK3288


同様の部品番号 - 2SK3378

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
2SK3378 RENESAS-2SK3378 Datasheet
140Kb / 7P
   Silicon N Channel MOS FET High Speed Switching
2SK3378ENTL-E RENESAS-2SK3378ENTL-E Datasheet
140Kb / 7P
   Silicon N Channel MOS FET High Speed Switching
2SK3378ENTR-E RENESAS-2SK3378ENTR-E Datasheet
140Kb / 7P
   Silicon N Channel MOS FET High Speed Switching
More results

同様の説明 - 2SK3378

メーカー部品番号データシート部品情報
logo
Hitachi Semiconductor
2SK3288 HITACHI-2SK3288 Datasheet
39Kb / 8P
   Silicon N Channel MOS FET High Speed Switching
2SK3380 HITACHI-2SK3380 Datasheet
26Kb / 5P
   Silicon N Channel MOS FET High Speed Switching
logo
Sanyo Semicon Device
FW306 SANYO-FW306 Datasheet
17Kb / 2P
   N- Channel Silicon MOS FET High Speed Switching
logo
Renesas Technology Corp
2SK3287 RENESAS-2SK3287 Datasheet
157Kb / 10P
   Silicon N Channel MOS FET High Speed Switching
logo
Hitachi Semiconductor
2SK3289 HITACHI-2SK3289 Datasheet
27Kb / 5P
   Silicon N Channel MOS FET High Speed Switching
2SK3348 HITACHI-2SK3348 Datasheet
40Kb / 8P
   Silicon N Channel MOS FET High Speed Switching
logo
Renesas Technology Corp
2SK3289 RENESAS-2SK3289 Datasheet
44Kb / 7P
   Silicon N Channel MOS FET High Speed Switching
2SK3378 RENESAS-2SK3378 Datasheet
140Kb / 7P
   Silicon N Channel MOS FET High Speed Switching
2SK3348 RENESAS-2SK3348 Datasheet
157Kb / 10P
   Silicon N Channel MOS FET High Speed Switching
2SK3349 RENESAS-2SK3349 Datasheet
97Kb / 12P
   Silicon N Channel MOS FET High Speed Switching
June 1999
logo
Hitachi Semiconductor
2SK3287 HITACHI-2SK3287 Datasheet
40Kb / 8P
   Silicon N Channel MOS FET High Speed Switching
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com