データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TMP105-30 データシート(PDF) 2 Page - Tumbler Technologies + TRUMPower

部品番号 TMP105-30
部品情報  90-105 Watts Medical & ITE Power Adapters
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TRUMPOWER [Tumbler Technologies + TRUMPower]
ホームページ  http://www.trumpower.com
Logo TRUMPOWER - Tumbler Technologies + TRUMPower

TMP105-30 データシート(HTML) 2 Page - Tumbler Technologies + TRUMPower

  TMP105-30 Datasheet HTML 1Page - Tumbler Technologies + TRUMPower TMP105-30 Datasheet HTML 2Page - Tumbler Technologies + TRUMPower  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Tumbler Technologies + TRUMPower
3350 Scott Blvd., Building 13 • Santa Clara, California 95054, USA • 408-988-6616 • sales@trumpower.com • www.TRUMPower.com
TMP105 Series
90-105 Watts Medical & ITE Power Adapters
#TMP105_2012-10-16
MECHANICAL SPECIFICATIONS
R
O
T
C
E
N
N
O
C
T
U
P
T
U
O
C
D
N
I
P
N
O
I
T
C
N
U
F
1
N
R
U
T
E
R
2
V
+
3
N
R
U
T
E
R
4
V
+
L
L
E
H
S
C
N
*
/
D
N
G
C
A
s
l
e
d
o
m
I
I
s
s
a
l
c
n
o
C
N
s
i
ll
e
h
S
*
Output connector: Kycon P/N KPPX-4P 4-pin circular DIN or equivalent.
Mating connector: Kycon P/N KPJX-4S-S or equivalent
Contact TRUMPower for output connector options.
Unit: inch [mm]
Tolerance: 0.02 [0.5] maximum
*The length of the output cable on 12V to 16V output models
is 37.4 inches (950mm) so as to meet CEC efficiency level
V requirements.
*


同様の部品番号 - TMP105-30

メーカー部品番号データシート部品情報
logo
Burr-Brown (TI)
TMP105 BURR-BROWN-TMP105 Datasheet
263Kb / 16P
   Digital Temperature Sensor with Two-Wire Interface
TMP105YZC BURR-BROWN-TMP105YZC Datasheet
263Kb / 16P
   Digital Temperature Sensor with Two-Wire Interface
TMP105YZCR BURR-BROWN-TMP105YZCR Datasheet
263Kb / 16P
   Digital Temperature Sensor with Two-Wire Interface
TMP105YZCRG4 BURR-BROWN-TMP105YZCRG4 Datasheet
263Kb / 16P
   Digital Temperature Sensor with Two-Wire Interface
TMP105YZCT BURR-BROWN-TMP105YZCT Datasheet
263Kb / 16P
   Digital Temperature Sensor with Two-Wire Interface
More results

同様の説明 - TMP105-30

メーカー部品番号データシート部品情報
logo
Tumbler Technologies + ...
TMP400 TRUMPOWER-TMP400 Datasheet
84Kb / 2P
   400 Watts Medical & ITE Power Adapters
TMP220 TRUMPOWER-TMP220 Datasheet
112Kb / 2P
   200-220 Watts Medical & ITE Power Adapters
TMP135 TRUMPOWER-TMP135 Datasheet
107Kb / 2P
   120-135 Watts Medical & ITE Power Adapters
TMP90 TRUMPOWER-TMP90 Datasheet
211Kb / 2P
   90 WATTS MEDICAL POWER ADAPTERS
TMP92 TRUMPOWER-TMP92 Datasheet
167Kb / 2P
   90 Watts Medical Grade Power Adapters
TRM30 TRUMPOWER-TRM30 Datasheet
116Kb / 1P
   30 Watts Medical Power Adapters
TMP65 TRUMPOWER-TMP65 Datasheet
103Kb / 2P
   65 Watts Medical Grade Power Adapters
TMA300 TRUMPOWER-TMA300 Datasheet
183Kb / 1P
   Medical and ITE Grade 300W AC/DC Power Adapters
TMC100 TRUMPOWER-TMC100 Datasheet
77Kb / 2P
   100 Watts Medical & ITE Switching Power Supplies
TMC400 TRUMPOWER-TMC400 Datasheet
192Kb / 2P
   400 Watts AC/DC Medical & ITE Power Supplies
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com