データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SDSA5FK-008G データシート(PDF) 5 Page - List of Unclassifed Manufacturers

部品番号 SDSA5FK-008G
部品情報  Fix 32GB sequential write (SATA-II) value.
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

SDSA5FK-008G データシート(HTML) 5 Page - List of Unclassifed Manufacturers

  SDSA5FK-008G Datasheet HTML 1Page - List of Unclassifed Manufacturers SDSA5FK-008G Datasheet HTML 2Page - List of Unclassifed Manufacturers SDSA5FK-008G Datasheet HTML 3Page - List of Unclassifed Manufacturers SDSA5FK-008G Datasheet HTML 4Page - List of Unclassifed Manufacturers SDSA5FK-008G Datasheet HTML 5Page - List of Unclassifed Manufacturers SDSA5FK-008G Datasheet HTML 6Page - List of Unclassifed Manufacturers SDSA5FK-008G Datasheet HTML 7Page - List of Unclassifed Manufacturers SDSA5FK-008G Datasheet HTML 8Page - List of Unclassifed Manufacturers SDSA5FK-008G Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 45 page
background image
SanDisk SSD U100
Product Manual (Preliminary)
Rev 0.90
© 2011 SanDisk® Corporation
5
Document No. 80-11-XXXXX
5.7
ACOUSTICS.................................................................................................................................... 30
5.8
EMI/RFI COMPLIANCE ................................................................................................................... 30
5.9
ROHS .......................................................................................................................................... 30
5.10
REGULATIONS................................................................................................................................ 31
6.
RELIABILITY CHARACTERISTICS...................................................................................................... 32
6.1
ERROR RATE.................................................................................................................................. 32
6.2
MTTF (MEAN-TIME-TO-FAILURE) .................................................................................................... 32
7.
INTERFACE .................................................................................................................................... 33
7.1
SUPPORTED STANDARDS.................................................................................................................. 33
7.2
PIN ASSIGNMENTS – HALF-SLIM SATA CONNECTOR ............................................................................. 33
7.3
PIN ASSIGNMENTS – MSATA ........................................................................................................... 34
8.
SUPPORTED ATA COMMANDS ...................................................................................................... 35
8.1
IDENTIFY DATA .............................................................................................................................. 39
8.2
LOG PAGES ................................................................................................................................... 43
9.
ORDERING INFORMATION ............................................................................................................ 44
9.1
SANDISK SSD U100 MLC PRODUCTS ORDERING INFORMATION ............................................................ 44
10.
CONTACT INFORMATION ......................................................................................................... 45


同様の部品番号 - SDSA5FK-008G

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
SDSA1175 ETC2-SDSA1175 Datasheet
520Kb / 2P
   Square D Type 1 Surge Protective Devices
logo
Schneider Electric
SDSA1175FE SCHNEIDER-SDSA1175FE Datasheet
75Kb / 3P
   Surge Protect - 36kA - 120/240VAC - 1P3W - T4X - 10xPack
SDSA1175T SCHNEIDER-SDSA1175T Datasheet
90Kb / 3P
   Surge Protect - 36kA - 120VAC - 1P3W - 25 kA - T1
SDSA2040 SCHNEIDER-SDSA2040 Datasheet
123Kb / 3P
   Surge Protect - 40kA - 208Y/120VAC - 3P4W - T4X
SDSA2040D SCHNEIDER-SDSA2040D Datasheet
92Kb / 3P
   Surge Protect - 40kA - 240VAC delta - 3P3W - T4X
More results

同様の説明 - SDSA5FK-008G

メーカー部品番号データシート部品情報
logo
Maxim Integrated Produc...
MAX4951 MAXIM-MAX4951 Datasheet
245Kb / 8P
   SATA I/SATA II Bidirectional Re-Driver
Rev 0; 6/08
MAX4951 MAXIM-MAX4951_09 Datasheet
244Kb / 9P
   SATA I/SATA II Bidirectional Re-Driver
Rev 1; 5/09
logo
Axiomtek Co., Ltd.
FSA AXIOMTEK-FSA Datasheet
233Kb / 1P
   SATA II standard interface
logo
Advantech Co., Ltd.
SQF-SMS520 ADVANTECH-SQF-SMS520 Datasheet
569Kb / 1P
   SATA II (3.0Gb) mSATA
logo
JMicron Technology Corp...
JMF602 JMICRON-JMF602 Datasheet
96Kb / 3P
   SATA II to Flash Controller
logo
Advantech Co., Ltd.
SQF-S25-520 ADVANTECH-SQF-S25-520 Datasheet
623Kb / 1P
   SATA II (3.0Gb) 2.5" SSD
30-Jan-2013
SQF-S25520 ADVANTECH-SQF-S25520 Datasheet
637Kb / 1P
   SATA II (3.0Gb) 2.5 SSD
30-Jan-2013
logo
JMicron Technology Corp...
JMS539 JMICRON-JMS539 Datasheet
76Kb / 2P
   SuperSpeed USB to SATA II 3.0G Bridge
logo
Integrated Silicon Solu...
IS42VM83200D ISSI-IS42VM83200D Datasheet
490Kb / 23P
   Sequential and Interleave
logo
PHOENIX CONTACT
1585155 PHOENIX-1585155 Datasheet
90Kb / 3P
   HC-M-MHR-FIX
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com