データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74VHC244MX データシート(PDF) 1 Page - Fairchild Semiconductor

部品番号 74VHC244MX
部品情報  Octal Buffer/Line Driver with 3-STATE Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VHC244MX データシート(HTML) 1 Page - Fairchild Semiconductor

  74VHC244MX Datasheet HTML 1Page - Fairchild Semiconductor 74VHC244MX Datasheet HTML 2Page - Fairchild Semiconductor 74VHC244MX Datasheet HTML 3Page - Fairchild Semiconductor 74VHC244MX Datasheet HTML 4Page - Fairchild Semiconductor 74VHC244MX Datasheet HTML 5Page - Fairchild Semiconductor 74VHC244MX Datasheet HTML 6Page - Fairchild Semiconductor 74VHC244MX Datasheet HTML 7Page - Fairchild Semiconductor 74VHC244MX Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© 2005 Fairchild Semiconductor Corporation
DS011522
www.fairchildsemi.com
November 1992
Revised April 2005
74VHC244
Octal Buffer/Line Driver with 3-STATE Outputs
General Description
The VHC244 is an advanced high speed CMOS octal bus
buffer fabricated with silicon gate CMOS technology. It
achieves high speed operation similar to equivalent Bipolar
Schottky TTL while maintaining the CMOS low power dissi-
pation. The VHC244 is a non-inverting 3-STATE buffer hav-
ing two active-LOW output enables. These devices are
designed to be used as 3-STATE memory address drivers,
clock drivers, and bus oriented transmitter/receivers.
An input protection circuit ensures that 0V to 7V can be
applied to the input pins without regard to the supply volt-
age. This device can be used to interface 5V to 3V systems
and two supply systems such as battery back up. This cir-
cuit prevents device destruction due to mismatched supply
and input voltages.
Features
s High Speed: tPD 3.9ns (typ) at VCC 5V
s High noise immunity: VNIH VNIL 28% VCC (min)
s Power down protection is provided on all inputs
s Low noise: VOLP 0.6V (typ)
s Low power dissipation: ICC 4 PA (max) @ TA 25qC
s Pin and function compatible with 74HC244
Ordering Code:
Surface mount packages are also available on Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Pb-Free package per JEDEC J-STD-020B.
Logic Symbol
IEEE/IEC
Connection Diagram
Order Number
Package Number
Package Description
74VHC244M
M20B
20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300" Wide
74VHC244SJ
M20D
Pb-Free 20-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
74VHC244MTC
MTC20
20-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
74VHC244N
N20A
20-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide


同様の部品番号 - 74VHC244MX

メーカー部品番号データシート部品情報
logo
STMicroelectronics
74VHC244M STMICROELECTRONICS-74VHC244M Datasheet
65Kb / 8P
   OCTAL BUS BUFFER WITH 3 STATE OUTPUTS NON INVERTED
June 1999
logo
Fairchild Semiconductor
74VHC244M FAIRCHILD-74VHC244M Datasheet
84Kb / 8P
   Octal Buffer/Line Driver with 3-STATE Outputs
logo
ON Semiconductor
74VHC244M ONSEMI-74VHC244M Datasheet
205Kb / 10P
   Octal Buffer/Line Driver
Revised April 2005
logo
Fairchild Semiconductor
74VHC244MTC FAIRCHILD-74VHC244MTC Datasheet
84Kb / 8P
   Octal Buffer/Line Driver with 3-STATE Outputs
logo
ON Semiconductor
74VHC244MTC ONSEMI-74VHC244MTC Datasheet
205Kb / 10P
   Octal Buffer/Line Driver
Revised April 2005
More results

同様の説明 - 74VHC244MX

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
74VHC244 FAIRCHILD-74VHC244 Datasheet
84Kb / 8P
   Octal Buffer/Line Driver with 3-STATE Outputs
74AC244 FAIRCHILD-74AC244 Datasheet
111Kb / 10P
   Octal Buffer/Line Driver with 3-STATE Outputs
logo
Motorola, Inc
SN54LS240 MOTOROLA-SN54LS240 Datasheet
191Kb / 6P
   OCTAL BUFFER/LINE DRIVER WITH 3-STATE OUTPUTS
logo
ON Semiconductor
MC74AC244 ONSEMI-MC74AC244_15 Datasheet
93Kb / 7P
   Octal Buffer/Line Driver with 3-State Outputs
February, 2015 ??Rev. 8
MC74ACT241 ONSEMI-MC74ACT241_15 Datasheet
89Kb / 7P
   Octal Buffer/Line Driver with 3-State Outputs
February, 2015 ??Rev. 6
logo
Fairchild Semiconductor
74AC540 FAIRCHILD-74AC540_05 Datasheet
97Kb / 7P
   Octal Buffer/Line Driver with 3-STATE Outputs
logo
ON Semiconductor
MC74AC244 ONSEMI-MC74AC244 Datasheet
91Kb / 8P
   Octal Buffer/Line Driver with 3-State Outputs
May, 2001 ??Rev. 5
74AC244 ONSEMI-74AC244 Datasheet
396Kb / 14P
   Octal Buffer/Line Driver with 3-STATE Outputs
January 2008 Rev. 1.4.0
74VHC240 ONSEMI-74VHC240 Datasheet
263Kb / 11P
   Octal Buffer/Line Driver with 3-STATE Outputs
April 2007 Rev. 1.3
logo
Fairchild Semiconductor
74ABT240 FAIRCHILD-74ABT240 Datasheet
105Kb / 8P
   Octal Buffer/Line Driver with 3-STATE Outputs
74ABT244 FAIRCHILD-74ABT244 Datasheet
125Kb / 11P
   Octal Buffer/Line Driver with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com