データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

6TPE470M データシート(PDF) 4 Page - List of Unclassifed Manufacturers

部品番号 6TPE470M
部品情報  TPE series has low ESR and can aid in creating thinner and smaller products.
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

6TPE470M データシート(HTML) 4 Page - List of Unclassifed Manufacturers

  6TPE470M Datasheet HTML 1Page - List of Unclassifed Manufacturers 6TPE470M Datasheet HTML 2Page - List of Unclassifed Manufacturers 6TPE470M Datasheet HTML 3Page - List of Unclassifed Manufacturers 6TPE470M Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Catalog Deletion and
EOL series
Image of
case size
Products list
Packing
specifications
(SMD type)
Packing
specifications
(Radial lead type)
Characteristics
Fundamental
structure
Recommended
soldering
condition
Reliability
OS-CON
Line-up
Guidelines and
precautions for use
SVPF
SVPE
SVPS
SVPD
SVPC
SVPB
SVPA
SVQP
SVP
SEPF
SEPC
SEQP
SEP
Series system
diagram
TPU
TPH
TPG
TPSF
TPE
TPB/TPC
TPL・TPLF
TPF
TA
TV
TH
TQC
POSCAP
Line-up
Guidelines and
precautions for use
Image of
case size
Products list
Explanation of
part numbers
Packing
specifications
Series system
diagram
Marking
Reliability
Recommended
land pattern
dimension
Recommended
soldering
condition
Characteristics
Fundamental
structure
SVPF
SVPE
SVPS
SVPD
SVPC
SVPB
SVPA
SVQP
SVP
SEPF
SEPC
SEQP
SEP
Characteristics
Fundamental
structure
Recommended
soldering
condition
Reliability
OS-CON
Line-up
Catalog Deletion and
EOL series
Image of
case size
Products list
Packing
specifications
(SMD type)
Packing
specifications
(Radial lead type)
Series system
diagram
Guidelines and
precautions for use
TPU
TPH
TPG
TPSF
TPE
TPB/TPC
TPL・TPLF
TPF
TA
TV
TH
TQC
Marking
Reliability
Recommended
land pattern
dimension
Recommended
soldering
condition
Characteristics
Fundamental
structure
Image of
case size
Products list
Explanation of
part numbers
Packing
specifications
POSCAP
Line-up
Catalog Deletion and
EOL models
Guidelines and
precautions for use
Series system
diagram
Catalog Deletion and
EOL models
TPE
TPE
94
95
Red letters:New models
TPESeries
RoHS compliance
Surface
mount type
Low ESR
Surface mount type
TPE Series
RV : Rated voltage
Endurance
Characteristics of impedance
ratio at high temp.
and low temp.
Damp heat (Steady State)
Surge
△C/C
DF
LC
△C/C
DF
LC
△C/C
DF
LC
−55℃
+105℃
Z/Z20℃
Z/Z20℃
−55 to +105
M : ±20
68 to 1,500
Please see the attached characteristics list
Please see the attached characteristics list
Please see the attached characteristics list
Specifications
Items
0.6 to 2.0
0.6 to 2.0
Within±20% of the initial value
<
1.5 times of the initial limit
Within the initial limit
Within+40%, −20% of the initial value (Except for the above model)
<
1.5 times of the initial limit
<
3 times of the initial limit
Within±5% of the initial value
Within the initial limit
<
3 times of the initial limit
Rated voltage
Surge voltage
Category temperature range
Capacitance tolerance
Rated capacitance range
Dissipation Factor (DF)
Leakage current
Equivalent series resistance (ESR)
(V)
(V)
(℃)
(%)
(μF)
105℃, 2,000h,
rated voltage applied
※Rated temp, 85℃ products:
85℃, 1,000h, rated voltage applied
6TPE330MAP,6TPE470MAZU:85℃,2,000h
100kHz/+20℃
60℃, 90 to 95%RH, 500h,
No-applied voltage
105℃, 1,000 cycles,
1kΩ discharge resistance,
surge voltage applied
※Rated temp. 85℃ products:85℃
Condition
120Hz/20℃
120Hz/20℃
120Hz/20℃
Rated voltage applied, after 5 minutes
100kHz/20℃
Within+50%, −20% of the initial value〈2R5TPE470M (
,F,C,9,7),
2R5TPE330M (
,F,C,9,7), 2R5TPE220M (,F,C,9,7),
2R5TPE1000M (
,F), 2R5TPE1500M (F,C)〉
2.5
2.9
4.0
4.6
6.3
7.2
10
12
L
S
W1
S
TPE series has low ESR and can aid in creating thinner and smaller products.
(unit: mm)
L ±0.3
W ±0.2
H ±0.2※1
W1 ±0.1
2.4
2.4
2.4
2.4
7.3
7.3
7.3
7.3
D15E
D2E
D3L
D4
4.3
4.3
4.3
4.3
1.4
1.8
2.8
3.8
S ±0.2
1.1
1.3
1.3
1.3
※1 ±0.1:D2E,D15E
Size code
TPE series characteristics list
Specifications
Dimensions
Size list
D2E
D15E
D3L
D4
6TPE470MAZU
10TPE68M
6TPE330MAP
6TPE220MAP
6TPE220M
6TPE220MI
6TPE150M
6TPE150MI
6TPE150MF
6TPE100M
6TPE100MI
4TPE330M
4TPE330MI
4TPE220M
4TPE220MI
4TPE220MF
4TPE150MI
2R5TPE470MI
2R5TPE470MF
2R5TPE470MC
2R5TPE470M9
2R5TPE470M7
2R5TPE330M
2R5TPE330MI
2R5TPE330MF
2R5TPE330MC
2R5TPE330M9
2R5TPE330M7
2R5TPE220M
2R5TPE220MI
2R5TPE220MF
2R5TPE220M9
10TPE220ML
10TPE220MIL
6TPE330MAL
6TPE330MA9EL
6TPE330ML
6TPE330MIL
6TPE330MFL
4TPE470MAL
4TPE470ML
4TPE470MIL
4TPE470MFL
4TPE470MCL
2R5TPE680MFL
2R5TPE680MCL
10TPE330M
6TPE680M
6TPE680MI
6TPE470M
6TPE470MI
6TPE330MAA
2R5TPE1000MF
2R5TPE1500MF
2R5TPE1500MC
6.3
10
6.3
6.3
6.3
6.3
6.3
6.3
6.3
6.3
6.3
4.0
4.0
4.0
4.0
4.0
4.0
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
10
10
6.3
6.3
6.3
6.3
6.3
4.0
4.0
4.0
4.0
4.0
2.5
2.5
10
6.3
6.3
6.3
6.3
6.3
2.5
2.5
2.5
85
105
85
85
105
105
105
105
105
105
105
105
105
105
105
105
105
105
105
105
105
105
105
105
105
105
105
105
105
105
105
105
105
105
85
85
105
105
105
105
105
105
105
105
105
105
105
105
105
105
105
85
105
105
105
470
68
330
220
220
220
150
150
150
100
100
330
330
220
220
220
150
470
470
470
470
470
330
330
330
330
330
330
220
220
220
220
220
220
330
330
330
330
330
470
470
470
470
470
680
680
330
680
680
470
470
330
1000
1500
1500
5.0
10
5.0
5.0
6.3
6.3
6.3
6.3
6.3
6.3
6.3
4.0
4.0
4.0
4.0
4.0
4.0
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
10
10
5.0
5.0
6.3
6.3
6.3
4.0
4.0
4.0
4.0
4.0
2.5
2.5
10
6.3
6.3
6.3
6.3
5.0
2.5
2.5
2.5
105
105
105
105
105
105
105
105
105
105
105
105
105
105
105
105
105
105
105
105
105
105
105
105
105
105
105
105
105
105
105
105
105
105
105
105
105
105
105
105
105
105
105
105
105
105
105
105
105
105
105
105
105
105
105
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
15
15
15
15
10
15
15
15
296.1
68.0
207.9
138.6
138.6
138.6
94.5
94.5
94.5
63.0
63.0
132.0
132.0
88.0
88.0
88.0
60.0
117.5
117.5
117.5
117.5
117.5
82.5
82.5
82.5
82.5
82.5
82.5
55.0
55.0
55.0
55.0
220.0
220.0
207.9
207.9
207.9
207.9
207.9
188.0
188.0
188.0
188.0
188.0
170.0
170.0
330.0
428.4
428.4
296.1
296.1
207.9
250.0
375.0
375.0
35
25
25
25
25
18
25
18
15
25
18
25
18
25
18
15
18
18
15
12
9
7
25
18
15
12
9
7
25
18
15
9
25
18
25
25
18
15
10
25
18
15
12
15
12
25
25
18
25
18
10
15
15
12
1700
2400
2400
2400
2400
2800
2400
2800
3100
2400
2800
2400
2800
2400
2800
3100
2800
2800
3100
3500
3900
4400
2400
2800
3100
3500
3900
4400
2400
2800
3100
3900
2400
2800
2400
3900
2400
2800
3100
4400
2400
2800
3100
3500
3100
3500
3000
3000
3500
3000
3500
4400
3900
3900
4400
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
̶
̶
3
3
3
3
3
3
3
3
3
3
3
3
̶
3
3
3
3
3
3
̶
̶
2a
2a
2a
2a
2a
2a
2a
2a
2a
2a
2a
2a
2a
2a
2a
2a
2a
2a
2a
2a
2a
2a
2a
2a
2a
2a
2a
2a
2a
2a
2a
2a
2a
2a
2a
2a
2a
2a
2a
2a
2a
2a
2a
2a
2a
2a
2a
2a
2a
2a
2a
2a
2a
2a
2a
9/500k
Part number
Rated
voltage
(V)
Rated
temperature
(℃)
Rated
capacitance
(μF)
Category
voltage
(V)
Category
temperature
(℃)
DF
(% max)
LC
(μA)
max/5min.
ESR
(mΩmax)
100kHz/20℃
Maximum allowable
ripple current
(mArms)
100kHz※1
MSL
Reflow
temp.
<
260℃
Reflow
temp.
<
250℃
Size
code
RV
μF
4.0
6.3
68
100
150
220
330
470
680
1,000
1,500
D2E
D2E
D2E
D3L
D2E
D2E
D2E
D2E,D3L,D4
D4,D15E
D4
10.0
D2E
D3L
D4
2.5
D2E
D2E
D2E
D3L
D4
D4
Update
Update


同様の部品番号 - 6TPE470M

メーカー部品番号データシート部品情報
logo
Panasonic Semiconductor
6TPE470M PANASONIC-6TPE470M Datasheet
86Kb / 4P
   Surface Mount Type
6TPE470M PANASONIC-6TPE470M Datasheet
792Kb / 8P
   Conductive Polymer Tantalum Solid Capacitors
28-Apr-22
6TPE470M PANASONIC-6TPE470M Datasheet
792Kb / 8P
   Conductive Polymer Tantalum Solid Capacitors
28-Apr-22
6TPE470MAZU PANASONIC-6TPE470MAZU Datasheet
86Kb / 4P
   Surface Mount Type
6TPE470MAZU PANASONIC-6TPE470MAZU Datasheet
792Kb / 8P
   Conductive Polymer Tantalum Solid Capacitors
28-Apr-22
More results

同様の説明 - 6TPE470M

メーカー部品番号データシート部品情報
logo
ALPS ELECTRIC CO.,LTD.
SKRK ALPS-SKRK_15 Datasheet
671Kb / 4P
   1.5mm or 2mm stem height contribute to smaller and thinner sets
logo
Dubilier
DSHX DUBILIER-DSHX Datasheet
265Kb / 3P
   LOW IMPEDANCE AND LOW ESR
logo
Cornell Dubilier Electr...
401C CDE-401C Datasheet
349Kb / 7P
   Low-ESR, Wide Temperature Grade The Ultimate in Cold Performance and ESR
logo
Vishay Siliconix
T83 VISHAY-T83 Datasheet
585Kb / 19P
   Standard and low ESR options
Revision: 14-Nov-16
logo
Kemet Corporation
B45190E KEMET-B45190E Datasheet
464Kb / 16P
   Low Profile, Standard and Low ESR
logo
Kingston Technology Far...
SNVS KINGSTON-SNVS Datasheet
2Mb / 2P
   Efficient performance for thinner notebooks and systems
logo
PUI audio inc.
AMP2X15 PUIAUDIO-AMP2X15 Datasheet
838Kb / 8P
   purpose-built to aid and assist engineers in prototyping audio solutions
logo
Dubilier
DSHX33010TA DUBILIER-DSHX33010TA_11 Datasheet
265Kb / 3P
   CAPACITORS LOW IMPEDANCE AND LOW ESR DSHX
DSHX33010TA DUBILIER-DSHX33010TA Datasheet
167Kb / 3P
   CAPACITORS LOW IMPEDANCE AND LOW ESR DSHX
logo
Cynergy3 Co
LM10A CYNERGY3-LM10A Datasheet
1Mb / 2P
   For smaller tanks and restricted space
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com