データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BC328 データシート(PDF) 1 Page - Fairchild Semiconductor

部品番号 BC328
部品情報  Switching and Amplifier Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

BC328 データシート(HTML) 1 Page - Fairchild Semiconductor

  BC328 Datasheet HTML 1Page - Fairchild Semiconductor BC328 Datasheet HTML 2Page - Fairchild Semiconductor BC328 Datasheet HTML 3Page - Fairchild Semiconductor BC328 Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
©2002 Fairchild Semiconductor Corporation
Rev. B1, August 2002
PNP Epitaxial Silicon Transistor
Absolute Maximum Ratings T
a=25°C unless otherwise noted
Electrical Characteristics T
a=25°C unless otherwise noted
hFE Classification
Symbol
Parameter
Value
Units
VCES
Collector-Emitter Voltage
: BC327
: BC328
-50
-30
V
V
VCEO
Collector-Emitter Voltage
: BC327
: BC328
-45
-25
V
V
VEBO
Emitter-Base Voltage
-5
V
IC
Collector Current (DC)
-800
mA
PC
Collector Power Dissipation
625
mW
TJ
Junction Temperature
150
°C
TSTG
Storage Temperature
-55 ~ 150
°C
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Units
BVCEO
Collector-Emitter Breakdown Voltage
: BC327
: BC328
IC= -10mA, IB=0
-45
-25
V
V
BVCES
Collector-Emitter Breakdown Voltage
: BC327
: BC328
IC= -0.1mA, VBE=0
-50
-30
V
V
BVEBO
Emitter-Base Breakdown Voltage
IE= -10µA, IC=0
-5
V
ICES
Collector Cut-off Current
: BC327
: BC328
VCE= -45V, VBE=0
VCE= -25V, VBE=0
-2
-2
-100
-100
nA
nA
hFE1
hFE2
DC Current Gain
VCE= -1V, IC= -100mA
VCE= -1V, IC= -300mA
100
40
630
VCE (sat)
Collector-Emitter Saturation Voltage
IC= -500mA, IB= -50mA
-0.7
V
VBE (on)
Base-Emitter On Voltage
VCE= -1V, IC= -300mA
-1.2
V
fT
Current Gain Bandwidth Product
VCE= -5V, IC= -10mA, f=20MHz
100
MHz
Cob
Output Capacitance
VCB= -10V, IE=0, f=1MHz
12
pF
Classification
16
25
40
hFE1
100 ~ 250
160 ~ 400
250 ~ 630
hFE2
60-
100-
170-
BC327/328
Switching and Amplifier Applications
• Suitable for AF-Driver stages and low power output stages
• Complement to BC337/BC338
1. Collector 2. Base 3. Emitter
TO-92
1


同様の部品番号 - BC328

メーカー部品番号データシート部品情報
logo
Motorola, Inc
BC328 MOTOROLA-BC328 Datasheet
160Kb / 4P
   Amplifier Transistors(PNP)
logo
Dc Components
BC328 DCCOM-BC328 Datasheet
215Kb / 1P
   TECHNICAL SPECIFICATIONS OF PNP EPITAXIAL PLANAR TRANSISTOR
logo
SHENZHEN KOO CHIN ELECT...
BC328 KOOCHIN-BC328 Datasheet
229Kb / 3P
   TRANSISTOR (PNP)
logo
Semtech Corporation
BC328 SEMTECH-BC328 Datasheet
424Kb / 5P
   PNP Silicon Epitaxial Planar Transistor for switching and amplifier applications?
logo
SeCoS Halbleitertechnol...
BC328 SECOS-BC328 Datasheet
110Kb / 3P
   PNP General PurposeTransistor
More results

同様の説明 - BC328

メーカー部品番号データシート部品情報
logo
Unisonic Technologies
BC807 UTC-BC807_09 Datasheet
201Kb / 4P
   SWITCHING AND AMPLIFIER APPLICATIONS
logo
Fairchild Semiconductor
BC636 FAIRCHILD-BC636_09 Datasheet
111Kb / 5P
   Switching and Amplifier Applications
logo
Unisonic Technologies
BC337 UTC-BC337_11 Datasheet
148Kb / 3P
   SWITCHING AND AMPLIFIER APPLICATIONS
logo
Fairchild Semiconductor
BC33716 FAIRCHILD-BC33716 Datasheet
33Kb / 3P
   Switching and Amplifier Applications
logo
Unisonic Technologies
BC546 UTC-BC546 Datasheet
108Kb / 4P
   SWITCHING AND AMPLIFIER APPLICATIONS
logo
Fairchild Semiconductor
BC807 FAIRCHILD-BC807 Datasheet
72Kb / 6P
   Switching and Amplifier Applications
MPS651 FAIRCHILD-MPS651 Datasheet
57Kb / 3P
   Switching and Amplifier Applications
BC337 FAIRCHILD-BC337 Datasheet
27Kb / 3P
   SWITCHING AND AMPLIFIER APPLICATIONS
logo
Unisonic Technologies
UTCBC337 UTC-UTCBC337 Datasheet
47Kb / 2P
   SWITCHING AND AMPLIFIER APPLICATIONS
BC327 UTC-BC327 Datasheet
86Kb / 4P
   SWITCHING AND AMPLIFIER APPLICATIONS
logo
Fairchild Semiconductor
BC33740TA FAIRCHILD-BC33740TA Datasheet
33Kb / 3P
   Switching and Amplifier Applications
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com