データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SDSDAB-064G データシート(PDF) 6 Page - List of Unclassifed Manufacturers

部品番号 SDSDAB-064G
部品情報  SanDisk SD Card
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

SDSDAB-064G データシート(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button SDSDAB-064G Datasheet HTML 2Page - List of Unclassifed Manufacturers SDSDAB-064G Datasheet HTML 3Page - List of Unclassifed Manufacturers SDSDAB-064G Datasheet HTML 4Page - List of Unclassifed Manufacturers SDSDAB-064G Datasheet HTML 5Page - List of Unclassifed Manufacturers SDSDAB-064G Datasheet HTML 6Page - List of Unclassifed Manufacturers SDSDAB-064G Datasheet HTML 7Page - List of Unclassifed Manufacturers SDSDAB-064G Datasheet HTML 8Page - List of Unclassifed Manufacturers SDSDAB-064G Datasheet HTML 9Page - List of Unclassifed Manufacturers SDSDAB-064G Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
SanDisk SD Card - OEM Product Manual
Introduction
11/2010, Version 2.9. © 2007 - 2010 SanDisk Corporation. SanDisk Confidential, subject to all applicable non-disclosure
agreements
3
3
1.2
Features
General features of cards in the SanDisk SD Card include:
SD-protocol compatible
Supports SPI Mode
Targeted for portable and stationary applications for secured (content protected) and
unsecured data storage
Voltage range of 2.7 to 3.6V
Variable clock rate 0-25 MHz (standard), 0-50 MHz (high performance) . 0-100MHz
(Ultra High Speed)
Up to 50 MB/sec data transfer rate (using four parallel data lines)
Memory field error correction
Password protection
Write-protection using mechanical switch
Built-in write protection features (permanent and temporary)
Supports card detection (insertion and removal)
Application-specific commands
1.3
Scope
This document describes key features and specifications of the SanDisk SD Card as well as
the information required to interface this product to a host system. Chapter 2 describes the
physical and mechanical properties of cards in the SanDisk SD Card, Chapter 3 contains the
pins and register overview, and Chapter 4 gives a general overview of the SD protocol.
Information about SPI Protocol can be referenced in Section 7 of the SDA Physical Layer
Specification, Version 3.01.
1.4
SD Card Standard
SanDisk SD cards are fully compatible with the SDA Physical Layer Specification, Version
3.01. This specification is available from the SD Card Association (SDA).
SD Card Association
2400 Camino Ramon, Suite 375
San Ramon, CA 94583
USA
Telephone: +1 (925) 275-6615
Fax: +1 (925) 886-4870
E-mail: office@sdcard.org
Web site: www.sdcard.org
1.5
Functional Description
The family of SanDisk SD cards contains a high-level, intelligent subsystem as shown in
Figure 1-1. This intelligent (microprocessor) subsystem provides many capabilities not found
in other types of memory cards. These capabilities include:
Host independence from details of erasing and programming flash memory
Sophisticated system for managing defects (analogous to systems found in magnetic disk
drives)
Sophisticated system for error recovery including a powerful ECC
Power management for low power operation
1.5.1
Technology Independence
The 512-byte sector size of a card in the SanDisk SD Card is the same as that in an IDE
magnetic disk drive. To write or read a sector (or multiple sectors), the host software simply


同様の部品番号 - SDSDAB-064G

メーカー部品番号データシート部品情報
logo
Analog Devices
SDSDB-256-A10 AD-SDSDB-256-A10 Datasheet
1Mb / 75P
   ADSP-BF506F EZ-KIT Lite짰 Evaluation System Manual
Revision 1.0 December2009
logo
List of Unclassifed Man...
SDSDM-256 ETC2-SDSDM-256 Datasheet
435Kb / 40P
   SanDisk SD Card Product Family
SDSDQ2-2048 ETC2-SDSDQ2-2048 Datasheet
1Mb / 2P
   From the world leader in flash memory cards
SDSDQAB-004G ETC2-SDSDQAB-004G Datasheet
768Kb / 27P
   OEM Product Manual
SDSDQAB-004G ETC1-SDSDQAB-004G Datasheet
1Mb / 4P
   Transforming possibilities into reality
More results

同様の説明 - SDSDAB-064G

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
SDSDM-256 ETC2-SDSDM-256 Datasheet
435Kb / 40P
   SanDisk SD Card Product Family
SDSQUAR-016G-GN6MA ETC1-SDSQUAR-016G-GN6MA Datasheet
205Kb / 1P
   16GB SANDISK ULTRA microSDHC CLASS 10 MEMORY CARD
logo
Red Lion Controls. Inc
NTCD-128 REDLION-NTCD-128 Datasheet
396Kb / 1P
   SD Card
logo
Western Digital Corpora...
SDIN7DP2-4G WESTERN-SDIN7DP2-4G Datasheet
351Kb / 2P
   SanDisk Commercial Embedded Storage Solutions
logo
FCI connector
10067847-001RLF FCI-CONNECTOR-10067847-001RLF Datasheet
269Kb / 8P
   SD CARD CONNECTOR
logo
Advantech Co., Ltd.
SQF-ISD ADVANTECH-SQF-ISD Datasheet
269Kb / 1P
   Industrial SD Card
15-Jan-2014
logo
List of Unclassifed Man...
412D02F-09PC003SV ETC2-412D02F-09PC003SV Datasheet
251Kb / 1P
   SD Card Receptacle
logo
Hirose Electric
DM1AA-SF-PEJ HIROSE-DM1AA-SF-PEJ Datasheet
259Kb / 6P
   SD Memory Card Connectors
logo
Mitsumi Electronics, Co...
CIM-F23 MITSUMI-CIM-F23 Datasheet
165Kb / 2P
   SD Memory Card Connectors
logo
Kyocera Kinseki Corpota...
5138 KSS-5138 Datasheet
413Kb / 2P
   micro SD Card Connector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com