データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD9281 データシート(PDF) 3 Page - Analog Devices

部品番号 AD9281
部品情報  Dual Channel 8-Bit Resolution CMOS ADC
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD9281 データシート(HTML) 3 Page - Analog Devices

  AD9281 Datasheet HTML 1Page - Analog Devices AD9281 Datasheet HTML 2Page - Analog Devices AD9281 Datasheet HTML 3Page - Analog Devices AD9281 Datasheet HTML 4Page - Analog Devices AD9281 Datasheet HTML 5Page - Analog Devices AD9281 Datasheet HTML 6Page - Analog Devices AD9281 Datasheet HTML 7Page - Analog Devices AD9281 Datasheet HTML 8Page - Analog Devices AD9281 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
–3–
AD9281
Parameter
Symbol
Min
Typ
Max
Units
Condition
DYNAMIC PERFORMANCE (SE)
1
Signal-to-Noise and Distortion
SINAD
f = 3.58 MHz
47.2
dB
Signal-to-Noise
SNR
f = 3.58 MHz
48
dB
Total Harmonic Distortion
THD
f = 3.58 MHz
–55
dB
Spurious Free Dynamic Range
SFDR
f = 3.58 MHz
–58
dB
DIGITAL INPUTS
High Input Voltage
VIH
2.4
V
Low Input Voltage
VIL
0.3
V
DC Leakage Current
IIN
±6
µA
Input Capacitance
CIN
2pF
LOGIC OUTPUT (with DVDD = 3 V)
High Level Output Voltage
(IOH = 50 µA)
VOH
2.88
V
Low Level Output Voltage
(IOL = 1.5 mA)
VOL
0.095
V
LOGIC OUTPUT (with DVDD = 5 V)
High Level Output Voltage
(IOH = 50 µA)
VOH
4.5
V
Low Level Output Voltage
(IOL = 1.5 mA)
VOL
0.4
V
Data Valid Delay
tOD
11
ns
MUX Select Delay
tMD
7ns
Data Enable Delay
tED
13
ns
CL = 20 pF. Output Level to
90% of Final Value
Data High-Z Delay
tDHZ
13
ns
CLOCKING
Clock Pulsewidth High
tCH
16.9
ns
Clock Pulsewidth Low
tCL
16.9
ns
Pipeline Latency
3.0
Cycles
NOTES
1SE is single ended input, REFT = 1.5 V, REFB = –0.5 V.
2AIN differential 2 V p-p, REFT = 1.5 V, REFB = –0.5 V.
3IMD referred to larger of two input signals.
Specifications subject to change without notice.
CLOCK
INPUT
SELECT
INPUT
DATA
OUTPUT
ADC SAMPLE
#2
ADC SAMPLE
#3
ADC SAMPLE
#4
ADC SAMPLE
#5
Q CHANNEL
OUTPUT ENABLED
I CHANNEL
OUTPUT ENABLED
SAMPLE #1-3
Q CHANNEL
OUTPUT
SAMPLE #1-2
Q CHANNEL
OUTPUT
SAMPLE #1-1
Q CHANNEL
OUTPUT
SAMPLE #1-1
I CHANNEL
OUTPUT
SAMPLE #1
Q CHANNEL
OUTPUT
SAMPLE #1
I CHANNEL
OUTPUT
SAMPLE #2
Q CHANNEL
OUTPUT
tMD
tOD
ADC SAMPLE
#1
Figure 1. ADC Timing
REV. F


同様の部品番号 - AD9281

メーカー部品番号データシート部品情報
logo
Analog Devices
AD9281 AD-AD9281 Datasheet
406Kb / 19P
   Dual Channel 8-Bit Resolution CMOS ADC
REV. E
AD9281 AD-AD9281 Datasheet
411Kb / 16P
   Resolution CMOS ADC
AD9281-EB AD-AD9281-EB Datasheet
406Kb / 19P
   Dual Channel 8-Bit Resolution CMOS ADC
REV. E
AD9281-EB AD-AD9281-EB Datasheet
902Kb / 28P
   High Speed ADC USB FIFO Evaluation Kit
REV. 0
AD9281ARS AD-AD9281ARS Datasheet
406Kb / 19P
   Dual Channel 8-Bit Resolution CMOS ADC
REV. E
More results

同様の説明 - AD9281

メーカー部品番号データシート部品情報
logo
Analog Devices
AD9281ARSZ AD-AD9281ARSZ Datasheet
329Kb / 15P
   Dual Channel 8-Bit Resolution CMOS ADC
Rev. F
AD9281 AD-AD9281_15 Datasheet
329Kb / 15P
   Dual Channel 8-Bit Resolution CMOS ADC
REV. F
AD9281 AD-AD9281 Datasheet
406Kb / 19P
   Dual Channel 8-Bit Resolution CMOS ADC
REV. E
AD9201ARSZ AD-AD9201ARSZ Datasheet
75Kb / 4P
   Dual Channel, 20 MHz 10-Bit Resolution CMOS ADC
REV. D
AD9201 AD-AD9201 Datasheet
431Kb / 20P
   Dual Channel, 20 MHz 10-Bit Resolution CMOS ADC
REV. D
AD9281 AD-AD9281_17 Datasheet
411Kb / 16P
   Resolution CMOS ADC
AD9201 AD-AD9201_17 Datasheet
467Kb / 21P
   Resolution CMOS ADC
logo
Maxim Integrated Produc...
MAX19506 MAXIM-MAX19506_V01 Datasheet
1Mb / 35P
   Dual-Channel, 8-Bit, 100Msps ADC
2010
MAX19505 MAXIM-MAX19505 Datasheet
454Kb / 34P
   Dual-Channel, 8-Bit, 65Msps ADC
Rev 0; 10/08
MAX19507 MAXIM-MAX19507 Datasheet
417Kb / 34P
   Dual-Channel, 8-Bit, 130Msps ADC
Rev 0; 10/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com