データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74HC14D-Q100 データシート(PDF) 1 Page - NXP Semiconductors

部品番号 74HC14D-Q100
部品情報  Hex inverting Schmitt trigger
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC14D-Q100 データシート(HTML) 1 Page - NXP Semiconductors

  74HC14D-Q100 Datasheet HTML 1Page - NXP Semiconductors 74HC14D-Q100 Datasheet HTML 2Page - NXP Semiconductors 74HC14D-Q100 Datasheet HTML 3Page - NXP Semiconductors 74HC14D-Q100 Datasheet HTML 4Page - NXP Semiconductors 74HC14D-Q100 Datasheet HTML 5Page - NXP Semiconductors 74HC14D-Q100 Datasheet HTML 6Page - NXP Semiconductors 74HC14D-Q100 Datasheet HTML 7Page - NXP Semiconductors 74HC14D-Q100 Datasheet HTML 8Page - NXP Semiconductors 74HC14D-Q100 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
1.
General description
The 74HC14-Q100; 74HCT14-Q100 is a high-speed Si-gate CMOS device and is pin
compatible with Low-power Schottky TTL (LSTTL). It is specified in compliance with
JEDEC standard No. 7A.
The 74HC14-Q100; 74HCT14-Q100 provides six inverting buffers with Schmitt-trigger
action. They are capable of transforming slowly changing input signals into sharply
defined, jitter-free output signals.
This product has been qualified to the Automotive Electronics Council (AEC) standard
Q100 (Grade 1) and is suitable for use in automotive applications.
2.
Features and benefits
Automotive product qualification in accordance with AEC-Q100 (Grade 1)
Specified from
40 C to +85 C and from 40 C to +125 C
Low-power dissipation
ESD protection:
MIL-STD-883, method 3015 exceeds 2000 V
HBM JESD22-A114F exceeds 2000 V
MM JESD22-A115-A exceeds 200 V (C = 200 pF, R = 0
)
Multiple package options
3.
Applications
Wave and pulse shapers
Astable multivibrators
Monostable multivibrators
74HC14-Q100; 74HCT14-Q100
Hex inverting Schmitt trigger
Rev. 4 — 19 April 2013
Product data sheet


同様の部品番号 - 74HC14D-Q100

メーカー部品番号データシート部品情報
logo
Nexperia B.V. All right...
74HC14D-Q100 NEXPERIA-74HC14D-Q100 Datasheet
271Kb / 17P
   Hex inverting Schmitt trigger
Rev. 7 - 13 August 2021
74HC14D-Q100 NEXPERIA-74HC14D-Q100 Datasheet
271Kb / 17P
   Hex inverting Schmitt trigger
Rev. 7 - 13 August 2021
More results

同様の説明 - 74HC14D-Q100

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74ALVC14 PHILIPS-74ALVC14 Datasheet
92Kb / 16P
   Hex inverting Schmitt trigger
Rev. 03-15 February 2005
logo
Fairchild Semiconductor
MM74HC14 FAIRCHILD-MM74HC14 Datasheet
91Kb / 8P
   Hex Inverting Schmitt Trigger
MM74HCT14 FAIRCHILD-MM74HCT14 Datasheet
87Kb / 6P
   Hex Inverting Schmitt Trigger
logo
NXP Semiconductors
74AHC14 PHILIPS-74AHC14 Datasheet
103Kb / 16P
   Hex inverting Schmitt trigger
1999 Sep 27
74AHC14D-T NXP-74AHC14D-T Datasheet
123Kb / 16P
   Hex inverting Schmitt trigger
Rev. 05-4 May 2009
74AHC_AHCT14 PHILIPS-74AHC_AHCT14_15 Datasheet
123Kb / 16P
   Hex inverting Schmitt trigger
Rev. 05-4 May 2009
logo
Nexperia B.V. All right...
74HC14-Q100 NEXPERIA-74HC14-Q100 Datasheet
271Kb / 17P
   Hex inverting Schmitt trigger
Rev. 7 - 13 August 2021
74LV14 NEXPERIA-74LV14 Datasheet
259Kb / 15P
   Hex inverting Schmitt trigger
Rev. 9 - 14 September 2021
74LV14A NEXPERIA-74LV14A Datasheet
239Kb / 13P
   Hex inverting Schmitt trigger
Rev. 4 - 29 April 2021
logo
NXP Semiconductors
74HCT14 PHILIPS-74HCT14 Datasheet
120Kb / 23P
   Hex inverting Schmitt trigger
2003 Oct 30
logo
Fairchild Semiconductor
MM74HCT14 FAIRCHILD-MM74HCT14_05 Datasheet
94Kb / 7P
   Hex Inverting Schmitt Trigger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com