データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74HC595 データシート(PDF) 1 Page - ON Semiconductor

部品番号 74HC595
部品情報  8?묪it Serial?묲nput/Serial or Parallel.Output Shift Register with Latched 3?뭆tate Outputs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74HC595 データシート(HTML) 1 Page - ON Semiconductor

  74HC595 Datasheet HTML 1Page - ON Semiconductor 74HC595 Datasheet HTML 2Page - ON Semiconductor 74HC595 Datasheet HTML 3Page - ON Semiconductor 74HC595 Datasheet HTML 4Page - ON Semiconductor 74HC595 Datasheet HTML 5Page - ON Semiconductor 74HC595 Datasheet HTML 6Page - ON Semiconductor 74HC595 Datasheet HTML 7Page - ON Semiconductor 74HC595 Datasheet HTML 8Page - ON Semiconductor 74HC595 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
© Semiconductor Components Industries, LLC, 2007
March, 2007 − Rev. 1
1
Publication Order Number:
74HC595/D
74HC595
8−Bit Serial−Input/Serial or
Parallel−Output Shift
Register with Latched
3−State Outputs
High−Performance Silicon−Gate CMOS
The 74HC595 consists of an 8−bit shift register and an 8−bit D−type
latch with three−state parallel outputs. The shift register accepts serial
data and provides a serial output. The shift register also provides
parallel data to the 8−bit latch. The shift register and latch have
independent clock inputs. This device also has an asynchronous reset
for the shift register.
The HC595 directly interfaces with the SPI serial data port on
CMOS MPUs and MCUs.
Features
Output Drive Capability: 15 LSTTL Loads
Outputs Directly Interface to CMOS, NMOS, and TTL
Operating Voltage Range: 2.0 to 6.0 V
Low Input Current: 1.0 mA
High Noise Immunity Characteristic of CMOS Devices
In Compliance with the Requirements Defined by JEDEC
Standard No. 7A
ESD Performance: HBM > 2000 V; Machine Model > 200 V
Chip Complexity: 328 FETs or 82 Equivalent Gates
Improvements over HC595
− Improved Propagation Delays
− 50% Lower Quiescent Power
− Improved Input Noise and Latchup Immunity
These are Pb−Free Devices
http://onsemi.com
MARKING
DIAGRAMS
HC595
= Device Code
A
= Assembly Location
L, WL
= Wafer Lot
Y, YY
= Year
W, WW = Work Week
G or G = Pb−Free Package
See detailed ordering and shipping information in the package
dimensions section on page 2 of this data sheet.
ORDERING INFORMATION
SOIC−16
D SUFFIX
CASE 751B
TSSOP−16
DT SUFFIX
CASE 948F
1
16
1
16
HC
595
ALYW G
G
1
16
1
16
HC595G
AWLYWW
(Note: Microdot may be in either location)


同様の部品番号 - 74HC595

メーカー部品番号データシート部品情報
logo
ON Semiconductor
74HC595 ONSEMI-74HC595 Datasheet
248Kb / 12P
   8-Bit Serial-Input/Serial or Parallel-Output Shift Register with Latched 3-State Outputs
March, 2000 ??Rev. 8
logo
Nexperia B.V. All right...
74HC595 NEXPERIA-74HC595 Datasheet
327Kb / 21P
   8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
Rev. 11 - 10 September 2021
logo
NXP Semiconductors
74HC595 PHILIPS-74HC595 Datasheet
140Kb / 28P
   8-bit serial-in/serial or parallel-out shift register with output latches; 3-state
2003 Jun 25
logo
STMicroelectronics
74HC595 STMICROELECTRONICS-74HC595 Datasheet
282Kb / 13P
   8 BIT SHIFT REGISTER WITH OUTPUT LATCHES 3 STATE
logo
Hitachi Semiconductor
74HC595 HITACHI-74HC595 Datasheet
57Kb / 10P
   8-bit Shift Register/Latch (with 3-state outputs)
More results

同様の説明 - 74HC595

メーカー部品番号データシート部品情報
logo
ON Semiconductor
74HC595 ONSEMI-74HC595 Datasheet
160Kb / 13P
   8?묪it Serial?묲nput/Serial or Parallel?뭀utput Shift Register with Latched 3?뭆tate Outputs
March, 2007 ??Rev. 1
MC74HC164A ONSEMI-MC74HC164A_06 Datasheet
184Kb / 11P
   8?묪it Serial?묲nput/Parallel?뭀utput Shift Register
October, 2006 ??Rev. 4
MC74HC595A ONSEMI-MC74HC595A Datasheet
248Kb / 12P
   8-Bit Serial-Input/Serial or Parallel-Output Shift Register with Latched 3-State Outputs
March, 2000 ??Rev. 8
MC74HC595ADTG ONSEMI-MC74HC595ADTG Datasheet
158Kb / 12P
   8-Bit Serial-Input/Serial or Parallel-Output Shift Register with Latched 3-State Outputs
July, 2013 ??Rev. 15
logo
System Logic Semiconduc...
SL74HC595 SLS-SL74HC595 Datasheet
81Kb / 10P
   8-Bit Serial-Input/Serial or Parallel-Output Shift Register with Latched 3-State Outputs
logo
Integral Corp.
IN74HC595A INTEGRAL-IN74HC595A Datasheet
156Kb / 9P
   8-Bit Serial-Input/Serial or Parallel-Output Shift Register with Latched 3-State Outputs
logo
ON Semiconductor
MC74HC165A ONSEMI-MC74HC165A_05 Datasheet
135Kb / 12P
   8?묪it Serial or Parallel?묲nput/ Serial?뭀utput Shift Register High?뭁erformance Silicon?묰ate CMOS
June, 2005 ??Rev. 5
logo
Unisonic Technologies
U74HC595A UTC-U74HC595A Datasheet
189Kb / 6P
   8-BIT SERIAL-IN SHIFT REGISTER WITH LATCHED 3-STATE PARALLEL OUTPUTS, PROVIDING SERIAL OUTPUT
logo
Renesas Technology Corp
HD74HC589 RENESAS-HD74HC589 Datasheet
198Kb / 9P
   8-bit Serial or Parallel-input/Serial-output Shift Register (with 3-state outputs)
logo
ON Semiconductor
MC74HCT595ADG ONSEMI-MC74HCT595ADG Datasheet
151Kb / 11P
   8-Bit Serial-Input/Serial or Parallel-Output Shift Register with Latched 3-State Outputs and LSTTL Compatible Inputs
March, 2011 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com