データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FDC10-12D05 データシート(PDF) 2 Page - Power Mate Technology Co., LTD

部品番号 FDC10-12D05
部品情報  10 WATTS DC-DC CONVERTER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  P-DUKE [Power Mate Technology Co., LTD]
ホームページ  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD

FDC10-12D05 データシート(HTML) 2 Page - Power Mate Technology Co., LTD

  FDC10-12D05 Datasheet HTML 1Page - Power Mate Technology Co., LTD FDC10-12D05 Datasheet HTML 2Page - Power Mate Technology Co., LTD FDC10-12D05 Datasheet HTML 3Page - Power Mate Technology Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Page 2 of 3
www.pduke.com
2014/4/30
FDC10(W) SERIES
10 WATTS
DC-DC CONVERTER
Output Current
Model
Number
Input
Range
Output
Voltage
Min. load
Full load
Output
(2)
Ripple & Noise
No load
(3)
Input Current
Eff
(4)
(%)
Capacitor
(5)
Load max
FDC10-12S33
9 ~ 18 VDC
3.3 VDC
0mA
2000mA
50mVp-p
17mA
80
6800µF
FDC10-12S05
9 ~ 18 VDC
5 VDC
0mA
2000mA
50mVp-p
21mA
81
4700µF
FDC10-12S12
9 ~ 18 VDC
12 VDC
0mA
830mA
50mVp-p
38mA
84
690µF
FDC10-12S15
9 ~ 18 VDC
15 VDC
0mA
670mA
50mVp-p
36mA
84
470µF
FDC10-12D05
9 ~ 18 VDC
± 5 VDC
0mA
± 1000mA
75mVp-p
39mA
84
± 680µF
FDC10-12D12
9 ~ 18 VDC
± 12 VDC
0mA
± 416mA
75mVp-p
47mA
83
± 330µF
FDC10-12D15
9 ~ 18 VDC
± 15 VDC
0mA
± 333mA
75mVp-p
45mA
84
± 110µF
FDC10-24S33 (W)
18 ~ 36 (9 ~ 36) VDC
3.3 VDC
0mA
2000(2500mA)
50mVp-p
15(13mA)
80(78)
6800µF
FDC10-24S05 (W)
18 ~ 36 (9 ~ 36) VDC
5 VDC
0mA
2000mA
50mVp-p
22(11mA)
82 (80)
4700µF
FDC10-24S12 (W)
18 ~ 36 (9 ~ 36) VDC
12 VDC
0mA
830mA
50mVp-p
18(16mA)
84 (84)
690µF
FDC10-24S15 (W)
18 ~ 36 (9 ~ 36) VDC
15 VDC
0mA
670mA
50mVp-p
36(26mA)
84 (81)
470µF
FDC10-24D05 (W)
18 ~ 36 (9 ~ 36) VDC
± 5 VDC
0mA
± 1000mA
75mVp-p
28(15mA)
83 (82)
± 680µF
FDC10-24D12 (W)
18 ~ 36 (9 ~ 36) VDC
± 12 VDC
0mA
± 416mA
75mVp-p
24(15mA)
85 (80)
± 330µF
FDC10-24D15 (W)
18 ~ 36 (9 ~ 36) VDC
± 15 VDC
0mA
± 333mA
75mVp-p
31(22mA)
84 (80)
± 110µF
FDC10-48S33 (W)
36 ~ 75 (18 ~ 75) VDC
3.3 VDC
0mA
2000(2500mA)
50mVp-p
11(10mA)
80(76)
6800µF
FDC10-48S05 (W)
36 ~ 75 (18 ~ 75) VDC
5 VDC
0mA
2000mA
50mVp-p
14(9mA)
84 (81)
4700µF
FDC10-48S12 (W)
36 ~ 75 (18 ~ 75) VDC
12 VDC
0mA
830mA
50mVp-p
14(9mA)
86 (84)
690µF
FDC10-48S15 (W)
36 ~ 75 (18 ~ 75) VDC
15 VDC
0mA
670mA
50mVp-p
10(11mA)
87 (84)
470µF
FDC10-48D05 (W)
36 ~ 75 (18 ~ 75) VDC
± 5 VDC
0mA
± 1000mA
75mVp-p
16(12mA)
84 (82)
± 680µF
FDC10-48D12 (W)
36 ~ 75 (18 ~ 75) VDC
± 12 VDC
0mA
± 416mA
75mVp-p
19(20mA)
86 (78)
± 330µF
FDC10-48D15 (W)
36 ~ 75 (18 ~ 75) VDC
± 15 VDC
0mA
± 333mA
75mVp-p
16(20mA)
85 (81)
± 110µF
Note
1.
MIL-HDBK-217F @Ta=25 ºC, Full load.
2.
Typical value at nominal input and full load. (20MHz BW.)
3.
Typical value at nominal input voltage and no load.
4.
Typical value at nominal input voltage and full load.
5.
Test by minimum input and constant resistive load.
6.
The ON/OFF control pin voltage is referenced to -INPUT
To order positive logic ON/OFF control add the suffix-P (Ex: FDC10-12S05-P);
To order negative logic ON-OFF control add the suffix-N (Ex: FDC10-12S05-N)
7.
M1 version is more efficient, therefore, it can be operated in a more extensive temperature range than standard and M2 version.
8.
Heat-sink is optional and P/N: 7G-0020C-F.
9.
The FDC10 series standard module meets EN55022 Class A and Class B with external components.
For more detail information, please contact with P-DUKE.
10. An external input filter capacitor is required if the module has to meet EN61000-4-4, EN61000-4-5.
The filter capacitor Power Mate suggest: Nippon chemi-con KY series, 220
μF/100V.
CAUTION: This power module is not internally fused. An input line fuse must always be used.


同様の部品番号 - FDC10-12D05

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
FDC10-12D05 ETC1-FDC10-12D05 Datasheet
98Kb / 2P
   10 watts of output power from a 2 x 1 x 0.4 inch package
logo
Astrodyne Corporation
FDC10-12D05 ASTRODYNE-FDC10-12D05 Datasheet
369Kb / 3P
   Isolated and Regulated 10 WATT Modular DC/DC Converters
logo
Power Mate Technology C...
FDC10-12D05 P-DUKE-FDC10-12D05 Datasheet
341Kb / 3P
   10 WATTS OUTPUT POWER
logo
Astrodyne Corporation
FDC10-12D05 ASTRODYNE-FDC10-12D05 Datasheet
206Kb / 3P
   Isolated and Regulated 10 WATT Modular DC/DC Converters
More results

同様の説明 - FDC10-12D05

メーカー部品番号データシート部品情報
logo
RSG Electronic Componen...
LCD10W RSG-LCD10W Datasheet
116Kb / 3P
   10 WATTS DC-DC CONVERTER
logo
Powerbox
MI-J2Z-IJ POWERBOX-MI-J2Z-IJ Datasheet
782Kb / 1P
   10-50 WATTS MILITARY COTS DC/DC CONVERTER
MI-LJ2Z-IJ POWERBOX-MI-LJ2Z-IJ Datasheet
635Kb / 1P
   10-150 WATTS MILITARY COTS DC/DC CONVERTER
logo
Wall Industries,Inc.
DCMJW10 WALL-DCMJW10 Datasheet
395Kb / 6P
   10 Watts DC/DC Converter Single and Dual Outputs
DCMW10 WALL-DCMW10 Datasheet
280Kb / 4P
   10 Watts DC/DC Converter Single and Dual Outputs
DCMK10-HI WALL-DCMK10-HI Datasheet
324Kb / 5P
   10 Watts DC/DC Converter Single and Dual Outputs
logo
Astec America, Inc
AEH40 ASTEC-AEH40 Datasheet
91Kb / 2P
   132 Watts / 48 Watts DC-DC Converter
logo
Wall Industries,Inc.
MRW10 WALL-MRW10 Datasheet
990Kb / 10P
   10 Watts DC/DC Converter Single and Dual Outputs
logo
List of Unclassifed Man...
DR1P5 ETC-DR1P5 Datasheet
175Kb / 2P
   1.5 WATTS DC-DC CONVERTER
VKC03-24D05 ETC-VKC03-24D05 Datasheet
91Kb / 2P
   3 WATTS DC-DC CONVERTER
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com