データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BY296 データシート(PDF) 2 Page - List of Unclassifed Manufacturers

部品番号 BY296
部品情報  FAST RECOVERY RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

BY296 データシート(HTML) 2 Page - List of Unclassifed Manufacturers

  BY296 Datasheet HTML 1Page - List of Unclassifed Manufacturers BY296 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
WEJ
ELECTRONIC
CO.,LTD
3.0
2.0
1.0
0
0
25
50
75
100
125
150
175
FIG.1-TYPICAL FORWARD CURRENT
DERATING CURVE
AMBIENT TEMPERATURE,( C)
o
1
2
4
6 8 10
20
40
60 80100
8.3ms Single Half Sine-Wave
(JEDEC Method) T =T max
j
j
FIG.2-MAXIMUM NON-REPETITIVE PEAK
FORWARD SURGE CURRENT
NUMBER OF CYCLES AT 60 Hz
1 Cycle
70
60
50
40
30
20
10
0
FIG.4-TYPICAL REVERSE
CHARACTERISTICS
PERCENT OF RATED PEAK
REVERSE VOLTAGE,(%)
20
10
1.0
0.1
0.01
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
T =25 C
Pulse Width=300us
1% Duty Cycle
j
o
FIG.3-TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE,(V)
10
1.0
0.1
0.01
0
20
40
60
80
100
120
140
T =100 C
j
o
T =25 C
j
o
100
10
1
0.1
1.0
10
100
FIG.5-TYPICAL JUNCTION CAPACITANCE
REVRESE VOLTAGE,(V)
Single Phase
Half Wave 60Hz
Resistive or
Inductive Load
0.375 (9.5mm) Lead Length
T =25 C
f=1MHz
V =50mVp-p
j
o
sig
NOTES: 1.Rise Time=7ns max.Input Impedance=
1 megohm.22pF
2.Rise time=10ns max.Source Impedance=
50 ohms
FIG.6-TEST CIRCUIT DIAGRAM AND
REVERSE RECOVERY TIME CHARACTERISTIC
PULSE
GENERATIOR
(NOTE 2)
50
NONINDUCTIVE
10
NONINDUCTIVE
25 Vdc
(approx.)
1
NON
INDUCTIVE
OSCILLOSCOPE
(NOTE 1)
(-)
(+)
(+)
(-)
+0.5A
0
-0.25A
-1.0A
Trr
1cm
SET TIME BASE FOR
50/100ns/cm
D.U.T.
BY296-299
Http:// www.wej.cn
E-mail:wej@yongerjia.com
WEJ ELECTRONIC CO.
RoHS


同様の部品番号 - BY296

メーカー部品番号データシート部品情報
logo
Microdiode Electronics ...
BY296 CHENDA-BY296 Datasheet
533Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Pan Jit International I...
BY296 PANJIT-BY296 Datasheet
62Kb / 2P
   SOFT RECOVERY PLASTIC RECTIFIER(VOLTAGE - 100 to 800 Volts CURRENT - 2.0 Amperes)
logo
Galaxy Semi-Conductor H...
BY296 BILIN-BY296 Datasheet
56Kb / 2P
   FAST RECOVERY RECTIFIER
logo
Pan Jit International I...
BY296 PANJIT-BY296 Datasheet
66Kb / 2P
   SOFT RECOVERY, FAST SWITCHING PLASTIC RECTIFIER
logo
Jinan Jing Heng Electro...
BY296 JINGHENG-BY296 Datasheet
58Kb / 2P
   FAST RECOVERY RECTIFIER
More results

同様の説明 - BY296

メーカー部品番号データシート部品情報
logo
Diotech Company.
FR301 DIOTECH-FR301 Datasheet
679Kb / 2P
   FAST RECOVERY RECTIFIER
logo
Shenzhen Ping Sheng Ele...
1F1 PFS-1F1 Datasheet
161Kb / 2P
   FAST RECOVERY RECTIFIER
logo
EIC discrete Semiconduc...
RGP15A EIC-RGP15A Datasheet
115Kb / 2P
   FAST RECOVERY RECTIFIER
logo
Microsemi Corporation
1N3879 MICROSEMI-1N3879_07 Datasheet
119Kb / 2P
   Fast Recovery Rectifier
1N3890A MICROSEMI-1N3890A_07 Datasheet
121Kb / 2P
   Fast Recovery Rectifier
logo
TRANSYS Electronics Lim...
16FL5S02 TEL-16FL5S02 Datasheet
170Kb / 1P
   Fast Recovery Rectifier
logo
Galaxy Semi-Conductor H...
FR101 BILIN-FR101 Datasheet
65Kb / 2P
   FAST RECOVERY RECTIFIER
RGP10A BILIN-RGP10A Datasheet
63Kb / 2P
   FAST RECOVERY RECTIFIER
PG101 BILIN-PG101 Datasheet
62Kb / 2P
   FAST RECOVERY RECTIFIER
PR1001 BILIN-PR1001 Datasheet
54Kb / 2P
   FAST RECOVERY RECTIFIER
3JH45 BILIN-3JH45 Datasheet
57Kb / 2P
   FAST RECOVERY RECTIFIER
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com