データシートサーチシステム |
|
TP2520 データシート(PDF) 5 Page - Supertex, Inc |
|
TP2520 データシート(HTML) 5 Page - Supertex, Inc |
5 / 5 page Supertex inc. does not recommend the use of its products in life support applications, and will not knowingly sell them for use in such applications unless it receives an adequate “product liability indemnification insurance agreement.” Supertex inc. does not assume responsibility for use of devices described, and limits its liability to the replacement of the devices determined defective due to workmanship. No responsibility is assumed for possible omissions and inaccuracies. Circuitry and specifications are subject to change without notice. For the latest product specifications refer to the Supertex inc. website: http//www.supertex.com. ©2009 All rights reserved. Unauthorized use or reproduction is prohibited. 1235 Bordeaux Drive, Sunnyvale, CA 94089 Tel: 408-222-8888 www.supertex.com 5 TP2520 (The package drawing(s) in this data sheet may not reflect the most current specifications. For the latest package outline information go to http://www.supertex.com/packaging.html.) Doc.# DSFP - TP2520 B022309 3-Lead TO-243AA (SOT-89) Package Outline (N8) Symbol A b b1 C D D1 E E1 e e1 H L Dimensions (mm) MIN 1.40 0.44 0.36 0.35 4.40 1.62 2.29 2.13 1.50 BSC 3.00 BSC 3.94 0.89 NOM - - - - - - - - - - MAX 1.60 0.56 0.48 0.44 4.60 1.83 2.60 2.29 4.25 1.20 JEDEC Registration TO-243, Variation AA, Issue C, July 1986. Drawings not to scale. Supertex Doc. #: DSPD-3TO243AAN8, Version D070908. b b1 |
同様の部品番号 - TP2520 |
|
同様の説明 - TP2520 |