データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LCD30-48S24 データシート(PDF) 1 Page - Power Mate Technology Co., LTD

部品番号 LCD30-48S24
部品情報  DC-DC CONVERTER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  P-DUKE [Power Mate Technology Co., LTD]
ホームページ  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD

LCD30-48S24 データシート(HTML) 1 Page - Power Mate Technology Co., LTD

  LCD30-48S24 Datasheet HTML 1Page - Power Mate Technology Co., LTD LCD30-48S24 Datasheet HTML 2Page - Power Mate Technology Co., LTD LCD30-48S24 Datasheet HTML 3Page - Power Mate Technology Co., LTD LCD30-48S24 Datasheet HTML 4Page - Power Mate Technology Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
LCD30
1
www.PDUKE.com
2014/04/30
LCD30 SERIES
DC-DC CONVERTER
2:1 WIDE INPUT RANGE
UP TO 30Watts
FEATURES
APPLICATIONS
NO MINIMUM LOAD REQUIRED
1600VDC INPUT TO OUTPUT ISOLATION
SMALL SIZE AND LOW PROFILE
:1.0 x 1.0 x 0.39 INCH
SIX-SIDED CONTINUOUS SHIELD
UL60950-1, EN60950-1, & IEC60950-1 SAFETY APPROVALS
CE MARKED
COMPLIANT TO RoHS II & REACH
WIRELESS NETWORK
TELECOM/DATACOM
INDUSTRY CONTROL SYSTEM
DISTRIBUTED POWER ARCHITECTURES
SEMICONDUCTOR EQUIPMENT
1600VDC
ISOLATION
REMOTE
CONTROL
UVP
OCP
SCP
OVP
OTP
LOW
STANDBY
POWER
TECHNICAL SPECIFICATION All specifications are typical at nominal input, full load and 25℃ otherwise noted
Input Range
Output Voltage
Output Current
@Full Load
Input Current
@ No Load
Efficiency
Maximum
Capacitor Load (1)
Model
Number
VDC
VDC
mA
mA
%
µ
F
LCD30-12S3P3
9 ~ 18
3.3
7000
10
87
10000
LCD30-12S05
9 ~ 18
5
6000
10
89
7200
LCD30-12S12
9 ~ 18
12
2500
12
89
1200
LCD30-12S15
9 ~ 18
15
2000
12
89
1000
LCD30-12S24
9 ~ 18
24
1250
12
90
375
LCD30-12D12
9 ~ 18
±12
±1250
12
89
±750
LCD30-12D15
9 ~ 18
±15
±1000
12
90
±500
LCD30-12D24
9 ~ 18
±24
±625
14
90
±180
LCD30-24S3P3
18 ~ 36
3.3
7000
10
87
10000
LCD30-24S05
18 ~ 36
5
6000
10
90
7200
LCD30-24S12
18 ~ 36
12
2500
10
91
1200
LCD30-24S15
18 ~ 36
15
2000
10
91
1000
LCD30-24S24
18 ~ 36
24
1250
10
93
375
LCD30-24D12
18 ~ 36
±12
±1250
10
91
±750
LCD30-24D15
18 ~ 36
±15
±1000
10
91
±500
LCD30-24D24
18 ~ 36
±24
±625
12
92
±180
LCD30-48S3P3
36 ~ 75
3.3
7000
10
88
10000
LCD30-48S05
36 ~ 75
5
6000
10
90
7200
LCD30-48S12
36 ~ 75
12
2500
8
90
1200
LCD30-48S15
36 ~ 75
15
2000
8
91
1000
LCD30-48S24
36 ~ 75
24
1250
8
92
375
LCD30-48D12
36 ~ 75
±12
±1250
8
91
±750
LCD30-48D15
36 ~ 75
±15
±1000
8
92
±500
LCD30-48D24
36 ~ 75
±24
±625
10
92
±180
PART NUMBER STRUCTURE
LCD30 - 48
S
05
-
A
HS
Series Name
Input
Voltage
(VDC)
Output
Quantity
Output
Voltage
(VDC)
Option
Assembly Option
S: Single
3P3:
05:
12:
15:
24:
3.3
5
12
15
24
12:
24:
48:
9~18
18~36
36~75
D: Dual
12:
15:
24:
±12
±15
±24
:
A:
B:
C:
D:
E:
Negative logic remote ON/OFF(Standard)
Positive logic remote ON/OFF
Without Ctrl pin
Negative logic remote ON/OFF without Trim pin
Without Ctrl & Trim pin
Positive logic remote ON/OFF without Trim pin
:
HS:
HC:
No assembly
Heat-sink
Heat-sink with Clamp


同様の部品番号 - LCD30-48S24

メーカー部品番号データシート部品情報
logo
Power Mate Technology C...
LCD30-48S24W P-DUKE-LCD30-48S24W Datasheet
492Kb / 4P
   DC-DC CONVERTER
More results

同様の説明 - LCD30-48S24

メーカー部品番号データシート部品情報
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com