データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74HC05 データシート(PDF) 4 Page - Hitachi Semiconductor

部品番号 74HC05
部品情報  Hex Inverters (with Open Drain Outputs)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HITACHI [Hitachi Semiconductor]
ホームページ  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

74HC05 データシート(HTML) 4 Page - Hitachi Semiconductor

  74HC05 Datasheet HTML 1Page - Hitachi Semiconductor 74HC05 Datasheet HTML 2Page - Hitachi Semiconductor 74HC05 Datasheet HTML 3Page - Hitachi Semiconductor 74HC05 Datasheet HTML 4Page - Hitachi Semiconductor 74HC05 Datasheet HTML 5Page - Hitachi Semiconductor 74HC05 Datasheet HTML 6Page - Hitachi Semiconductor 74HC05 Datasheet HTML 7Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Hitachi Code
JEDEC
EIAJ
Weight (reference value)
FP-14DA
Conforms
0.23 g
Unit: mm
*Dimension including the plating thickness
Base material dimension
*0.42
± 0.08
0.70
± 0.20
0.12
0.15
0
° – 8°
M
10.06
1.42 Max
14
8
1
7
10.5 Max
+ 0.20
– 0.30
7.80
1.15
1.27
0.40
± 0.06


同様の部品番号 - 74HC05

メーカー部品番号データシート部品情報
logo
STMicroelectronics
74HC05 STMICROELECTRONICS-74HC05 Datasheet
227Kb / 9P
   HEX INVERTER OPEN DRAIN
February 1993
74HC05 STMICROELECTRONICS-74HC05 Datasheet
168Kb / 8P
   HEX INVERTER OPEN DRAIN
logo
Texas Instruments
74HC05 TI-74HC05 Datasheet
66Kb / 4P
[Old version datasheet]   HEX INVERTERS WITH OPEN-DRAIN OUTPUTS
logo
Toshiba Semiconductor
74HC05 TOSHIBA-74HC05 Datasheet
218Kb / 5P
   HEX INVERTER (OPEN DRAIN)
logo
System Logic Semiconduc...
74HC05 SLS-74HC05 Datasheet
35Kb / 5P
   Hex Inverter with Open-Drain Outputs
More results

同様の説明 - 74HC05

メーカー部品番号データシート部品情報
logo
KODENSHI_AUK CORP.
KK74LS05 KODENSHI-KK74LS05 Datasheet
208Kb / 4P
   Hex Inverters with Open-Drain Outputs
logo
Texas Instruments
SN54LV05A TI-SN54LV05A_07 Datasheet
468Kb / 15P
[Old version datasheet]   HEX INVERTERS WITH OPEN-DRAIN OUTPUTS
CD74AC05M96G4 TI-CD74AC05M96G4 Datasheet
849Kb / 13P
[Old version datasheet]   HEX INVERTERS WITH OPEN-DRAIN OUTPUTS
logo
Diodes Incorporated
74LV06A DIODES-74LV06A Datasheet
310Kb / 9P
   HEX INVERTERS WITH OPEN DRAIN OUTPUTS
74LVC06A DIODES-74LVC06A Datasheet
206Kb / 10P
   HEX INVERTERS WITH OPEN DRAIN OUTPUTS
logo
Renesas Technology Corp
HD74LV05A RENESAS-HD74LV05A Datasheet
96Kb / 8P
   Hex Inverters with Open Drain Outputs
logo
Texas Instruments
SN54LV05A TI-SN54LV05A_08 Datasheet
498Kb / 15P
[Old version datasheet]   HEX INVERTERS WITH OPEN-DRAIN OUTPUTS
logo
System Logic Semiconduc...
SL74LS05 SLS-SL74LS05 Datasheet
26Kb / 3P
   Hex Inverters with Open-Drain Outputs
logo
Texas Instruments
SN54HC05 TI-SN54HC05 Datasheet
66Kb / 4P
[Old version datasheet]   HEX INVERTERS WITH OPEN-DRAIN OUTPUTS
logo
Renesas Technology Corp
HD74LV05A RENESAS-HD74LV05A_15 Datasheet
128Kb / 10P
   Hex Inverters with Open Drain Outputs
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com