データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

U100008 データシート(PDF) 1 Page - E-SWITCH

部品番号 U100008
部品情報  ALL DIMENSIONS IN MM [INCH]
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  E-SWITCH [E-SWITCH]
ホームページ  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

U100008 データシート(HTML) 1 Page - E-SWITCH

  U100008 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
RDMAC16S1R
3:1
11/14/2011
U100008
A
BMA
1
1
1
C
4
8
C
2
PCB LAYOUT
1
C
4
8
C
2
8
C
2
2
4
48
2
0
0
C 1
F
E
10
9
8
11
2
3
1
5
4
8
9
B
12
C
D
14
15
13
4
A
7
6
5
6
7
COMPLEMENT CODE
1
3
2
A
20278
RELEASE TO PRODUCTION
11/14/11
BMA
7.40
[.291 in]
7.40
[.291 in]
NOTES:
1. ALL DIMESNIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X=
`0.4
X.XX=
`0.25
3. TERMINAL NUMBERS FOR REFERENCE ONLY
4. OPERATING FORCE: 120gf/cm
`30gf
5. CONTACT RATING: 100mA, 42V DC (SWITCHING)
400mA 42V DC (NON-SWITCHING)
6. CONTACT RESISTANCE: 80mW MAX.
7. INSULATION RESISTANCE: 100MW MIN @ 250VDC
8. DIELECTRIC STRENGTH: 250VAC 1 MIN.
9. LIFE: 25,000 STEPS
10. OPERATING TEMPERATURE: -60
~C TO 125~C
11. PACKAGING:1300 PCS TAPE AND REEL
12. IP RATING: IP67
13.
DENOTES CRITICAL PARAMETER
14. 2002/95/EC (ROHS) COMPLIANT
7.62
[.300 in]
2.54
[.100 in]
5.08
[.200 in]
3.85
[.152 in]
9.50
[.374 in]
.25
[.010 in]
3.65
[.144 in]
.50
[.020 in]
1.00
[.039 in]
5.08
[.200 in]
10.50
[.413 in]
3.00
[.118 in]
n3.20
[.126 in]


同様の部品番号 - U100008

メーカー部品番号データシート部品情報
logo
E-SWITCH
U100000 E-SWITCH-U100000 Datasheet
143Kb / 1P
   ALL DIMESNIONS IN MM [INCH]
U100001 E-SWITCH-U100001 Datasheet
117Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
U100002 E-SWITCH-U100002 Datasheet
137Kb / 1P
   ALL DIMESNIONS IN MM [INCH]
U100003 E-SWITCH-U100003 Datasheet
155Kb / 1P
   ALL DIMESNIONS IN MM [INCH]
U100004 E-SWITCH-U100004 Datasheet
144Kb / 1P
   ALL DIMESNIONS IN MM [INCH]
More results

同様の説明 - U100008

メーカー部品番号データシート部品情報
logo
E-SWITCH
T700203 E-SWITCH-T700203 Datasheet
35Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
T700400 E-SWITCH-T700400 Datasheet
31Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B401000 E-SWITCH-B401000 Datasheet
154Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B401009 E-SWITCH-B401009 Datasheet
203Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B410001 E-SWITCH-B410001 Datasheet
197Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M300001 E-SWITCH-M300001 Datasheet
34Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M302431 E-SWITCH-M302431 Datasheet
176Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M304204 E-SWITCH-M304204 Datasheet
33Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M304211 E-SWITCH-M304211 Datasheet
35Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M304212 E-SWITCH-M304212 Datasheet
35Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M305213 E-SWITCH-M305213 Datasheet
141Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com