データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HCPL-4200 データシート(PDF) 10 Page - AVAGO TECHNOLOGIES LIMITED

部品番号 HCPL-4200
部品情報  Optically Coupled 20 mA Current Loop Receiver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AVAGO [AVAGO TECHNOLOGIES LIMITED]
ホームページ  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-4200 データシート(HTML) 10 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-4200 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-4200 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-4200 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-4200 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-4200 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-4200 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HCPL-4200 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HCPL-4200 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED HCPL-4200 Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
10
-60
100
200
0
TA – TEMPERATURE –°C
-40
0
20
60
80
40
-20
150
100
50
VCC
CL = 15 pF
tPHZ
tPZH
20 V
4.5 V
4.5 V
20 V
-60
100
100
0
TA – TEMPERATURE –°C
-40
0
20
60
80
40
-20
80
60
20
VCC
CL = 15 pF
tPLZ
tPZL
20 V
4.5 V
4.5 V
20 V
40
Figure 14. Typical Logic High Enable Propagation Delay vs. Temperature.
Figure 15. Typical Logic Low Enable Propagation Delay vs. Temperature.
Figure 16. Test Circuit for Common Mode Transient Immunity.
Applications
Data transfer between equipment which employs cur-
rent loop circuits can be accomplished via one of three
configurations: simplex, half duplex or full duplex com-
munication. With these configurations, point-to-point
and multidrop arrangements are possible. The appropri-
ate configuration to use depends upon data rate, num-
ber of stations, number and length of lines, direction of
data flow, protocol, current source location and voltage
compliance value, etc.
Simplex
The simplex configuration, whether point to point or
multidrop, gives unidirectional data flow from transmit-
ter to receiver(s). This is the simplest configuration for use
in long line length (two wire), for high data rate, and low
current source compliance level applications. Block dia-
grams of simplex point-to-point and multidrop arrange-
ments are given in Figures 17a and 17b respectively for
the HCPL-4200 receiver optocoupler.
For the highest data rate performance in a current loop,
the configuration of a non-isolated active transmitter
(containing current source) transmitting data to a re-
mote isolated receiver(s) should be used. When the cur-
rent source is located at the transmitter end, the loop is
charged approximately to V
MI
(2.5 V). Alternatively, when
the current source is located at the receiver end, the loop
is charged to the full compliance voltage level. The lower
the charged voltage level the faster the data rate will be.
In the configurations of Figures 17a and 17b, data rate is
independent of the current source voltage compliance
level. An adequate compliance level of current source
must be available for voltage drops across station(s) dur-
ing the MARK state in multidrop applications or for long
line length. The maximum compliance level is deter-
mined by the transmitter breakdown characteristic.


同様の部品番号 - HCPL-4200

メーカー部品番号データシート部品情報
logo
Agilent(Hewlett-Packard...
HCPL-4200 HP-HCPL-4200 Datasheet
245Kb / 12P
   Optically Coupled 20 mA Current Loop Receiver
HCPL-4200 HP-HCPL-4200 Datasheet
460Kb / 12P
   Optically Coupled 20 mA Current Loop Receiver
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-4200 AVAGO-HCPL-4200 Datasheet
473Kb / 13P
   Optically Coupled 20 mA Current Loop Receiver
HCPL-4200-000E AVAGO-HCPL-4200-000E Datasheet
473Kb / 13P
   Optically Coupled 20 mA Current Loop Receiver
HCPL-4200-300E AVAGO-HCPL-4200-300E Datasheet
473Kb / 13P
   Optically Coupled 20 mA Current Loop Receiver
More results

同様の説明 - HCPL-4200

メーカー部品番号データシート部品情報
logo
Agilent(Hewlett-Packard...
HCPL-4200 HP-HCPL-4200 Datasheet
245Kb / 12P
   Optically Coupled 20 mA Current Loop Receiver
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-4200 AVAGO-HCPL-4200 Datasheet
473Kb / 13P
   Optically Coupled 20 mA Current Loop Receiver
logo
Agilent(Hewlett-Packard...
HCPL4200 HP-HCPL4200 Datasheet
460Kb / 12P
   Optically Coupled 20 mA Current Loop Receiver
HCPL4100 HP-HCPL4100 Datasheet
230Kb / 12P
   Optically Coupled 20 mA Current Loop Transmitter
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-4100 AVAGO-HCPL-4100 Datasheet
477Kb / 12P
   Optically Coupled 20 mA Current Loop Transmitter
logo
Agilent(Hewlett-Packard...
HCPL-4100 HP-HCPL-4100 Datasheet
220Kb / 12P
   Optically Coupled 20 mA Optically Coupled 20 mA
logo
TT Electronics.
OPI150 TTELEC-OPI150 Datasheet
300Kb / 4P
   Optically Coupled Isolator / High Speed Optically Coupled Isolator
logo
List of Unclassifed Man...
SFH617A-2 ETC-SFH617A-2 Datasheet
50Kb / 3P
   LOW INPUT CURRENT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
logo
ISOCOM COMPONENTS
SFH628A-2 ISOCOM-SFH628A-2 Datasheet
77Kb / 3P
   LOW INPUT CURRENT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
logo
List of Unclassifed Man...
SFH628-2X ETC-SFH628-2X Datasheet
48Kb / 3P
   LOW INPUT CURRENT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com