データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74HC4538 データシート(PDF) 7 Page - Hitachi Semiconductor

部品番号 74HC4538
部品情報  Dual Precision Retriggerable/Resettable Monostable Multivibrators
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HITACHI [Hitachi Semiconductor]
ホームページ  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

74HC4538 データシート(HTML) 7 Page - Hitachi Semiconductor

Back Button 74HC4538 Datasheet HTML 3Page - Hitachi Semiconductor 74HC4538 Datasheet HTML 4Page - Hitachi Semiconductor 74HC4538 Datasheet HTML 5Page - Hitachi Semiconductor 74HC4538 Datasheet HTML 6Page - Hitachi Semiconductor 74HC4538 Datasheet HTML 7Page - Hitachi Semiconductor 74HC4538 Datasheet HTML 8Page - Hitachi Semiconductor 74HC4538 Datasheet HTML 9Page - Hitachi Semiconductor 74HC4538 Datasheet HTML 10Page - Hitachi Semiconductor 74HC4538 Datasheet HTML 11Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
HD74HC4538
7
Circuit Operation
Fig. 3 shows the HC4538 configured in the retriggerable mode. Briefly, the device operates as follows
(refer to Fig. 1): In the quiescent state, the external timing capacitor, C
X, is charged to VCC. When a trigger
occurs, the Q output goes high and C
X discharges quickly to the lower references voltage (Vref Lower
1/3
V
CC).
C
X then charges, through RX, back up to the upper reference voltage (Vref Upper
2/3 V
CC), at
which point the one-shot has timed out and the Q output goes low.
The following, more detailed description of the circuit operation refers to both the function diagram (Fig. 1)
and the timing diagram (Fig. 2)
Quiescent State
In the quiescent state, before an input trigger appears; the output latch is high and the reset latch is high (1
in Fig. 2). Thus the Q output (pin 6 or 10) of the monostable multivibrator is low (2 Fig. 2).
The output of the trigger-control circuit is low (3), and transistors M1, M2, and M3 are turned off. The
external timing capacitor, C
X, is charged to VCC (4), and the upper reference circuit has a low output (5).
Transistor M4 is turned on and analog switch S1 is turned off. Thus the lower reference circuit has V
CC at
the noninverting input and a resulting low output (6).
In addition, the output of the trigger-control reset circuit is low.
Trigger Operation
The HC4538 is triggered by either a rising-edge signal as input A (7) or a falling-edge signal at input B (8),
with the unused trigger input and the Reset input held at the voltage levels shown in the Function Table.
Either trigger signal will cause the output of the trigger-control circuit to go high (9). The trigger-control
circuit going high simultaneously initiates three events. First, the output latch goes low, thus taking the Q
output of the HC4538 to a high state (10). Second, transistor M3 is turned on, which allows the external
timing capacitor, C
X, to rapidly discharge toward ground (11). (Note that the voltage across CX appears at
the input of the upper reference circuit comparator). Third, transistor M4 is turned off and analog switch
S1 is turned on, thus allowing the voltage across C
X to also appear at the input of the lower reference circuit
comparator.
When C
X discharges to the reference voltage of the lower reference circuit (12), the outputs of both
reference circuits will be high (13). The trigger-control circuit flip-flop to a low state (14). This turns
transistor M3 off again, allowing C
X to begin to charge back up toward VCC, with a time constant t = RXCX
(15). In addition, transistor M4 is turned on and analog switch S1 is turned off. Thus a high voltage level
is applied to the input of the lower reference circuit comparator, causing its output to go low (16). The
monostable multivibrator may be retriggered at any time after the trigger-control circuit goes low.
When C
X charges up to the reference voltage of the upper reference circuit (17), the output of the upper
reference circuit goes low (18). This causes the output latch to toggle, taking the Q output of the HC4538
to a low state (19), and completing the time-out cycle.


同様の部品番号 - 74HC4538

メーカー部品番号データシート部品情報
logo
ON Semiconductor
74HC4538 ONSEMI-74HC4538 Datasheet
291Kb / 16P
   Dual Precision Monostable Multivibrator(Retriggerable, Resettable)
April, 2001 ??Rev. 8
logo
NXP Semiconductors
74HC4538 PHILIPS-74HC4538 Datasheet
149Kb / 13P
   Dual retriggerable precision monostable multivibrator
September 1993
logo
STMicroelectronics
74HC4538 STMICROELECTRONICS-74HC4538 Datasheet
288Kb / 14P
   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
logo
Texas Instruments
74HC4538 TI-74HC4538 Datasheet
64Kb / 11P
[Old version datasheet]   High Speed CMOS Logic Dual Retriggerable Precision Monostable Multivibrator
logo
Toshiba Semiconductor
74HC4538 TOSHIBA-74HC4538 Datasheet
477Kb / 10P
   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
More results

同様の説明 - 74HC4538

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
HD74HC4538 RENESAS-HD74HC4538 Datasheet
204Kb / 14P
   Dual Precision Retriggerable/Resettable Monostable Multivibrators
logo
Hitachi Semiconductor
HD74LV123A HITACHI-HD74LV123A Datasheet
91Kb / 20P
   Dual Retriggerable Monostable Multivibrators
logo
Texas Instruments
SN54AHCT123A TI-SN54AHCT123A_07 Datasheet
726Kb / 24P
[Old version datasheet]   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
logo
Renesas Technology Corp
HD74LV123A RENESAS-HD74LV123A Datasheet
119Kb / 16P
   Dual Retriggerable Monostable Multivibrators
logo
Texas Instruments
SN54AHC123A TI-SN54AHC123A Datasheet
637Kb / 23P
[Old version datasheet]   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
logo
Toshiba Semiconductor
TC4538BP TOSHIBA-TC4538BP Datasheet
252Kb / 6P
   DUAL PRECISION RETRIGGERABLE/RESETTABLE MONOSTABLE MULTIVIBRATOR
logo
Texas Instruments
SN54AHC123A TI1-SN54AHC123A_15 Datasheet
1Mb / 28P
[Old version datasheet]   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
logo
ON Semiconductor
MC74HC4538A ONSEMI-MC74HC4538A Datasheet
291Kb / 16P
   Dual Precision Monostable Multivibrator(Retriggerable, Resettable)
April, 2001 ??Rev. 8
logo
Texas Instruments
SN54LS422 TI-SN54LS422 Datasheet
323Kb / 9P
[Old version datasheet]   RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
SN54LS422 TI1-SN54LS422_12 Datasheet
612Kb / 9P
[Old version datasheet]   RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com