データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

38740-6104 データシート(PDF) 1 Page - Molex Electronics Ltd.

部品番号 38740-6104
部品情報  11.11mm Pitch Beau PCB Fixed Mount Barrier Terminal Strip, Low Profile
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOLEX11 [Molex Electronics Ltd.]
ホームページ  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

38740-6104 データシート(HTML) 1 Page - Molex Electronics Ltd.

  38740-6104 Datasheet HTML 1Page - Molex Electronics Ltd. 38740-6104 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 10/06/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
38740-6104
Status:
Active
Overview:
Beau™ Barrier Strips
Description:
11.11mm Pitch Beau™ PCB Fixed Mount Barrier Terminal Strip, Low Profile, 300V, 4
Circuits
Documents:
3D Model
Product Specification PS-38730-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Terminal Blocks
Series
38740
Application
N/A
Component Type
One Piece
Overview
Beau™ Barrier Strips
Product Name
Fixed Mount Barrier
Type
Barrier Strip
UPC
800756319407
Physical
Circuits (Loaded)
4
Circuits (maximum)
4
Color - Resin
Black
Entry Angle
Horizontal
Lock to Mating Part
No
Material - Metal
Brass
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Material - Resin
Polyester Alloy
Net Weight
16.920/g
Number of Rows
1
Orientation
Horizontal
PC Tail Length
5.50mm
PCB Retention
Yes
PCB Thickness - Recommended
2.40mm
Panel Mount
No
Pitch - Mating Interface
11.11mm
Pitch - Termination Interface
11.11mm
Polarized to Mating Part
No
Stackable
No
Temperature Range - Operating
-40°C to +130°C
Wire Size AWG
14, 16, 18, 20, 22
Wire Size mm²
0.50 - 1.50
Electrical
Current - Maximum per Contact
15A
Voltage - Maximum
300V
Material Info
Old Part Number
74504
Reference - Drawing Numbers
Product Specification
PS-38730-001
Sales Drawing
SD-38740-002
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Low-Halogen Status
Not Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
38740Series


同様の部品番号 - 38740-6104

メーカー部品番号データシート部品情報
logo
Molex Electronics Ltd.
38740-6102 MOLEX11-38740-6102 Datasheet
41Kb / 2P
   11.11mm Pitch Beau PCB Fixed Mount Barrier Terminal Strip, Low Profile
38740-6103 MOLEX11-38740-6103 Datasheet
41Kb / 2P
   11.11mm Pitch Beau PCB Fixed Mount Barrier Terminal Strip, Low Profile
38740-6105 MOLEX11-38740-6105 Datasheet
41Kb / 2P
   11.11mm Pitch Beau PCB Fixed Mount Barrier Terminal Strip, Low Profile
38740-6106 MOLEX11-38740-6106 Datasheet
41Kb / 2P
   11.11mm Pitch Beau PCB Fixed Mount Barrier Terminal Strip, Low Profile
38740-6107 MOLEX11-38740-6107 Datasheet
40Kb / 2P
   11.11mm Pitch Beau PCB Fixed Mount Barrier Terminal Strip, Low Profile, 300V, 7
More results

同様の説明 - 38740-6104

メーカー部品番号データシート部品情報
logo
Molex Electronics Ltd.
38740-6109 MOLEX11-38740-6109 Datasheet
40Kb / 2P
   11.11mm Pitch Beau PCB Fixed Mount Barrier Terminal Strip, Low Profile
38740-6106 MOLEX11-38740-6106 Datasheet
41Kb / 2P
   11.11mm Pitch Beau PCB Fixed Mount Barrier Terminal Strip, Low Profile
38740-6108 MOLEX11-38740-6108 Datasheet
41Kb / 2P
   11.11mm Pitch Beau PCB Fixed Mount Barrier Terminal Strip, Low Profile
38740-6102 MOLEX11-38740-6102 Datasheet
41Kb / 2P
   11.11mm Pitch Beau PCB Fixed Mount Barrier Terminal Strip, Low Profile
38740-6105 MOLEX11-38740-6105 Datasheet
41Kb / 2P
   11.11mm Pitch Beau PCB Fixed Mount Barrier Terminal Strip, Low Profile
38740-6110 MOLEX11-38740-6110 Datasheet
41Kb / 2P
   11.11mm Pitch Beau PCB Fixed Mount Barrier Terminal Strip, Low Profile
38740-6111 MOLEX11-38740-6111 Datasheet
41Kb / 2P
   11.11mm Pitch Beau PCB Fixed Mount Barrier Terminal Strip, Low Profile
38740-6103 MOLEX11-38740-6103 Datasheet
41Kb / 2P
   11.11mm Pitch Beau PCB Fixed Mount Barrier Terminal Strip, Low Profile
38740-6128 MOLEX11-38740-6128 Datasheet
41Kb / 2P
   11.11mm Pitch Beau PCB Fixed Mount Barrier Terminal Strip, Low Profile, 300V, 28
38740-6113 MOLEX11-38740-6113 Datasheet
40Kb / 2P
   11.11mm Pitch Beau PCB Fixed Mount Barrier Terminal Strip, Low Profile, 300V, 13
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com