データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FSTU6800MTC データシート(PDF) 1 Page - Fairchild Semiconductor

部品番号 FSTU6800MTC
部品情報  10-Bit Bus Switch with Precharged Outputs and ??V Undershoot Protection
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSTU6800MTC データシート(HTML) 1 Page - Fairchild Semiconductor

  FSTU6800MTC Datasheet HTML 1Page - Fairchild Semiconductor FSTU6800MTC Datasheet HTML 2Page - Fairchild Semiconductor FSTU6800MTC Datasheet HTML 3Page - Fairchild Semiconductor FSTU6800MTC Datasheet HTML 4Page - Fairchild Semiconductor FSTU6800MTC Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© 2000 Fairchild Semiconductor Corporation
DS500194
www.fairchildsemi.com
December 1998
Revised October 2006
FSTU6800
10-Bit Bus Switch with Precharged Outputs
and
−2V Undershoot Protection
General Description
The Fairchild Switch FSTU6800 provides 10-bits of high-
speed CMOS TTL-compatible bus switching. The low on
resistance of the switch allows inputs to be connected to
outputs without adding propagation delay or generating
additional ground bounce noise. Both the A Ports and the B
Ports have “undershoot hardened” circuit protection to sup-
port an extended input range to 2.0V below ground. Fair-
child’s integrated Undershoot Hardened Circuit (UHC®)
senses undershoot at the I/Os, and responds by preventing
voltage differentials from developing and turning on the
switch. The device also precharges the B Port to a select-
able bias voltage (BiasV) to minimize live insertion noise.
The device is organized as a 10-bit switch with a bus
enable (OE) signal. When OE is LOW, the switch is ON
and Port A is connected to Port B. When OE is HIGH, the
switch is OPEN and the B Port is precharged to BiasV
through an equivalent 10-k
Ω resistor.
Features
s 4
Ω switch connection between two ports.
s Undershoot Hardened to -2.0V.
s Soft enable turn-on to minimize bus-to-bus charge
sharing during enable.
s Low lCC.
s Zero bounce in flow-through mode.
s Output precharge to minimize live insertion noise.
s Control inputs compatible with TTL level.
s See Applications Note AN-5008 for details.
Ordering Code:
Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Logic Diagram
Pin Descriptions
Connection Diagram
Truth Table
UHC® is a registered trademark of Fairchild Semiconductor Corporation.
Order Number
Package Number
Package Description
FSTU6800WM
M24B
24-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300 Wide
FSTU6800QSC
MQA24
24-Lead Quarter Size Outline Package (QSOP), JEDEC MO-137, 0.150 Wide
FSTU6800MTC
MTC24
24-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
Pin Name
Description
OE
Bus Switch Enable
ABus A
BBus B
BiasV
Bus B Voltage Bias
OE
B0–B9
Function
LA0–A9
Connect
HBiasV
Precharge


同様の部品番号 - FSTU6800MTC

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FSTU6800MTC FAIRCHILD-FSTU6800MTC Datasheet
181Kb / 5P
   10-Bit Bus Switch with Pre-Charged Outputs and −2V Undershoot Hardened Circuit (UHC) Protection
FSTU6800MTC FAIRCHILD-FSTU6800MTC Datasheet
191Kb / 5P
   10-Bit Bus Switch with Precharged Outputs and −2V Undershoot Protection
More results

同様の説明 - FSTU6800MTC

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
CBT6810 PHILIPS-CBT6810_02 Datasheet
90Kb / 9P
   10-bit bus switch with precharged outputs and Schottky undershoot protection
2002 Dec 13
logo
Fairchild Semiconductor
FSTU6800 FAIRCHILD-FSTU6800_06 Datasheet
191Kb / 5P
   10-Bit Bus Switch with Precharged Outputs and −2V Undershoot Protection
FSTU32X800 FAIRCHILD-FSTU32X800 Datasheet
194Kb / 5P
   20-Bit Bus Switch with Precharged Outputs and -2V Undershoot Protection
logo
Pericom Semiconductor C...
PI5C6801C PERICOM-PI5C6801C Datasheet
339Kb / 5P
   10-Bit Bus Switch with Precharged Outputs for Live Insertion and - 2V Undershoot Protection
logo
Texas Instruments
SN74CBTK6800 TI1-SN74CBTK6800 Datasheet
693Kb / 16P
[Old version datasheet]   10-BIT FET BUS SWITCH WITH PRECHARGED OUTPUTS AND ACTIVE-CLAMP UNDERSHOOT-PROTECTION CIRCUIT
logo
NXP Semiconductors
CBT6810 PHILIPS-CBT6810 Datasheet
52Kb / 8P
   10-bit bus switch with precharged outputs and Schottky undershoot protection for live insertion
1999 Apr 05
logo
Texas Instruments
SN74CBT6800C TI1-SN74CBT6800C Datasheet
816Kb / 15P
[Old version datasheet]   10-BIT FET BUS SWITCH WITH PRECHARGED OUTPUTS 5-V BUS WITCH WITH-2-V UNDERSHOOT PROTECTION
SN74CBT16811C TI-SN74CBT16811C Datasheet
187Kb / 11P
[Old version datasheet]   24-BIT FET BUS SWITCH WITH PRECHARGED OUTPUTS 5-V BUS SWITCH WITH-2-V UNDERSHOOT PROTECTION
SN74CBT16800C TI1-SN74CBT16800C Datasheet
498Kb / 13P
[Old version datasheet]   20-BIT FET BUS SWITCH WITH PRECHARGED OUTPUTS 5-V BUS SWITCH WITH -2-V UNDERSHOOT PROTECTION
SN74CBT6845C TI-SN74CBT6845C Datasheet
679Kb / 20P
[Old version datasheet]   8-BIT FET BUS SWITCH WITH PRECHARGED OUTPUTS 5-V BUS SWITCH WITH -2-V UNDERSHOOT PROTECTION
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com