データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

KDA-E4E データシート(PDF) 8 Page - List of Unclassifed Manufacturers

部品番号 KDA-E4E
部品情報  RELAY - NONLATCH 3 PST/NO AUX, 25 AMP
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

KDA-E4E データシート(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button KDA-E4E Datasheet HTML 3Page - List of Unclassifed Manufacturers KDA-E4E Datasheet HTML 4Page - List of Unclassifed Manufacturers KDA-E4E Datasheet HTML 5Page - List of Unclassifed Manufacturers KDA-E4E Datasheet HTML 6Page - List of Unclassifed Manufacturers KDA-E4E Datasheet HTML 7Page - List of Unclassifed Manufacturers KDA-E4E Datasheet HTML 8Page - List of Unclassifed Manufacturers KDA-E4E Datasheet HTML 9Page - List of Unclassifed Manufacturers KDA-E4E Datasheet HTML 10Page - List of Unclassifed Manufacturers KDA-E4E Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Types of suppressors:
Passive devices.
The resistor capacitor circuit
It eliminates the power dissipation problem, as well as fast voltage rises. With a proper match between coil and resistor,
approximate capacitance value can be calculated from:
C = 0.02xT/R, where
T = operating time in milliseconds
R = coil resistance in kiloOhms
C = capacitance in microFarads
The series resistor must be between 0.5 and 1 times the coil resistance. Special consideration must be taken for the
capacitor inrush current in the case of a low resistance coil.
The record shown opposite is performed on the same relay as above. The operation time becomes:
- time to start the movement 2.3ms
- transfer time 1.2ms
The major difficulty comes from the capacitor volume. In our example of a relay with a 290
Ω coil and time delay of 8 ms, a
capacitance value of C=0.5 uF is found. This non polarized capacitor, with a voltage of 63V minimum, has a volume of about
1cm3. For 150V, this volume becomes 1.5 cm3.
Date of issue: 6/00
- 9 -
Page 2 of 4


同様の部品番号 - KDA-E4E

メーカー部品番号データシート部品情報
logo
Leach International Cor...
KDA-E4E LEACH-KDA-E4E Datasheet
384Kb / 5P
   RELAY – NONLATCH 3PST/NO AUX, 25 AMP
More results

同様の説明 - KDA-E4E

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
KD-D4N-103 ETC2-KD-D4N-103 Datasheet
773Kb / 13P
   RELAY - NONLATCH 3 PST/NO AUX, 25 AMP
KD-J2A-002 ETC2-KD-J2A-002 Datasheet
773Kb / 13P
   RELAY - NONLATCH 3 PST/NO AUX, 25 AMP
logo
Leach International Cor...
9339 LEACH-9339 Datasheet
505Kb / 5P
   RELAY – NONLATCH 25 AMP, 3PST/NO AUX
KDA LEACH-KDA Datasheet
384Kb / 5P
   RELAY – NONLATCH 3PST/NO AUX, 25 AMP
KD-A4A LEACH-KD-A4A Datasheet
640Kb / 5P
   RELAY – NONLATCH 3PST/NOAUX, 25 AMP
KXD LEACH-KXD Datasheet
554Kb / 5P
   RELAY NONLATCH 1 PST/NO (DM) AUX / 75 AMP
KXX5A LEACH-KXX5A Datasheet
783Kb / 6P
   RELAY NONLATCH 1 PST/NO (DM) / 75 AMP
9324 LEACH-9324 Datasheet
484Kb / 4P
   RELAY NONLATCH 3PST/NO, 25 AMP
logo
List of Unclassifed Man...
KC-D1A-300L ETC2-KC-D1A-300L Datasheet
759Kb / 13P
   RELAY - NONLATCH 3 PDT, 25 AMP
KC-J2A ETC2-KC-J2A Datasheet
759Kb / 13P
   RELAY - NONLATCH 3 PDT, 25 AMP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com