データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

KMC-45 データシート(PDF) 1 Page - List of Unclassifed Manufacturers

部品番号 KMC-45
部品情報  Compact VHF/UHF FM Portable Radios
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

KMC-45 データシート(HTML) 1 Page - List of Unclassifed Manufacturers

  KMC-45 Datasheet HTML 1Page - List of Unclassifed Manufacturers KMC-45 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TK-2300VP/3300UP
Compact VHF/UHF FM Portable Radios
The compact ProTalk
®
TK-2300VP/3300UP,
Kenwood’s latest envoy for professional
grade job site portables sets the standard
on ruggedness, features and performance.
The perfect solution for construction,
retail, hospitality, warehousing, industrial,
facilities management and rental fleet
applications. The modern design contours
present a functional and attractive form factor.
COMPACT DESIGN
The ergonomic contours of the ProTalk® naturally
fit the hand for a superbly comfortable hold. The
non-slip elastomer channel knob and switch
torque ensures positive selection and resists
accidental changing.
4 & 16 CHANNEL MODELS
Select ProTalk® 4 or 16 channel models which will
fit your needs and requirements. A great selection
providing plenty of capacity for multiple channels
or radio systems.
FREQUENCY & QT/DQT
The ProTalk® VHF (TK-2300VP) 4 & 16 channel
models has 27 pre-stored frequencies while the
ProTalk® UHF (TK-3300UP) 4 or 16 channel models
has 89 pre-stored frequencies. Both models have
39 QT tones and 83 DQT codes. Users can program
a ProTalk® to any of the pre-stored frequencies
and QT/DQT’s, assuring compatibility with other
brand radios.
*QT & DQT may also be referred to under other brand acronyms
as PL, CG, CTCSS & DPL, DCG, DCS.
SUPER LOCK
Managers can ‘‘Super Lock’’ all user controls
(except PTT and volume) to prevent accidental
channel changes.
WIRELESS CLONING
This wireless feature simplifies the setup of several
ProTalk® radios to function identically and eliminates
repetitive setup actions of individual radios.
(Dealer function only)
CALLING ALERT
Pressing on the Calling Alert key while transmitting
causes an alert tone to sound from the other
radio’s speaker. This is a useful function to signal
staff in noisy environments.
INTERNAL VOX/HANDS FREE READY
VOX (voice-operated transmission) is invaluable for
specialized tasks or events that require repetitive
hands-free communications. The radio itself
provides automatic PTT action, so the user simply
talks. VOX works with a Kenwood-compatible
headset.
TOUGH & WATER RESISTANT
Built tough for rugged work environments, the
ProTalk® has been designed to pass industrial drop
tests, international IP54/55 water and dust
intrusion tests and 11 categories of the U.S.
Department of Defense MIL-STD 810 C, D, E & F
environmental standards tests.
2 WATTS TRANSMIT POWER / RANGE UP
to 6 MILES
The ProTalk® offers 2 watts of power to enable
direct radio-to-radio communication on the same
frequency (simplex) for up to 6 miles*.
*Talk range will vary based on terrain, conditions and type of radio.
OTHER FEATURES
• Time Out Timer
• Battery Save and Low Battery Warning
• Scan
• Channel confirmation mode
• Voice Inversion Scrambler by Channel
Conditions
Open areas without obstructions
Residential areas (near buildings)
In steel and/ or concrete
reinforced buildings
In high-rise buildings
ProTalk®
Up to 6 miles (9.6 km)
Up to 1.5 miles (2.4 km)
Up to 250,000Sq.
(23,220 Sq. m)
Up to 20 floors


同様の部品番号 - KMC-45

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
KMC05 ETC2-KMC05 Datasheet
143Kb / 2P
   Magnetic Field Sensors Current Sensor
logo
United Chemi-Con, Inc.
KMC101E104M31N0T00 CHEMI-CON-KMC101E104M31N0T00 Datasheet
48Kb / 4P
   MULTILAYER CERAMIC CHIP CAPACITORS
KMC101E105M43N0T00 CHEMI-CON-KMC101E105M43N0T00 Datasheet
48Kb / 4P
   MULTILAYER CERAMIC CHIP CAPACITORS
KMC101E154M31N0T00 CHEMI-CON-KMC101E154M31N0T00 Datasheet
48Kb / 4P
   MULTILAYER CERAMIC CHIP CAPACITORS
KMC101E155M43N0T00 CHEMI-CON-KMC101E155M43N0T00 Datasheet
48Kb / 4P
   MULTILAYER CERAMIC CHIP CAPACITORS
More results

同様の説明 - KMC-45

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TA4006F TOSHIBA-TA4006F Datasheet
180Kb / 5P
   TV,FM TUNER VHF/UHF RF AMPLIFIER APPLICATIONS
logo
Sanyo Semicon Device
LV24230LP-A SANYO-LV24230LP-A Datasheet
138Kb / 17P
   Compact Portable Equipment1-Chip FM Tuner IC
LV24230LS SANYO-LV24230LS Datasheet
189Kb / 17P
   Compact Portable Equipment 1-Chip FM Tuner IC
LV24250LS SANYO-LV24250LS Datasheet
328Kb / 18P
   Compact Portable Equipment 1-Chip FM Tuner IC
LA1143 SANYO-LA1143 Datasheet
124Kb / 5P
   FM IF System for Car Radios
logo
RF Micro Devices
RF2516 RFMD-RF2516_06 Datasheet
272Kb / 22P
   VHF/UHF TRANSMIITER
RF2514 RFMD-RF2514 Datasheet
268Kb / 14P
   VHF/UHF TRANSMITTER
logo
Motorola, Inc
MMBTH10LT1 MOTOROLA-MMBTH10LT1 Datasheet
88Kb / 6P
   VHF/UHF Transistor
logo
Fairchild Semiconductor
KSP10 FAIRCHILD-KSP10 Datasheet
51Kb / 5P
   VHF/UHF transistor
logo
Motorola, Inc
MMBT918LT1 MOTOROLA-MMBT918LT1 Datasheet
97Kb / 4P
   VHF/UHF Transistor
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com