データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

39501-1009 データシート(PDF) 1 Page - Molex Electronics Ltd.

部品番号 39501-1009
部品情報  3.50mm Pitch Eurostyle Vertical PCB Header, 9 Circuits
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOLEX11 [Molex Electronics Ltd.]
ホームページ  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

39501-1009 データシート(HTML) 1 Page - Molex Electronics Ltd.

  39501-1009 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 10/07/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
39501-1009
Status:
Active
Overview:
Eurostyle™ Terminal Blocks
Description:
3.50mm Pitch Eurostyle™ Vertical PCB Header, 9 Circuits
Documents:
3D Model
Product Specification PS-39500-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Terminal Blocks
Series
39501
Application
N/A
Component Type
PCB Header
Overview
Eurostyle™ Terminal Blocks
Product Name
ESE, Eurostyle™Pluggable
Type
Euro Block
UPC
822350429948
Physical
Circuits (Loaded)
9
Entry Angle
N/A
Lock to Mating Part
None
Number of Rows
1
Orientation
Vertical
PC Tail Length
3.50mm
PCB Thickness - Recommended
2.50mm
Panel Mount
No
Pitch - Mating Interface
3.50mm
Pitch - Termination Interface
3.50mm
Polarized to Mating Part
Yes
Shrouded
Fully
Stackable
No
Temperature Range - Operating
-40°C to +105°C
Wire Size AWG
N/A
Electrical
Current - Maximum per Contact
8A
Voltage - Maximum
300V
Material Info
Reference - Drawing Numbers
Product Specification
PS-39500-001
Sales Drawing
SD-39501-001
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Low-Halogen Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
39501Series
Mates With
Most 3.50mm Pitch Industry Standard Plugs,
39500 Horizontal Plug, 39503 Vertical Plug
This document was generated on 10/07/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


同様の部品番号 - 39501-1009

メーカー部品番号データシート部品情報
logo
Molex Electronics Ltd.
39501-1002 MOLEX11-39501-1002 Datasheet
42Kb / 1P
   3.50mm Pitch Eurostyle Vertical PCB Header, 2 Circuits
39501-1003 MOLEX11-39501-1003 Datasheet
42Kb / 1P
   3.50mm Pitch Eurostyle Vertical PCB Header, 3 Circuits
39501-1004 MOLEX11-39501-1004 Datasheet
42Kb / 1P
   3.50mm Pitch Eurostyle Vertical PCB Header, 4 Circuits
39501-1005 MOLEX11-39501-1005 Datasheet
42Kb / 1P
   3.50mm Pitch Eurostyle Vertical PCB Header, 5 Circuits
39501-1006 MOLEX11-39501-1006 Datasheet
42Kb / 1P
   3.50mm Pitch Eurostyle Vertical PCB Header, 6 Circuits
More results

同様の説明 - 39501-1009

メーカー部品番号データシート部品情報
logo
Molex Electronics Ltd.
39502-1009 MOLEX11-39502-1009 Datasheet
41Kb / 1P
   3.50mm Pitch Eurostyle Horizontal PCB Header, 9 Circuits
39501-1003 MOLEX11-39501-1003 Datasheet
42Kb / 1P
   3.50mm Pitch Eurostyle Vertical PCB Header, 3 Circuits
39501-1016 MOLEX11-39501-1016 Datasheet
42Kb / 1P
   3.50mm Pitch Eurostyle Vertical PCB Header, 16 Circuits
39501-1017 MOLEX11-39501-1017 Datasheet
42Kb / 1P
   3.50mm Pitch Eurostyle Vertical PCB Header, 17 Circuits
39501-1006 MOLEX11-39501-1006 Datasheet
42Kb / 1P
   3.50mm Pitch Eurostyle Vertical PCB Header, 6 Circuits
39501-1013 MOLEX11-39501-1013 Datasheet
42Kb / 1P
   3.50mm Pitch Eurostyle Vertical PCB Header, 13 Circuits
39501-1002 MOLEX11-39501-1002 Datasheet
42Kb / 1P
   3.50mm Pitch Eurostyle Vertical PCB Header, 2 Circuits
39501-1020 MOLEX11-39501-1020 Datasheet
42Kb / 1P
   3.50mm Pitch Eurostyle Vertical PCB Header, 20 Circuits
39501-1018 MOLEX11-39501-1018 Datasheet
42Kb / 1P
   3.50mm Pitch Eurostyle Vertical PCB Header, 18 Circuits
39501-1005 MOLEX11-39501-1005 Datasheet
42Kb / 1P
   3.50mm Pitch Eurostyle Vertical PCB Header, 5 Circuits
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com