データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TC220-221L-RC データシート(PDF) 1 Page - Allied Components International

部品番号 TC220-221L-RC
部品情報  Toroid Chokes
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ALLIED [Allied Components International]
ホームページ  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

TC220-221L-RC データシート(HTML) 1 Page - Allied Components International

  TC220-221L-RC Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Features
• Low Magnetic Radiation
• Low Core Loss
• High current capacity up to 12.5 Amps
Electrical
Inductance Range: 10µh to 1000µh
Additional values available
Tolerance: 15% over entire range
( )TC220-100L-RC
( )TC220-120L-RC
( )TC220-150L-RC
( )TC220-180L-RC
( )TC220-220L-RC
( )TC220-270L-RC
( )TC220-330L-RC
( )TC220-390L-RC
( )TC220-470L-RC
( )TC220-560L-RC
( )TC220-680L-RC
( )TC220-101L-RC
( )TC220-121L-RC
Allied
Part
Number
L(uH)
@15%
L(µH)
±15%
@I rated
IDC
(A)
DIM
(Nom)
10
12
15
18
22
27
33
39
47
56
68
100
120
12.5
12.0
11.3
10.8
10.3
9.8
7.4
7.1
6.7
6.4
4.9
4.4
3.3
.88
.88
.88
.88
.88
.88
.87
.87
.87
.87
.86
.86
.86
.053
.053
.053
.053
.053
.053
.042
.042
.042
.042
.034
.034
.027
Please specify Vertical or Horizontal Mount by placing a V or H at the beginning of the part number,
i.e. VTC220-100L (Vertical Mount). All specifications subject to change without notice.
DCR
(Ω)
6.7
7.9
9.6
11.3
13.4
16.0
21.6
25.0
29.3
34.1
45.7
64.0
84.4
.46
.46
.46
.46
.46
.46
.45
.45
.45
.45
.44
.44
.44
.007
.008
.008
.009
.010
.011
.020
.022
.024
.026
.046
.056
.098
Tolerance
(%)
15
15
15
15
15
15
15
15
15
15
15
15
15
Toroid Chokes
TC220
ALLIED COMPONENTS INTERNATIONAL
714-665-1140
www.alliedcomponents.com
RoHS
Vertical Mount
Horizontal Mount
0.55
(13.97)
MAX
A
B
C
0.95
(24.13)
MAX
Dimensions:
Inches
(mm)
Tin lead to coil
0.50
(12.70)
• Available in Horizontal or Vertical configuration
Test Frequency: 1KHz
Operating Temp: -55ºC ~ +105ºC
Temp Rise:
∆ T=30ºC Typical at rated IDC
Test Equipment
(L): 100 LCR meter or equivalent
DCR: Chen Hwa 502
Physical
Packaging: Bulk
Marking: None
REVISED 03/15/13
1 KHZ
MAX
A
DIM
(Nom)
B
DIM
(Nom)
C
( )TC220-151L-RC
( )TC220-181L-RC
( )TC220-221L-RC
( )TC220-271L-RC
( )TC220-331L-RC
( )TC220-391L-RC
( )TC220-471L-RC
( )TC220-561L-RC
( )TC220-680L-RC
( )TC220-821L-RC
( )TC220-102L-RC
150
180
220
270
330
390
470
560
680
820
1000
3.1
3.8
3.6
3.4
3.3
2.5
2.3
2.2
2.1
2.0
1.9
.86
.90
.90
.90
.90
.88
.88
.88
.91
.91
.91
.027
.034
.034
.034
.034
.027
.027
.027
.027
.027
.027
102.7
105.9
125.6
149.4
176.8
235.3
275.9
320.1
377.2
441.5
521.3
.44
.48
.48
.48
.48
.46
.46
.46
.49
.49
.49
.110
.075
.083
.092
.100
.180
.190
.210
.230
.260
.280
15
15
15
15
15
15
15
15
15
15
15


同様の部品番号 - TC220-221L-RC

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
TC2201 ETC1-TC2201 Datasheet
131Kb / 4P
   Plastic Packaged Low Noise PHEMT GaAs FETs
logo
Transcom, Inc.
TC2201 TRANSCOM-TC2201 Datasheet
159Kb / 4P
   Plastic Packaged Low Noise PHEMT GaAs FETs
logo
SHENZHEN FUMAN ELECTRON...
TC2201 FUMAN-TC2201 Datasheet
263Kb / 6P
   Dual CC/CV Mode Switch Controller
logo
Productwell Precision E...
TC2208D-151M PRODUCTWELL-TC2208D-151M Datasheet
129Kb / 4P
   TOROID INDUCTORS
TC2209D-501M PRODUCTWELL-TC2209D-501M Datasheet
129Kb / 4P
   TOROID INDUCTORS
More results

同様の説明 - TC220-221L-RC

メーカー部品番号データシート部品情報
logo
Rhombus Industries Inc.
L-11782F RHOMBUS-IND-L-11782F Datasheet
19Kb / 1P
   Small Toroid RF Chokes
L-11781F RHOMBUS-IND-L-11781F Datasheet
19Kb / 1P
   Small Toroid RF Chokes
L-11780F RHOMBUS-IND-L-11780F Datasheet
19Kb / 1P
   Small Toroid RF Chokes
L-11759 RHOMBUS-IND-L-11759 Datasheet
17Kb / 1P
   Small Toroid RF Chokes
logo
Allied Components Inter...
TC220HT ALLIED-TC220HT Datasheet
1Mb / 1P
   Toroid Chokes High Temp
logo
Rhombus Industries Inc.
L-11714 RHOMBUS-IND-L-11714 Datasheet
24Kb / 1P
   Small Toroid RF Chokes
logo
Coilcraft lnc.
DMT COILCRAFT-DMT_13 Datasheet
312Kb / 2P
   Output Power Chokes ??Toroid Styles
logo
List of Unclassifed Man...
HM19 ETC1-HM19 Datasheet
115Kb / 2P
   Toroid Style Common-Mode Chokes
logo
Coilcraft lnc.
DMT2-20-12L COILCRAFT-DMT2-20-12L Datasheet
348Kb / 2P
   Output Power Chokes - Toroid Styles
logo
Bi technologies
HM19 BITECH-HM19 Datasheet
115Kb / 2P
   Toroid Style Common-Mode Chokes
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com