データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FC4A-N08A11 データシート(PDF) 1 Page - List of Unclassifed Manufacturers

部品番号 FC4A-N08A11
部品情報  MicroSmart Performance
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

FC4A-N08A11 データシート(HTML) 1 Page - List of Unclassifed Manufacturers

  FC4A-N08A11 Datasheet HTML 1Page - List of Unclassifed Manufacturers FC4A-N08A11 Datasheet HTML 2Page - List of Unclassifed Manufacturers FC4A-N08A11 Datasheet HTML 3Page - List of Unclassifed Manufacturers FC4A-N08A11 Datasheet HTML 4Page - List of Unclassifed Manufacturers FC4A-N08A11 Datasheet HTML 5Page - List of Unclassifed Manufacturers FC4A-N08A11 Datasheet HTML 6Page - List of Unclassifed Manufacturers FC4A-N08A11 Datasheet HTML 7Page - List of Unclassifed Manufacturers FC4A-N08A11 Datasheet HTML 8Page - List of Unclassifed Manufacturers FC4A-N08A11 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
MicroSmart Series
8
Programmable Logic Controllers
MicroSmart Performance
Features:
Available in 10, 16, 20, 24, and 40 I/O CPUs.
PID Controls
-Program up to 14 PID loops
High Speed I/O
-Built-in 4 high speed inputs
-Single or Dual Phase
-Max. 20KHz frequency
Built-in 2 High speed outputs (Slim model only)
Configure up to 264 I/O Points
Data link up to 32 MicroSmart and Pentra CPUs
Using RS485 communication module/port, you can create a network
of up to 32 CPUs.
Worldwide Approvals
-cULus listed, CE marked
-Class 1 Div. 2 for hazardous locations
-Lloyds Registered and ABS approved for shipping industry
MicroSmart CPU Part Numbers
All-in-One
Appearance
Part Number
Power
I/O Points
Input
Output
Expandability
FC4A-C10R2C
24V DC
10 (6 in/ 4 out)
24V DC (Sink/Source)
Relay
N/A
FC4A-C10R2
100-240V AC
FC4A-C16R2C
24V DC
16 (9 in/ 7 out)
FC4A-C16R2
100-240V AC
FC4A-C24R2C
24V DC
24 (14 in/ 10 out)
88 Maximum I/O
(up to 4 expansion
modules)
FC4A-C24R2
100-240V AC


同様の部品番号 - FC4A-N08A11

メーカー部品番号データシート部品情報
logo
IDEC Corporation
FC4A-AS62M IDEC-FC4A-AS62M Datasheet
190Kb / 1P
   MicroSmart Pentra RS232 Communication Module
FC4A-J2A1 IDEC-FC4A-J2A1 Datasheet
190Kb / 1P
   MicroSmart Pentra RS232 Communication Module
FC4A-J4CN1 IDEC-FC4A-J4CN1 Datasheet
190Kb / 1P
   MicroSmart Pentra RS232 Communication Module
FC4A-J8AT1 IDEC-FC4A-J8AT1 Datasheet
190Kb / 1P
   MicroSmart Pentra RS232 Communication Module
FC4A-J8C1 IDEC-FC4A-J8C1 Datasheet
212Kb / 2P
   PLC High Density Analog I/O Module
More results

同様の説明 - FC4A-N08A11

メーカー部品番号データシート部品情報
logo
IDEC Corporation
FC6A IDEC-FC6A Datasheet
210Kb / 1P
   MicroSmart FC6A PLC
FC4A-L03A1 IDEC-FC4A-L03A1 Datasheet
190Kb / 1P
   MicroSmart Pentra RS232 Communication Module
logo
ON Semiconductor
MC34066 ONSEMI-MC34066 Datasheet
304Kb / 11P
   High Performance High Performance
July, 2006 ??Rev. 3
logo
Advanced Power Electron...
AP6942GMT-HF A-POWER-AP6942GMT-HF Datasheet
134Kb / 7P
   Good Thermal Performance, Fast Switching Performance
logo
Power-One
PFC500 POWER-ONE-PFC500 Datasheet
206Kb / 4P
   PerFormanCe POWER
logo
Feature Integration Tec...
F75334DG FINTEK-F75334DG Datasheet
1Mb / 66P
   Performance Controller
logo
Kemet Corporation
T356J156K035AT KEMET-T356J156K035AT Datasheet
382Kb / 13P
   PERFORMANCE CHARACTERISTICS
T356B475K016AT KEMET-T356B475K016AT Datasheet
382Kb / 13P
   PERFORMANCE CHARACTERISTICS
logo
List of Unclassifed Man...
ANT-868-PML ETC2-ANT-868-PML Datasheet
109Kb / 1P
   Outstanding performance
logo
Shanghai Leiditech Elec...
SMD2920P075TF-60 LEIDITECH-SMD2920P075TF-60 Datasheet
705Kb / 4P
   Performance Specification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com