データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FPXLF036S データシート(PDF) 2 Page - Fox Electronics

部品番号 FPXLF036S
部品情報  Plastic Encased SMD Crystal
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FOX [Fox Electronics]
ホームページ  http://www.foxonline.com
Logo FOX - Fox Electronics

FPXLF036S データシート(HTML) 2 Page - Fox Electronics

  FPXLF036S Datasheet HTML 1Page - Fox Electronics FPXLF036S Datasheet HTML 2Page - Fox Electronics FPXLF036S Datasheet HTML 3Page - Fox Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
37
Fox Electronics
5570 Enterprise Parkway
Fort Myers, Florida 33905
USA +1.239.693.0099
FAX +1.239.693.1554
An Integrated Device Technology, Inc. company
FOXonline.com
Plastic Encased SMD Crystal
Rev. 5/5/2014
RoHS Compliant
http://www.foxonline.com/need_a_sample.htm
Model: FPXLF
Page 2 of 2
• TAPE SPECIFICATIONS (millimeters)
MODEL
FPXLF
A
1.5
B
4.0
C
12.0
D
11.5
E
24.0
F
5.5
STD Reel QTY
1,000
• REEL SPECIFICATIONS (millimeters)
G
2.0
H
13
I
21
J
100
K
250
L
25.5
M
2.0
MODEL
FPXLF
• FPXLF Standard Crystals
Frequency
3.579545
3.686400
3.686400
4.000000
4.915200
7.372800
8.000000
8.000000
10.000000
11.059200
12.000000
16.000000
16.000000
20.000000
25.000000
CL
18pF
Series
20pF
20pF
20pF
20pF
Series
20pF
20pF
20pF
20pF
Series
20pF
20pF
20pF
Part Number
FPXLF036S
FPXLF0368S
FPXLF0368-20
FPXLF040
FPXLF049-20
FPXLF073-20
FPXLF080
FPXLF080-20
FPXLF100-20
FPXLF115-20
FPXLF120-20
FPXLF160
FPXLF160-20
FPXLF200-20
FPXLF250F-20
All specifications subject to change without notice.
Tolerance
+/- 50 ppm
+/- 50 ppm
+/- 50 ppm
+/- 50 ppm
+/- 50 ppm
+/- 50 ppm
+/- 50 ppm
+/- 50 ppm
+/- 50 ppm
+/- 50 ppm
+/- 50 ppm
+/- 50 ppm
+/- 50 ppm
+/- 50 ppm
+/- 50 ppm
Stability
+/- 50 ppm
+/- 50 ppm
+/- 50 ppm
+/- 50 ppm
+/- 50 ppm
+/- 50 ppm
+/- 50 ppm
+/- 50 ppm
+/- 50 ppm
+/- 50 ppm
+/- 50 ppm
+/- 50 ppm
+/- 50 ppm
+/- 50 ppm
+/- 50 ppm
Temp Range
-10 to +70 C
-10 to +70 C
-10 to +70 C
-10 to +70 C
-10 to +70 C
-10 to +70 C
-10 to +70 C
-10 to +70 C
-10 to +70 C
-10 to +70 C
-10 to +70 C
-10 to +70 C
-10 to +70 C
-10 to +70 C
-10 to +70 C


同様の部品番号 - FPXLF036S

メーカー部品番号データシート部品情報
logo
Fox Electronics
FPXLF036S FOX-FPXLF036S Datasheet
197Kb / 3P
   Plastic Encased SMD Crystal
FPXLF036S FOX-FPXLF036S Datasheet
170Kb / 2P
   Plastic Encased SMD Crystal
FPXLF036S FOX-FPXLF036S Datasheet
437Kb / 3P
   Plastic Encased SMD Crystal
More results

同様の説明 - FPXLF036S

メーカー部品番号データシート部品情報
logo
Fox Electronics
FPXLF FOX-FPXLF Datasheet
157Kb / 2P
   Plastic Encased SMD Crystal
FPX FOX-FPX Datasheet
77Kb / 1P
   PLASTIC ENCASED SMD CRYSTAL
FPXLF040 FOX-FPXLF040 Datasheet
197Kb / 3P
   Plastic Encased SMD Crystal
FPXLF250F-20 FOX-FPXLF250F-20 Datasheet
437Kb / 3P
   Plastic Encased SMD Crystal
FPXLF073 FOX-FPXLF073 Datasheet
170Kb / 2P
   Plastic Encased SMD Crystal
FK10000 FOX-FK10000 Datasheet
33Kb / 1P
   TIGHT TOLERANCE THERMOPLASTIC ENCASED SMD CRYSTAL
FK FOX-FK Datasheet
38Kb / 1P
   TIGHT TOLERANCE THERMOPLASTIC ENCASED SMD CRYSTAL
logo
Crystek Corporation
CMD4A CRYSTEKCRYSTAL-CMD4A Datasheet
56Kb / 1P
   Replacement for Plastic SMD Crystal
logo
Abracon Corporation
ABSM2 ABRACON-ABSM2_08 Datasheet
194Kb / 2P
   MOLDED PLASTIC SMD MICROPROCESSOR CRYSTAL
01.11.08
ABSM2 ABRACON-ABSM2_15 Datasheet
1Mb / 2P
   MOLDED PLASTIC SMD MICROPROCESSOR CRYSTAL
10.23.14
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com