データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

7440650022 データシート(PDF) 2 Page - List of Unclassifed Manufacturers

部品番号 7440650022
部品情報  Design Kit SMD-Tiny Power Inductors WE-TPC - Large Size
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

7440650022 データシート(HTML) 2 Page - List of Unclassifed Manufacturers

  7440650022 Datasheet HTML 1Page - List of Unclassifed Manufacturers 7440650022 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
744065150 15
2.2 2.25 0.075 0.09
22
1028 WE-TPC SMD Shielded Tiny Power Inductor
744065220 22
1.8 1.9 0.11
0.135 16
1028 WE-TPC SMD Shielded Tiny Power Inductor
Electrical properties
WE-TPC 1038
Order Code
L
(µH)
IR
(A)
Isat
(A)
RDC typ
(Ω)
RDC
(Ω)
fres
(MHz)
Size
Description
7440660015 1.5 7.2 10.0 0.0062 0.0075 65
1038 WE-TPC SMD Shielded Tiny Power Inductor
7440660022 2.2 6.7 6.8 0.0080 0.0105 55
1038 WE-TPC SMD Shielded Tiny Power Inductor
7440660035 3.5 5.8 6.4 0.0115 0.015 35
1038 WE-TPC SMD Shielded Tiny Power Inductor
744066005 5.0 4.9 5.5 0.0165 0.022 30
1038 WE-TPC SMD Shielded Tiny Power Inductor
7440660062 6.2 4.3 4.5 0.020 0.024 25
1038 WE-TPC SMD Shielded Tiny Power Inductor
744066100 10
3.6 4.0 0.028 0.035 20
1038 WE-TPC SMD Shielded Tiny Power Inductor
744066150 15
3.2 3.25 0.040 0.05
16
1038 WE-TPC SMD Shielded Tiny Power Inductor
744066220 22
2.5 2.3 0.060 0.075 12
1038 WE-TPC SMD Shielded Tiny Power Inductor
744066330 33
2.1 1.8 0.092 0.112 10
1038 WE-TPC SMD Shielded Tiny Power Inductor
744066470 47
1.75 1.85 0.132 0.16
8
1038 WE-TPC SMD Shielded Tiny Power Inductor
744066680 68
1.5 1.5 0.185 0.216 7
1038 WE-TPC SMD Shielded Tiny Power Inductor
744066101 100 1.2 1.2 0.255 0.3
6
1038 WE-TPC SMD Shielded Tiny Power Inductor
744066151 150 1.0 1.1 0.395 0.47
6
1038 WE-TPC SMD Shielded Tiny Power Inductor
744066221 220 0.75 0.85 0.570 0.74
6
1038 WE-TPC SMD Shielded Tiny Power Inductor
744066331 330 0.6 0.7 0.785 1.0
6
1038 WE-TPC SMD Shielded Tiny Power Inductor


同様の部品番号 - 7440650022

メーカー部品番号データシート部品情報
logo
Wurth Elektronik GmbH &...
7440650022 WURTH-7440650022 Datasheet
153Kb / 4P
   POWER-CHOKE WE-TPC
logo
Texas Instruments
7440650022 TI1-7440650022 Datasheet
1Mb / 40P
[Old version datasheet]   3.5 V to 36 V Wide-VIN Synchronous 2.1 MHz Step-Down Converters
logo
Wurth Elektronik GmbH &...
7440650022 WURTH-7440650022_15 Datasheet
1Mb / 6P
   WE-TPC SMD Shielded Tiny Power Inductor
More results

同様の説明 - 7440650022

メーカー部品番号データシート部品情報
logo
Wurth Elektronik GmbH &...
744042008 WURTH-744042008_17 Datasheet
263Kb / 5P
   WE-TPC SMD Shielded Tiny Power Inductor
744062120 WURTH-744062120_15 Datasheet
1Mb / 6P
   WE-TPC SMD Shielded Tiny Power Inductor
7440690220 WURTH-7440690220_15 Datasheet
1Mb / 6P
   WE-TPC SMD Shielded Tiny Power Inductor
744042220 WURTH-744042220_17 Datasheet
260Kb / 5P
   WE-TPC SMD Shielded Tiny Power Inductor
744031002 WURTH-744031002_17 Datasheet
260Kb / 5P
   WE-TPC SMD Shielded Tiny Power Inductor
7440690033 WURTH-7440690033_15 Datasheet
1Mb / 6P
   WE-TPC SMD Shielded Tiny Power Inductor
7440690150 WURTH-7440690150_15 Datasheet
1Mb / 6P
   WE-TPC SMD Shielded Tiny Power Inductor
744042221 WURTH-744042221_17 Datasheet
262Kb / 5P
   WE-TPC SMD Shielded Tiny Power Inductor
744030002 WURTH-744030002_17 Datasheet
263Kb / 5P
   WE-TPC SMD Shielded Tiny Power Inductor
744065221 WURTH-744065221_15 Datasheet
1Mb / 6P
   WE-TPC SMD Shielded Tiny Power Inductor
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com