データシートサーチシステム |
|
HCPL-4502-020 データシート(PDF) 8 Page - Agilent(Hewlett-Packard) |
|
HCPL-4502-020 データシート(HTML) 8 Page - Agilent(Hewlett-Packard) |
8 / 16 page 8 Absolute Maximum Ratings Parameter Symbol Device Min. Max. Units Note Storage Temperature* TS -55 125 °C Operating Temperature* TA 8-Pin DIP -55 100 °C SO-8 Widebody -55 85 Average Forward Input Current* IF(AVG) 25 mA 1 Peak Forward Input Current* IF(PEAK) 8-Pin DIP 2 (50% duty cycle, 1 ms pulse width) SO-8 50 mA (50% duty cycle, 1 ms pulse width) Widebody 40 Peak Transient Input Current* IF(TRANS) 8-Pin DIP 1 A ( ≤ 1 µs pulse width, 300 pps) SO-8 Widebody 0.1 Reverse LED Input Voltage* (Pin 3-2) VR 8-Pin DIP 5 V SO-8 Widebody 3 Input Power Dissipation* PIN 8-Pin DIP 45 mW 3 SO-8 Widebody 40 Average Output Current* (Pin 6) IO(AVG) 8mA Peak Output Current* IO(PEAK) 16 mA Emitter-Base Reverse Voltage* VEBR 5V (Pin 5-7, except 4502/3, 0452/3) Supply Voltage (Pin 8-5) VCC -0.5 30 V Output Voltage (Pin 6-5) VO -0.5 20 V Supply Voltage* (Pin 8-5) VCC -0.5 15 V Output Voltage* (Pin 6-5) VO -0.5 15 V Base Current* (Pin 7, except 4502/3, 0452/3) IB 5mA Output Power Dissipation* PO 100 mW 4 Lead Solder Temperature* (Through-Hole Parts Only) 1.6 mm below seating plane, 10 seconds TLS 8-Pin DIP 260 °C up to seating plane, 10 seconds Widebody 260 °C Reflow Temperature Profile TRP SO-8 and Option 300 *Data has been registered with JEDEC for the 6N135/6N136. See Package Outline Drawings section |
同様の部品番号 - HCPL-4502-020 |
|
同様の説明 - HCPL-4502-020 |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |