データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HCPL-0453-500 データシート(PDF) 5 Page - Agilent(Hewlett-Packard)

部品番号 HCPL-0453-500
部品情報  Single Channel, High Speed Optocouplers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HP [Agilent(Hewlett-Packard)]
ホームページ  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-0453-500 データシート(HTML) 5 Page - Agilent(Hewlett-Packard)

  HCPL-0453-500 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HCPL-0453-500 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL-0453-500 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL-0453-500 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-0453-500 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-0453-500 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-0453-500 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-0453-500 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-0453-500 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
8-Pin Widebody DIP Package with Gull Wing Surface Mount Option 300 (HCNW135/6,
HCNW4502/3)
Solder Reflow Temperature Profile
0
TIME (SECONDS)
200
100
50
150
100
200
250
300
0
30
SEC.
50 SEC.
30
SEC.
160°C
140°C
150°C
PEAK
TEMP.
245°C
PEAK
TEMP.
240°C
PEAK
TEMP.
230°C
SOLDERING
TIME
200°C
PREHEATING TIME
150°C, 90 + 30 SEC.
2.5°C ± 0.5°C/SEC.
3°C + 1°C/–0.5°C
TIGHT
TYPICAL
LOOSE
ROOM
TEMPERATURE
PREHEATING RATE 3°C + 1°C/–0.5°C/SEC.
REFLOW HEATING RATE 2.5°C ± 0.5°C/SEC.
1.00 ± 0.15
(0.039 ± 0.006)
7° NOM.
12.30 ± 0.30
(0.484 ± 0.012)
0.75 ± 0.25
(0.030 ± 0.010)
11.00
(0.433)
5
6
7
8
4
3
2
1
11.15 ± 0.15
(0.442 ± 0.006)
9.00 ± 0.15
(0.354 ± 0.006)
1.3
(0.051)
13.56
(0.534)
2.29
(0.09)
LAND PATTERN RECOMMENDATION
1.78 ± 0.15
(0.070 ± 0.006)
4.00
(0.158)
MAX.
1.55
(0.061)
MAX.
2.54
(0.100)
BSC
DIMENSIONS IN MILLIMETERS (INCHES).
LEAD COPLANARITY = 0.10 mm (0.004 INCHES).
NOTE: FLOATING LEAD PROTRUSION IS 0.25 mm (10 mils) MAX.
0.254
+ 0.076
- 0.0051
(0.010
+ 0.003)
- 0.002)
MAX.


同様の部品番号 - HCPL-0453-500

メーカー部品番号データシート部品情報
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0453-500E AVAGO-HCPL-0453-500E Datasheet
351Kb / 16P
   Single Channel, High Speed Optocouplers
More results

同様の説明 - HCPL-0453-500

メーカー部品番号データシート部品情報
logo
Shenzhen Tenand Technol...
6N138 TENAND-6N138 Datasheet
698Kb / 15P
   Single Channel, High Speed Optocouplers
logo
Lite-On Technology Corp...
6N135 LITEON-6N135 Datasheet
623Kb / 15P
   Single Channel, High Speed Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
6N136-500E AVAGO-6N136-500E Datasheet
691Kb / 17P
   Single Channel, High Speed Optocouplers
HCPL-4503-500E AVAGO-HCPL-4503-500E Datasheet
351Kb / 16P
   Single Channel, High Speed Optocouplers
6N136-020E AVAGO-6N136-020E Datasheet
479Kb / 16P
   Single Channel, High Speed Optocouplers
HCNW136-300E AVAGO-HCNW136-300E Datasheet
444Kb / 16P
   Single Channel, High Speed Optocouplers
HCNW4502 AVAGO-HCNW4502 Datasheet
341Kb / 16P
   Single Channel, High Speed Optocouplers TTL compatible
6N135 AVAGO-6N135 Datasheet
691Kb / 17P
   Single Channel, High Speed Optocouplers TTL compatible
logo
Guangdong Youtai Semico...
6N135 UMW-6N135 Datasheet
793Kb / 7P
   Single Channel,High Speed 1MBit/s Transistor Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0531-500E AVAGO-HCPL-0531-500E Datasheet
179Kb / 14P
   Dual Channel, High Speed Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com