データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HCPL-0453-500 データシート(PDF) 11 Page - Agilent(Hewlett-Packard)

部品番号 HCPL-0453-500
部品情報  Single Channel, High Speed Optocouplers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HP [Agilent(Hewlett-Packard)]
ホームページ  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-0453-500 データシート(HTML) 11 Page - Agilent(Hewlett-Packard)

Back Button HCPL-0453-500 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-0453-500 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-0453-500 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL-0453-500 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL-0453-500 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HCPL-0453-500 Datasheet HTML 12Page - Agilent(Hewlett-Packard) HCPL-0453-500 Datasheet HTML 13Page - Agilent(Hewlett-Packard) HCPL-0453-500 Datasheet HTML 14Page - Agilent(Hewlett-Packard) HCPL-0453-500 Datasheet HTML 15Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
Package Characteristics
Over recommended temperature (TA = 0°C to 70°C) unless otherwise specified.
Parameter
Sym.
Device
Min.
Typ.*
Max.
Units
Test Conditions
Fig.
Note
Input-Output
VISO
8-Pin DIP
3750
V rms
RH < 50%,
6, 14
Momentary
SO-8
t = 1 min.,
Withstand
TA = 25°C
Voltage**
8-Pin DIP
5000
6, 12,
(Option 020)
15
II-O
8-Pin DIP
1
µA
45% RH, t = 5 s,
6, 16
VI-O = 3 kVdc,
TA = 25°C
Input-Output
RI-O
8-Pin DIP
1012
VI-O = 500 Vdc
6
Resistance
SO-8
Widebody
1012
1013
TA = 25°C
1011
TA = 100°C
Input-Output
CI-O
8-Pin DIP
0.6
pF
f = 1 MHz
6
Capacitance
SO-8
Widebody
0.5
0.6
*All typicals at TA = 25°C.
**The Input-Output Momentary Withstand Voltage is a dielectric voltage rating that should not be interpreted as an input-output
continuous voltage rating. For the continuous voltage rating refer to the IEC/EN/DIN EN 60747-5-2 Insulation Related Characteristics
Table (if applicable), your equipment level safety specification or Agilent Application Note 1074 entitled “Optocoupler Input-Output
Endurance Voltage,” publication number 5963-2203E.
Widebody
5000
Notes:
1. Derate linearly above 70
°C free-air temperature at a rate of 0.8 mA/°C (8-Pin DIP).
Derate linearly above 85
°C free-air temperature at a rate of 0.5 mA/°C (SO-8).
2. Derate linearly above 70
°C free-air temperature at a rate of 1.6 mA/°C (8-Pin DIP).
Derate linearly above 85
°C free-air temperature at a rate of 1.0 mA/°C (SO-8).
3. Derate linearly above 70
°C free-air temperature at a rate of 0.9 mW/°C (8-Pin DIP).
Derate linearly above 85
°C free-air temperature at a rate of 1.1 mW/°C (SO-8).
4. Derate linearly above 70
°C free-air temperature at a rate of 2.0 mW/°C (8-Pin DIP).
Derate linearly above 85
°C free-air temperature at a rate of 2.3 mW/°C (SO-8).
5. CURRENT TRANSFER RATIO in percent is defined as the ratio of output collector current, IO, to the forward LED input current, IF,
times 100.
6. Device considered a two-terminal device: Pins 1, 2, 3, and 4 shorted together and Pins 5, 6, 7, and 8 shorted together.
7. Common mode transient immunity in a Logic High level is the maximum tolerable (positive) dVCM/dt on the leading edge of the
common mode pulse signal, VCM, to assure that the output will remain in a Logic High state (i.e., VO > 2.0 V). Common mode
transient immunity in a Logic Low level is the maximum tolerable (negative) dVCM/dt on the trailing edge of the common mode pulse
signal, VCM, to assure that the output will remain in a Logic Low state (i.e., VO < 0.8 V).
8. The 1.9 k
Ω load represents 1 TTL unit load of 1.6 mA and the 5.6 kΩ pull-up resistor.
9. The 4.1 k
Ω load represents 1 LSTTL unit load of 0.36 mA and 6.1 kΩ pull-up resistor.
10. The frequency at which the ac output voltage is 3 dB below its mid-frequency value.
11. The JEDEC registration for the 6N136 specifies a minimum CTR of 15%. Agilent guarantees a minimum CTR of 19%.
12. See Option 020 data sheet for more information.
13. Use of a 0.1
µf bypass capacitor connected between pins 5 and 8 is recommended.
14. In accordance with UL 1577, each optocoupler is proof tested by applying an insulation test voltage
≥ 4500 V rms for 1 second
(leakage detection current limit, II-O ≤ 5 µA). This test is performed before the 100% Production test shown in the IEC/EN/DIN EN
60747-5-2 Insulation Related Characteristics Table if applicable.
15. In accordance with UL 1577, each optocoupler is proof tested by applying an insulation test voltage
≥ 6000 V rms for 1 second
(leakage detection current limit, II-O ≤ 5 µA). This test is performed before the 100% Production test shown in the IEC/EN/DIN EN
60747-5-2 Insulation Related Characteristics Table if applicable.
16. This rating is equally validated by an equivalent ac proof test.
6, 15


同様の部品番号 - HCPL-0453-500

メーカー部品番号データシート部品情報
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0453-500E AVAGO-HCPL-0453-500E Datasheet
351Kb / 16P
   Single Channel, High Speed Optocouplers
More results

同様の説明 - HCPL-0453-500

メーカー部品番号データシート部品情報
logo
Shenzhen Tenand Technol...
6N138 TENAND-6N138 Datasheet
698Kb / 15P
   Single Channel, High Speed Optocouplers
logo
Lite-On Technology Corp...
6N135 LITEON-6N135 Datasheet
623Kb / 15P
   Single Channel, High Speed Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
6N136-500E AVAGO-6N136-500E Datasheet
691Kb / 17P
   Single Channel, High Speed Optocouplers
HCPL-4503-500E AVAGO-HCPL-4503-500E Datasheet
351Kb / 16P
   Single Channel, High Speed Optocouplers
6N136-020E AVAGO-6N136-020E Datasheet
479Kb / 16P
   Single Channel, High Speed Optocouplers
HCNW136-300E AVAGO-HCNW136-300E Datasheet
444Kb / 16P
   Single Channel, High Speed Optocouplers
HCNW4502 AVAGO-HCNW4502 Datasheet
341Kb / 16P
   Single Channel, High Speed Optocouplers TTL compatible
6N135 AVAGO-6N135 Datasheet
691Kb / 17P
   Single Channel, High Speed Optocouplers TTL compatible
logo
Guangdong Youtai Semico...
6N135 UMW-6N135 Datasheet
793Kb / 7P
   Single Channel,High Speed 1MBit/s Transistor Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0531-500E AVAGO-HCPL-0531-500E Datasheet
179Kb / 14P
   Dual Channel, High Speed Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com