データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HCPL-0710 データシート(PDF) 4 Page - Agilent(Hewlett-Packard)

部品番号 HCPL-0710
部品情報  40 ns Prop. Delay, SO-8 Optocoupler
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HP [Agilent(Hewlett-Packard)]
ホームページ  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-0710 データシート(HTML) 4 Page - Agilent(Hewlett-Packard)

  HCPL-0710 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HCPL-0710 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL-0710 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL-0710 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-0710 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-0710 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-0710 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-0710 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-0710 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Electrical Specifications
Test conditions that are not specified can be anywhere within the recommended operating range. All typical
specifications are at TA = +25°C, VDD1 = VDD2 = +5 V.
Parameter
Symbol
Min.
Typ.
Max. Units
Test Conditions
Fig.
Note
DC Specifications
Logic Low Input
IDD1L
6.0
10.0
mA
VI = 0 V
2
Supply Current
Logic High Input
IDD1H
1.5
3.0
mA
VI = VDDI
Supply Current
Input Supply Current
IDD1
13.0
mA
Output Supply Current
IDD2
5.5
11.0
mA
Input Current
II
-10
10
µA
Logic High Output
VOH
VDD2 - 0.1
VDD2
VIO = -20 µA, VI = VIH 1, 2
0.8 *VDD2 VDD2 - 0.5
IO = -4 mA, VI = VIH
Logic Low Output
VOL
0
0.1
V
IO = 20 µA, VI = VIL
0.5
1.0
IO = 4 mA, VI = VIL
Switching
Propagation Delay Time
tPHL
20
40
ns
CL = 15 pF
3, 7
3
to Logic Low Output
CMOS Signal Levels
Propagation Delay Time
tPLH
23
40
to Logic High Output
Pulse Width
PW
80
4
Data Rate
12.5
MBd
Pulse Width Distortion
PWD
3
8
ns
CL = 15 pF
4, 8
5
|tPHL - tPLH|
CMOS Signal Levels
Propagation Delay Skew
tPSK
20
6
Output Rise Time
tR
9CL = 15 pF
5, 9
(10 - 90%)
CMOS Signal Levels
Output Fall Time
tF
86,
(90 - 10%)
10
Common Mode
|CMH|
10
20
kV/
µsV
I = VDD1, VO >7
Transient Immunity at
0.8 VDD1,
Logic High Output
VCM = 1000 V
Common Mode
|CML|10
20
VI = 0 V, VO > 0.8 V,
Transient Immunity at
VCM = 1000 V
Logic Low Output
Input Dynamic Power
CPD1
60
pF
8
Dissipation
Capacitance
Output Dynamic Power
CPD2
10
Dissipation
Capacitance
Voltage
Voltage
Specifications


同様の部品番号 - HCPL-0710

メーカー部品番号データシート部品情報
logo
Agilent(Hewlett-Packard...
HCPL-0710 HP-HCPL-0710 Datasheet
130Kb / 2P
   40 ns Prop. Delay, SO-8 Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0710 AVAGO-HCPL-0710 Datasheet
332Kb / 17P
   40 ns Propagation Delay, CMOS Optocoupler 8 ns maximum pulse width distortion
logo
Agilent(Hewlett-Packard...
HCPL-0710 HP-HCPL-0710 Datasheet
454Kb / 18P
   40 ns Propagation Delay, CMOS Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0710-000E AVAGO-HCPL-0710-000E Datasheet
305Kb / 18P
   40 ns Propagation Delay, CMOS Optocoupler
HCPL-0710-060E AVAGO-HCPL-0710-060E Datasheet
305Kb / 18P
   40 ns Propagation Delay, CMOS Optocoupler
More results

同様の説明 - HCPL-0710

メーカー部品番号データシート部品情報
logo
Agilent(Hewlett-Packard...
HCPL0710 HP-HCPL0710 Datasheet
130Kb / 2P
   40 ns Prop. Delay, SO-8 Optocoupler
logo
Broadcom Corporation.
HCPL-0720 BOARDCOM-HCPL-0720 Datasheet
903Kb / 21P
   40-ns Propagation Delay, CMOS Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0720-500E AVAGO-HCPL-0720-500E Datasheet
292Kb / 18P
   40 ns Propagation Delay, CMOS Optocoupler
logo
Agilent(Hewlett-Packard...
HCPL-7710 HP-HCPL-7710 Datasheet
454Kb / 18P
   40 ns Propagation Delay, CMOS Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7721-520 AVAGO-HCPL-7721-520 Datasheet
292Kb / 18P
   40 ns Propagation Delay, CMOS Optocoupler
HCPL-7721-000E AVAGO-HCPL-7721-000E Datasheet
306Kb / 18P
   40 ns Propagation Delay, CMOS Optocoupler
HCPL-7720 AVAGO-HCPL-7720 Datasheet
292Kb / 18P
   40 ns Propagation Delay, CMOS Optocoupler
HCPL-7710-000E AVAGO-HCPL-7710-000E Datasheet
305Kb / 18P
   40 ns Propagation Delay, CMOS Optocoupler
logo
Agilent(Hewlett-Packard...
HCPL-7720 HP-HCPL-7720 Datasheet
305Kb / 18P
   40 ns Propagation Delay CMOS Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7710 AVAGO-HCPL-7710 Datasheet
332Kb / 17P
   40 ns Propagation Delay, CMOS Optocoupler 8 ns maximum pulse width distortion
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com