データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HCPL-3100 データシート(PDF) 10 Page - Agilent(Hewlett-Packard)

部品番号 HCPL-3100
部品情報  Power MOSFET/IGBT Gate Drive Optocouplers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HP [Agilent(Hewlett-Packard)]
ホームページ  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-3100 データシート(HTML) 10 Page - Agilent(Hewlett-Packard)

Back Button HCPL-3100 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL-3100 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL-3100 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-3100 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-3100 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-3100 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-3100 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-3100 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL-3100 Datasheet HTML 10Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
1-347
Figure 27. Typical Propagation Delay
Time vs. Ambient Temperature.
Figure 26. Typical Propagation Delay
Time vs. Forward Current, HCPL-
3101.
Figure 23. Typical High Level Supply
Current vs. Supply Voltage.
Figure 25. Typical Propagation Delay
Time vs. Forward Current, HCPL-
3100.
Figure 24. Typical Low Level Supply
Current vs. Supply Voltage.
12
10
8
6
4
2
15
18
21
24
27
30
T
= -25°C
A
25°C
SUPPLY VOLTAGE V
(V)
CC
80°C
I = 10 mA, HCPL-3100
F
I = 5 mA, HCPL-3101
F
14
12
10
8
6
4
15
18
21
24
27
30
T
= -25°C
A
25°C
SUPPLY VOLTAGE V
(V)
CC
80°C
I
= 0 mA
F
2.5
2.0
1.5
1.0
0.5
0
0
5
10
15
20
25
T = 75°C
A
25°C
FORWARD CURRENT I (mA)
F
-25°C
t
PLH
t
PHL
V
= 24 V
CC
R = 47 Ω
G
C = 3000 pF
G
T = 75°C
A
-25°C
25°C
1.0
0.8
0.6
0.4
0.2
0
0
5
10
15
20
25
25°C
-25°C
tPLH
tPHL
R = 47 Ω
G
C = 3000 pF
G
25°C
V
= 24 V
CC
T = 75°C
A
-25°C
FORWARD CURRENT I
(mA)
F
T = 75°C
A
1.0
0.8
0.6
0.4
0.2
0
-25
0
25
50
75
100
AMBIENT TEMPERATURE T (°C)
PLH
tPHL
V
= 24 V
CC
R = 47
G
C = 3000 pF
G
I = 5 mA, HCPL-3101
F
I = 10 mA, HCPL-3100
F
tPLH
PHL
HCPL-3100
HCPL-3101
A
t
t


同様の部品番号 - HCPL-3100

メーカー部品番号データシート部品情報
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-3100 AVAGO-HCPL-3100 Datasheet
429Kb / 14P
   Power MOSFET/IGBT Gate Drive Optocouplers Uninterruptable power supply
HCPL-3100 AVAGO-HCPL-3100 Datasheet
429Kb / 14P
   Power MOSFET/IGBT Gate Drive Optocouplers
HCPL-3100 AVAGO-HCPL-3100 Datasheet
429Kb / 14P
   Power MOSFET/IGBT Gate Drive Optocouplers
HCPL-3100 AVAGO-HCPL-3100 Datasheet
429Kb / 14P
   Power MOSFET/IGBT Gate Drive Optocouplers
HCPL-3100-300E AVAGO-HCPL-3100-300E Datasheet
429Kb / 14P
   Power MOSFET/IGBT Gate Drive Optocouplers
More results

同様の説明 - HCPL-3100

メーカー部品番号データシート部品情報
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-3100-500E AVAGO-HCPL-3100-500E Datasheet
429Kb / 14P
   Power MOSFET/IGBT Gate Drive Optocouplers
HCPL-3100-300E AVAGO-HCPL-3100-300E Datasheet
429Kb / 14P
   Power MOSFET/IGBT Gate Drive Optocouplers
HCPL-3101-000E AVAGO-HCPL-3101-000E Datasheet
429Kb / 14P
   Power MOSFET/IGBT Gate Drive Optocouplers
HCPL-3100 AVAGO-HCPL-3100 Datasheet
429Kb / 14P
   Power MOSFET/IGBT Gate Drive Optocouplers Uninterruptable power supply
logo
Toshiba Semiconductor
TLP5214 TOSHIBA-TLP5214 Datasheet
910Kb / 20P
   Isolated IGBT/Power MOSFET gate drive
logo
ISOCOM COMPONENTS
IS314P ISOCOM-IS314P Datasheet
3Mb / 17P
   IGBT/MOSFET Gate Drive
ICPL3120 ISOCOM-ICPL3120 Datasheet
1Mb / 14P
   IGBT/MOSFET Gate Drive
IS314W ISOCOM-IS314W Datasheet
991Kb / 17P
   IGBT/MOSFET Gate Drive
IS341W ISOCOM-IS341W Datasheet
1Mb / 17P
   IGBT/MOSFET Gate Drive
IS480P ISOCOM-IS480P Datasheet
1Mb / 15P
   Isolated IGBT/MOSFET Gate Drive
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com