データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST121143 データシート(PDF) 1 Page - E-SWITCH

部品番号 ST121143
部品情報  ALL DIMENSIONS IN MM [INCH]
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  E-SWITCH [E-SWITCH]
ホームページ  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

ST121143 データシート(HTML) 1 Page - E-SWITCH

  ST121143 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ISOMETRIC
ISOMETRIC
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
100DP1T6B11M53REH
2:1
2/26/2007
ST121143
A
TN
1
1
PC MOUNTING
A
17030
RELEASED FOR PRODUCTION
2/26/07
TN
NOTE:
1. ALL DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X=±0.4
X.XX=±0.25
3. TERMINAL NUMBERS FOR REF ONLY
4. PLATING MATERIAL: GOLD
5. RATING: 0.4 (VA) Max. @20V Max
6. ELECTRIC LIFE: 40,000 make-and-break cycles
at full load.
7. INSULATION RESISTANCE: 1,000 Mega-ohm min.
8. DIELECTRIC STRENGTH: 1,000 V RMS @sea level.
9. OPERATING TEMP.: -30°C to 85°C
10.
DENOTES CRITICAL PARAMETER.
11. PACKAGE: TRAY/54 PIECES PER
12. 2002/95/EC (ROHS) COMPLIANT
13. HARDWARE TO BE SHIPPED BULK
T100011 - LOCK WASHER, QTY-1
T100015 - LOCK RING, QTY-1
T100000 - HEX NUT, QTY-2
POS. 1
POS. 2
POS. 3
SWITCH FUNCTION
NONE
ON
ON
2-3, 5-6
OPEN
2-1, 5-4
2
13
CIRCUI: DPDT
E-SWITCH
MARKING ON
OPPOSITE SIDE
4
5
6
6
8.89
[.350 in]
12.70
[.500 in]
11.43
[.450 in]
3
5
46
7.55
[.297 in]
25
~
POS. 1
POS. 3
4.83
[.190 in]
4.70
[.185 in]
n1.85
[.073 in]
1/4-40 UNS-2A
THREADS
1.27
[.050 in] TYP.
4.70
[.185 in] TYP.
4.83
[.190 in]
KEYWAY
EPOXY SEAL
10.55
[.415 in]
.76
[.030 in]
1.44
[.057 in]
12.30
[.484 in]
100DP1T6B11M53RE
(T121143)


同様の部品番号 - ST121143

メーカー部品番号データシート部品情報
logo
E-SWITCH
ST121140 E-SWITCH-ST121140 Datasheet
129Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
ST121141 E-SWITCH-ST121141 Datasheet
126Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
ST121142 E-SWITCH-ST121142 Datasheet
137Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
ST121144 E-SWITCH-ST121144 Datasheet
152Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
ST121146 E-SWITCH-ST121146 Datasheet
175Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
More results

同様の説明 - ST121143

メーカー部品番号データシート部品情報
logo
E-SWITCH
T700203 E-SWITCH-T700203 Datasheet
35Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
T700400 E-SWITCH-T700400 Datasheet
31Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B401000 E-SWITCH-B401000 Datasheet
154Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B401009 E-SWITCH-B401009 Datasheet
203Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B410001 E-SWITCH-B410001 Datasheet
197Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M300001 E-SWITCH-M300001 Datasheet
34Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M302431 E-SWITCH-M302431 Datasheet
176Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M304204 E-SWITCH-M304204 Datasheet
33Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M304211 E-SWITCH-M304211 Datasheet
35Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M304212 E-SWITCH-M304212 Datasheet
35Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M305213 E-SWITCH-M305213 Datasheet
141Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com