データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HCPL-7800B データシート(PDF) 6 Page - Agilent(Hewlett-Packard)

部品番号 HCPL-7800B
部品情報  High CMR Isolation Amplifiers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HP [Agilent(Hewlett-Packard)]
ホームページ  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-7800B データシート(HTML) 6 Page - Agilent(Hewlett-Packard)

Back Button HCPL-7800B Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL-7800B Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL-7800B Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-7800B Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-7800B Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-7800B Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-7800B Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-7800B Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL-7800B Datasheet HTML 10Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
1-221
DC Electrical Specifications
All specifications and figures are at the nominal operating condition of V
IN+ = 0 V, VIN- = 0 V, TA = 25°C, VDD1 =
5.0 V, and V
DD2 = 5.0 V, unless otherwise noted.
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Fig.
Note
Input Offset Voltage
V
OS
-1.8
-0.9
0.0
mV
1
Input Offset Drift vs.
dV
OS/dT
-2.1
µV/°C
1, 2
6
Temperature
Abs. Value of Input
|dV
OS/dT|
4.6
µV/°C1
7
Offset Drift vs. Temperature
Input Offset Drift vs. V
DD1
dV
OS/dVDD1
30
µV/V
1, 3
8
Input Offset Drift vs. V
DD2
dVOS/dVDD2
-40
µV/V
1, 4
9
Gain (
± 5% Tol.)
G
7.61
8.00
8.40
-200 mV < V
IN+ < 200 mV
1, 5
10
Gain - A Version (
± 1% Tol.)
G
A
7.85
7.93
8.01
Gain - B Version (
± 1% Tol.)
G
B
7.99
8.07
8.15
Gain Drift vs. Temperature
dG/dT
0.001
%/
°C
5, 6
11
Abs. Value of Gain Drift vs.
|dG/dT|
0.001
%/
°C5
12
Temperature
Gain Drift vs. V
DD1
dG/dV
DD1
0.21
%/V
5, 7
13
Gain Drift vs. V
DD2
dG/dVDD2
-0.06
%/V
5, 8
14
200 mV Nonlinearity
NL
200
0.2
0.35
%
5, 9
15
200 mV Nonlinearity Drift
dNL
200/dT
-0.001
% pts/
°C5, 10
16
vs. Temperature
200 mV Nonlinearity Drift
dNL
200/dVDD1
-0.005
% pts/V
5, 11
17
vs. V
DD1
200 mV Nonlinearity Drift
dNL
200/dVDD2
-0.007
% pts/V
5, 12
18
vs. V
DD2
100 mV Nonlinearity
NL
100
0.1
0.25
%
-100 mV< V
IN+ < 100 mV
5, 13
19
Maximum Input Voltage
|V
IN+|max
300
mV
14
Before Output Clipping
Average Input Bias Current
I
IN
-670
nA
15, 16
20
Input Bias Current
dI
IN/dT
3
nA/
°C
Temperature Coefficient
Average Input Resistance
R
IN
530
k
15
20
Input Resistance
dR
IN/dT
0.38
%/
°C
Temperature Coefficient
Input DC Common-Mode
CMRR
IN
72
dB
21
Rejection Ratio
Output Resistance
R
O
11
5
Output Resistance
dR
O/dT
0.6
%/
°C
Temperature Coefficient
Output Low Voltage
V
OL
1.18
V
|VIN+| = 500 mV
14
22
Output High Voltage
V
OH
3.61
V
I
OUT+ = 0 A, IOUT– = 0 A
Output Common-Mode
V
OCM
2.20
2.39
2.60
V
-40
°C < T
A < 85°C14
Voltage
4.5 V < V
DD1 < 5.5 V
Input Supply Current
I
DD1
10.7
15.5
mA
17
23
Output Supply Current
I
DD2
11.6
14.5
mA
VIN+ = 200 mV,
18
24
-40
°C < T
A < 85°C
4.5 V < V
DD2 < 5.5 V
Output Short-Circuit
|I
OSC|
9.3
mA
V
OUT = 0 V or VDD2
25
Current


同様の部品番号 - HCPL-7800B

メーカー部品番号データシート部品情報
logo
Agilent(Hewlett-Packard...
HCPL-7800B HP-HCPL-7800B Datasheet
415Kb / 17P
   High CMR Isolation Amplifiers
More results

同様の説明 - HCPL-7800B

メーカー部品番号データシート部品情報
logo
Agilent(Hewlett-Packard...
HPCL7800 HP-HPCL7800 Datasheet
415Kb / 17P
   High CMR Isolation Amplifiers
HCPL-7820 HP-HCPL-7820 Datasheet
228Kb / 15P
   High CMR Analog Isolation Amplifiers
logo
List of Unclassifed Man...
284J ETC-284J Datasheet
38Kb / 1P
   High CMV, High Performance Isolation Amplifiers
logo
Intronics Power, Inc.
248J INTRONICS-248J Datasheet
1Mb / 6P
   High CMV, High Performance Isolation Amplifiers
logo
List of Unclassifed Man...
277 ETC1-277 Datasheet
67Kb / 1P
   Precision Isolation Amplifier High CMV/CMR,-5V Floating
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-790A-500E AVAGO-ACPL-790A-500E Datasheet
198Kb / 15P
   Precision Isolation Amplifiers
ACPL-7900-500E AVAGO-ACPL-7900-500E Datasheet
1Mb / 15P
   Precision Isolation Amplifiers
logo
PHOENIX CONTACT
2864105 PHOENIX-2864105 Datasheet
441Kb / 10P
   NAMUR isolation amplifiers
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-7900-000E AVAGO-ACPL-7900-000E Datasheet
187Kb / 14P
   Precision Isolation Amplifiers
ACPL-C78A-500E AVAGO-ACPL-C78A-500E Datasheet
278Kb / 17P
   Miniature Isolation Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com