データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HCPL-5201-300 データシート(PDF) 9 Page - Agilent(Hewlett-Packard)

部品番号 HCPL-5201-300
部品情報  Hermetically Sealed, Low IF, Wide VCC, Logic Gate Optocouplers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HP [Agilent(Hewlett-Packard)]
ホームページ  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-5201-300 データシート(HTML) 9 Page - Agilent(Hewlett-Packard)

Back Button HCPL-5201-300 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-5201-300 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-5201-300 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-5201-300 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-5201-300 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-5201-300 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL-5201-300 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL-5201-300 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HCPL-5201-300 Datasheet HTML 12Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
Figure 6. Typical Propagation Delay
vs. Temperature.
Figure 7. Typical Rise, Fall Time vs.
Temperature.
Figure 3. Output Voltage vs. Forward
Input Current.
Figure 4. Typical Diode Input Forward
Characteristic.
GND
VCC
IF
5 V
D.U.T.
619
INPUT
MONITORING
NODE
PULSE GEN.
tr = tf = 5 ns
t = 100 kHz
10 % DUTY
CYCLE
CL=
15 pF
THE PROBE AND JIG CAPACITANCES
ARE INCLUDED IN CL.
VO
VE
OUTPUT VO
MONITORING
NODE
VCC
Rf
D1
D2
5 K
D3
D4
Figure 5. Test Circuit for t
PLH
, t
PHL
, t
r
, and t
f
.


同様の部品番号 - HCPL-5201-300

メーカー部品番号データシート部品情報
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-5201 AVAGO-HCPL-5201 Datasheet
367Kb / 14P
   Hermetically Sealed Low IF, Wide VCC, Logic Gate Optocouplers
More results

同様の説明 - HCPL-5201-300

メーカー部品番号データシート部品情報
logo
Broadcom Corporation.
HCPL-520X BOARDCOM-HCPL-520X Datasheet
1Mb / 15P
   Hermetically Sealed Low IF, Wide VCC, Logic Gate Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-520X AVAGO-HCPL-520X Datasheet
367Kb / 14P
   Hermetically Sealed Low IF, Wide VCC, Logic Gate Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-675X HP-HCPL-675X Datasheet
320Kb / 12P
   Hermetically Sealed, Low IF, Wide VCC, High Gain Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
6N140A-883B AVAGO-6N140A-883B Datasheet
206Kb / 12P
   Hermetically Sealed, Low IF, Wide VCC, High Gain Optocouplers
logo
Broadcom Corporation.
6N140A BOARDCOM-6N140A Datasheet
1Mb / 14P
   Hermetically Sealed, Low IF, Wide VCC, High Gain Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
6N140A AVAGO-6N140A Datasheet
206Kb / 12P
   Hermetically Sealed, Low IF, Wide VCC, High Gain Optocouplers
HCPL-5731 AVAGO-HCPL-5731 Datasheet
206Kb / 12P
   Hermetically Sealed, Low IF, Wide VCC, High Gain Optocouplers
logo
Broadcom Corporation.
ACPL-570XL BOARDCOM-ACPL-570XL Datasheet
956Kb / 13P
   Hermetically Sealed 3.3V, Low IF, Wide VCC, High Gain Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-5730L AVAGO-ACPL-5730L Datasheet
169Kb / 11P
   Hermetically Sealed 3.3V, Low IF, Wide VCC, High Gain Optocouplers
HCPL-2211-300E AVAGO-HCPL-2211-300E Datasheet
389Kb / 18P
   Very High CMR, Wide VCC Logic Gate Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com