データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HLMP-0800 データシート(PDF) 1 Page - Agilent(Hewlett-Packard)

部品番号 HLMP-0800
部品情報  T-13/4, 2 mm X 5 mm Rectangular Bicolor LED Lamps High Efficiency Red/ High Performance Green
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HP [Agilent(Hewlett-Packard)]
ホームページ  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-0800 データシート(HTML) 1 Page - Agilent(Hewlett-Packard)

  HLMP-0800 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HLMP-0800 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HLMP-0800 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HLMP-0800 Datasheet HTML 4Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1-157
T-13/4, 2 mm X 5 mm Rectangular
Bicolor LED Lamps
High Efficiency Red/
High Performance Green
Technical Data
H
Features:
• Two Color (Red, Green)
Operation
• (Other Two LED Color
Combinations Available)
• Three Leads with One
Common Cathode
• Option of Straight or Spread
Lead Configurations
• Diffused, Wide Visibility
Lens
Description
The T-1 3/4 HLMP-4000 and
2 mm by 5 mm rectangular
HLMP-0800 are three leaded
bicolor light sources designed for
a variety of applications where
dual state illumination is required
in the same package. There are
two LED chips, high efficiency
red (HER), and high performance
green (Green), mounted on a
central common cathode lead for
maximum on-axis viewability.
Colors between HER and Green
can be generated by
independently pulse width
modulating the LED chips.
Other Bicolor
Combinations
Other bicolor combinations are
available:
• HER/yellow
• HER/green
• DH AlGaAs red/green.
Contact your local Hewlett-
Packard Components Field Sales
representative for details.
Package Dimensions
HLMP-4000
HLMP-0800
HLMP-4000
HLMP-0800
5964-9363E


同様の部品番号 - HLMP-0800

メーカー部品番号データシート部品情報
logo
Agilent(Hewlett-Packard...
HLMP-0800 HP-HLMP-0800 Datasheet
159Kb / 6P
   T-1 3/4, 2 mm x 5 mm Rectangular Bicolor LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-0800 AVAGO-HLMP-0800 Datasheet
192Kb / 6P
   T-1 3/4, 2 mm x 5 mm Rectangular Bicolor LED Lamps
logo
Broadcom Corporation.
HLMP-0800 BOARDCOM-HLMP-0800 Datasheet
192Kb / 6P
   T-1 3/4, 2 mm x 5 mm Rectangular Bicolor LED Lamps
More results

同様の説明 - HLMP-0800

メーカー部品番号データシート部品情報
logo
Agilent(Hewlett-Packard...
HLMP-08XX HP-HLMP-08XX Datasheet
159Kb / 6P
   T-1 3/4, 2 mm x 5 mm Rectangular Bicolor LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-4000 AVAGO-HLMP-4000 Datasheet
192Kb / 6P
   T-1 3/4, 2 mm x 5 mm Rectangular Bicolor LED Lamps
logo
Broadcom Corporation.
HLMP-40XX BOARDCOM-HLMP-40XX Datasheet
192Kb / 6P
   T-1 3/4, 2 mm x 5 mm Rectangular Bicolor LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-810X HP-HLMP-810X Datasheet
164Kb / 5P
   T-13/4 (5 mm) High Performance TS AlGaAs Red LED Lamps
HLMA-CX00 HP-HLMA-CX00 Datasheet
122Kb / 7P
   T-13/4 (5 mm), T-1 (3 mm), High Performance AlInGaP LED Lamps
HLMP-S100 HP-HLMP-S100_1 Datasheet
132Kb / 9P
   2 mm x 5 mm Rectangular LED Lamps
HLMP-S100 HP-HLMP-S100 Datasheet
151Kb / 4P
   2 mm x 5 mm Rectangular LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-S501-C0000 AVAGO-HLMP-S501-C0000 Datasheet
424Kb / 8P
   2 mm x 5 mm Rectangular LED Lamps
HLMP-4700 AVAGO-HLMP-4700 Datasheet
291Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps High efficiency
logo
Broadcom Corporation.
HLMP-S100 BOARDCOM-HLMP-S100 Datasheet
255Kb / 8P
   2 mm x 5 mm Rectangular LED Lamps
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com