データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ATMEGA128A データシート(PDF) 74 Page - ATMEL Corporation

部品番号 ATMEGA128A
部品情報  8-bit Microcontroller with 128Kbytes
Download  369 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ATMEL [ATMEL Corporation]
ホームページ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA128A データシート(HTML) 74 Page - ATMEL Corporation

Back Button ATMEGA128A Datasheet HTML 70Page - ATMEL Corporation ATMEGA128A Datasheet HTML 71Page - ATMEL Corporation ATMEGA128A Datasheet HTML 72Page - ATMEL Corporation ATMEGA128A Datasheet HTML 73Page - ATMEL Corporation ATMEGA128A Datasheet HTML 74Page - ATMEL Corporation ATMEGA128A Datasheet HTML 75Page - ATMEL Corporation ATMEGA128A Datasheet HTML 76Page - ATMEL Corporation ATMEGA128A Datasheet HTML 77Page - ATMEL Corporation ATMEGA128A Datasheet HTML 78Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 369 page
background image
74
ATmega 128A [DATASHEET]
Atmel-8151I-8-bit-AVR-ATmega128A_Datasheet-08/2014
Note:
1. See “Output Compare Modulator (OCM1C2)” on page 157 for details. OC1C does not exist in ATmega103 com-
patibility mode.
12.3.3
Alternate Functions of Port C
In ATmega103 compatibility mode, Port C is output only. The ATmega128A is by default shipped in compatibility
mode. Thus, if the parts are not programmed before they are put on the PCB, PORTC will be output during first
power up, and until the ATmega103 compatibility mode is disabled. The Port C has an alternate function as the
address high byte for the External Memory Interface.
Table 12-6.
Overriding Signals for Alternate Functions in PB7:PB4
Signal Name
PB7/OC2/OC1C
PB6/OC1B
PB5/OC1A
PB4/OC0
PUOE
0
0
0
0
PUOV
0
0
0
0
DDOE
0
0
0
0
DDOV
0
0
0
0
PVOE
OC2/OC1C ENABLE(1)
OC1B ENABLE
OC1A ENABLE
OC0 ENABLE
PVOV
OC2/OC1C(1)
OC1B
OC1A
OC0B
DIEOE
0
0
0
0
DIEOV
0
0
0
0
DI
AIO
Table 12-7.
Overriding Signals for Alternate Functions in PB3:PB0
Signal
Name
PB3/MISO
PB2/MOSI
PB1/SCK
PB0/SS
PUOE
SPE • MSTR
SPE • MSTR
SPE • MSTR
SPE • MSTR
PUOV
PORTB3 • PUD
PORTB2 • PUD
PORTB1 • PUD
PORTB0 • PUD
DDOE
SPE • MSTR
SPE • MSTR
SPE • MSTR
SPE • MSTR
DDOV
0
0
0
0
PVOE
SPE • MSTR
SPE • MSTR
SPE • MSTR
0
PVOV
SPI SLAVE OUTPUT
SPI MSTR OUTPUT
SCK OUTPUT
0
DIEOE
0
0
0
0
DIEOV
0
0
0
0
DI
SPI MSTR INPUT
SPI SLAVE INPUT
SCK INPUT
SPI SS
AIO


同様の部品番号 - ATMEGA128A

メーカー部品番号データシート部品情報
logo
ATMEL Corporation
ATMEGA128A ATMEL-ATMEGA128A Datasheet
561Kb / 22P
   8-bit Microcontroller with 128K Bytes In-System Programmable Flash
ATMEGA128A ATMEL-ATMEGA128A Datasheet
7Mb / 386P
   Write/Erase cycles: 10,000 Flash/100,000 EEPROM
ATMEGA128A-AU ATMEL-ATMEGA128A-AU Datasheet
561Kb / 22P
   8-bit Microcontroller with 128K Bytes In-System Programmable Flash
ATMEGA128A-AUR ATMEL-ATMEGA128A-AUR Datasheet
561Kb / 22P
   8-bit Microcontroller with 128K Bytes In-System Programmable Flash
ATMEGA128A-MU ATMEL-ATMEGA128A-MU Datasheet
561Kb / 22P
   8-bit Microcontroller with 128K Bytes In-System Programmable Flash
More results

同様の説明 - ATMEGA128A

メーカー部品番号データシート部品情報
logo
ATMEL Corporation
ATMEGA128-16AN ATMEL-ATMEGA128-16AN Datasheet
481Kb / 24P
   8-bit Atmel Microcontroller with 128KBytes In-System Programmable Flash
AT90USB646-AU ATMEL-AT90USB646-AU Datasheet
11Mb / 456P
   8-bit Atmel Microcontroller with 64/128Kbytes of ISP Flash and USB Controller
AT90USB646-MU ATMEL-AT90USB646-MU Datasheet
11Mb / 456P
   8-bit Atmel Microcontroller with 64/128Kbytes of ISP Flash and USB Controller
ATMEGA128 ATMEL-ATMEGA128 Datasheet
481Kb / 24P
   Microcontroller with 128KBytes In-System Programmable Flash
Rev. 2467XS-AVR-06/11
logo
Holtek Semiconductor In...
HT827A0 HOLTEK-HT827A0 Datasheet
302Kb / 49P
   8-Bit Microcontroller with Voice ROM
logo
Integral Corp.
IZ7008 INTEGRAL-IZ7008 Datasheet
445Kb / 16P
   8-BIT MICROCONTROLLER WITH LCD DRIVER
logo
ELAN Microelectronics C...
EM78458 EMC-EM78458 Datasheet
399Kb / 62P
   8-Bit Microcontroller with MASK ROM
EM78156E EMC-EM78156E Datasheet
420Kb / 48P
   8-Bit Microcontroller with MASK ROM
EM78P153K EMC-EM78P153K Datasheet
903Kb / 68P
   8-Bit Microcontroller with OTP ROM
EM78P163N EMC-EM78P163N Datasheet
700Kb / 82P
   8-Bit Microcontroller with OTP ROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com