データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ATMEGA128A データシート(PDF) 84 Page - ATMEL Corporation

部品番号 ATMEGA128A
部品情報  8-bit Microcontroller with 128Kbytes
Download  369 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ATMEL [ATMEL Corporation]
ホームページ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA128A データシート(HTML) 84 Page - ATMEL Corporation

Back Button ATMEGA128A Datasheet HTML 80Page - ATMEL Corporation ATMEGA128A Datasheet HTML 81Page - ATMEL Corporation ATMEGA128A Datasheet HTML 82Page - ATMEL Corporation ATMEGA128A Datasheet HTML 83Page - ATMEL Corporation ATMEGA128A Datasheet HTML 84Page - ATMEL Corporation ATMEGA128A Datasheet HTML 85Page - ATMEL Corporation ATMEGA128A Datasheet HTML 86Page - ATMEL Corporation ATMEGA128A Datasheet HTML 87Page - ATMEL Corporation ATMEGA128A Datasheet HTML 88Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 369 page
background image
84
ATmega 128A [DATASHEET]
Atmel-8151I-8-bit-AVR-ATmega128A_Datasheet-08/2014
12.4
Register Description
12.4.1
SFIOR - Special Function IO Register
• Bit 2 – PUD: Pull-up disable
When this bit is written to one, the pull-ups in the I/O ports are disabled even if the DDxn and PORTxn Registers
are configured to enable the pull-ups ({DDxn, PORTxn} = 0b01). See “Configuring the Pin” on page 65 for more
details about this feature.
12.4.2
PORTA - Port A Data Register
12.4.3
DDRA - Port A Data Direction Register
12.4.4
PINA - Port A Input Pins Address
Table 12-22.
Overriding Signals for Alternate Functions in PG0
Signal Name
PG0/WR
PUOE
SRE
PUOV
0
DDOE
SRE
DDOV
1
PVOE
SRE
PVOV
WR
DIEOE
0
DIEOV
0
DI
AIO
Bit
7
6
5
4
3
2
1
0
TSM
ACME
PUD
PSR0
PSR321
SFIOR
Read/Write
R/W
R
R
R
R/W
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0
Bit
76543210
PORTA7
PORTA6
PORTA5
PORTA4
PORTA3
PORTA2
PORTA1
PORTA0
PORTA
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
00000000
Bit
7
6543210
DDA7
DDA6
DDA5
DDA4
DDA3
DDA2
DDA1
DDA0
DDRA
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0000000
Bit
7
6543210
PINA7
PINA6
PINA5
PINA4
PINA3
PINA2
PINA1
PINA0
PINA
Read/Write
R
RRRRR
RR
Initial Value
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A


同様の部品番号 - ATMEGA128A

メーカー部品番号データシート部品情報
logo
ATMEL Corporation
ATMEGA128A ATMEL-ATMEGA128A Datasheet
561Kb / 22P
   8-bit Microcontroller with 128K Bytes In-System Programmable Flash
ATMEGA128A ATMEL-ATMEGA128A Datasheet
7Mb / 386P
   Write/Erase cycles: 10,000 Flash/100,000 EEPROM
ATMEGA128A-AU ATMEL-ATMEGA128A-AU Datasheet
561Kb / 22P
   8-bit Microcontroller with 128K Bytes In-System Programmable Flash
ATMEGA128A-AUR ATMEL-ATMEGA128A-AUR Datasheet
561Kb / 22P
   8-bit Microcontroller with 128K Bytes In-System Programmable Flash
ATMEGA128A-MU ATMEL-ATMEGA128A-MU Datasheet
561Kb / 22P
   8-bit Microcontroller with 128K Bytes In-System Programmable Flash
More results

同様の説明 - ATMEGA128A

メーカー部品番号データシート部品情報
logo
ATMEL Corporation
ATMEGA128-16AN ATMEL-ATMEGA128-16AN Datasheet
481Kb / 24P
   8-bit Atmel Microcontroller with 128KBytes In-System Programmable Flash
AT90USB646-AU ATMEL-AT90USB646-AU Datasheet
11Mb / 456P
   8-bit Atmel Microcontroller with 64/128Kbytes of ISP Flash and USB Controller
AT90USB646-MU ATMEL-AT90USB646-MU Datasheet
11Mb / 456P
   8-bit Atmel Microcontroller with 64/128Kbytes of ISP Flash and USB Controller
ATMEGA128 ATMEL-ATMEGA128 Datasheet
481Kb / 24P
   Microcontroller with 128KBytes In-System Programmable Flash
Rev. 2467XS-AVR-06/11
logo
Holtek Semiconductor In...
HT827A0 HOLTEK-HT827A0 Datasheet
302Kb / 49P
   8-Bit Microcontroller with Voice ROM
logo
Integral Corp.
IZ7008 INTEGRAL-IZ7008 Datasheet
445Kb / 16P
   8-BIT MICROCONTROLLER WITH LCD DRIVER
logo
ELAN Microelectronics C...
EM78458 EMC-EM78458 Datasheet
399Kb / 62P
   8-Bit Microcontroller with MASK ROM
EM78156E EMC-EM78156E Datasheet
420Kb / 48P
   8-Bit Microcontroller with MASK ROM
EM78P153K EMC-EM78P153K Datasheet
903Kb / 68P
   8-Bit Microcontroller with OTP ROM
EM78P163N EMC-EM78P163N Datasheet
700Kb / 82P
   8-Bit Microcontroller with OTP ROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com