データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ATMEGA128A データシート(PDF) 14 Page - ATMEL Corporation

部品番号 ATMEGA128A
部品情報  8-bit Microcontroller with 128Kbytes
Download  369 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ATMEL [ATMEL Corporation]
ホームページ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA128A データシート(HTML) 14 Page - ATMEL Corporation

Back Button ATMEGA128A Datasheet HTML 10Page - ATMEL Corporation ATMEGA128A Datasheet HTML 11Page - ATMEL Corporation ATMEGA128A Datasheet HTML 12Page - ATMEL Corporation ATMEGA128A Datasheet HTML 13Page - ATMEL Corporation ATMEGA128A Datasheet HTML 14Page - ATMEL Corporation ATMEGA128A Datasheet HTML 15Page - ATMEL Corporation ATMEGA128A Datasheet HTML 16Page - ATMEL Corporation ATMEGA128A Datasheet HTML 17Page - ATMEL Corporation ATMEGA128A Datasheet HTML 18Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 369 page
background image
14
ATmega 128A [DATASHEET]
Atmel-8151I-8-bit-AVR-ATmega128A_Datasheet-08/2014
Figure 6-3.
The X-, Y-, and Z-registers
In the different addressing modes these address registers have functions as fixed displacement, automatic
increment, and automatic decrement (see the Instruction Set Reference for details).
6.6
Stack Pointer
The Stack is mainly used for storing temporary data, for storing local variables and for storing return addresses
after interrupts and subroutine calls. Note that the Stack is implemented as growing from higher to lower
memory locations. The Stack Pointer Register always points to the top of the Stack. The Stack Pointer points to
the data SRAM Stack area where the Subroutine and Interrupt Stacks are located. A Stack PUSH command will
decrease the Stack Pointer.
The Stack in the data SRAM must be defined by the program before any subroutine calls are executed or
interrupts are enabled. Initial Stack Pointer value equals the last address of the internal SRAM and the Stack
Pointer must be set to point above start of the SRAM, see Figure 7-2 on page 21.
See Table 6-1 for Stack Pointer details.
The Atmel®AVR® Stack Pointer is implemented as two 8-bit registers in the I/O space. The number of bits
actually used is implementation dependent. Note that the data space in some implementations of the AVR
architecture is so small that only SPL is needed. In this case, the SPH Register will not be present.
15
XH
XL
0
X - register
7
0
7
0
R27 ($1B)
R26 ($1A)
15
YH
YL
0
Y - register
7
0
7
0
R29 ($1D)
R28 ($1C)
15
ZH
ZL
0
Z - register
7
0
7
0
R31 ($1F)
R30 ($1E)
Table 6-1.
Stack Pointer instructions
Instruction
Stack pointer
Description
PUSH
Decremented by 1
Data is pushed onto the stack
CALL
ICALL
RCALL
Decremented by 2
Return address is pushed onto the stack with a subroutine call or
interrupt
POP
Incremented by 1
Data is popped from the stack
RET
RETI
Incremented by 2
Return address is popped from the stack with return from
subroutine or return from interrupt


同様の部品番号 - ATMEGA128A

メーカー部品番号データシート部品情報
logo
ATMEL Corporation
ATMEGA128A ATMEL-ATMEGA128A Datasheet
561Kb / 22P
   8-bit Microcontroller with 128K Bytes In-System Programmable Flash
ATMEGA128A ATMEL-ATMEGA128A Datasheet
7Mb / 386P
   Write/Erase cycles: 10,000 Flash/100,000 EEPROM
ATMEGA128A-AU ATMEL-ATMEGA128A-AU Datasheet
561Kb / 22P
   8-bit Microcontroller with 128K Bytes In-System Programmable Flash
ATMEGA128A-AUR ATMEL-ATMEGA128A-AUR Datasheet
561Kb / 22P
   8-bit Microcontroller with 128K Bytes In-System Programmable Flash
ATMEGA128A-MU ATMEL-ATMEGA128A-MU Datasheet
561Kb / 22P
   8-bit Microcontroller with 128K Bytes In-System Programmable Flash
More results

同様の説明 - ATMEGA128A

メーカー部品番号データシート部品情報
logo
ATMEL Corporation
ATMEGA128-16AN ATMEL-ATMEGA128-16AN Datasheet
481Kb / 24P
   8-bit Atmel Microcontroller with 128KBytes In-System Programmable Flash
AT90USB646-AU ATMEL-AT90USB646-AU Datasheet
11Mb / 456P
   8-bit Atmel Microcontroller with 64/128Kbytes of ISP Flash and USB Controller
AT90USB646-MU ATMEL-AT90USB646-MU Datasheet
11Mb / 456P
   8-bit Atmel Microcontroller with 64/128Kbytes of ISP Flash and USB Controller
ATMEGA128 ATMEL-ATMEGA128 Datasheet
481Kb / 24P
   Microcontroller with 128KBytes In-System Programmable Flash
Rev. 2467XS-AVR-06/11
logo
Holtek Semiconductor In...
HT827A0 HOLTEK-HT827A0 Datasheet
302Kb / 49P
   8-Bit Microcontroller with Voice ROM
logo
Integral Corp.
IZ7008 INTEGRAL-IZ7008 Datasheet
445Kb / 16P
   8-BIT MICROCONTROLLER WITH LCD DRIVER
logo
ELAN Microelectronics C...
EM78458 EMC-EM78458 Datasheet
399Kb / 62P
   8-Bit Microcontroller with MASK ROM
EM78156E EMC-EM78156E Datasheet
420Kb / 48P
   8-Bit Microcontroller with MASK ROM
EM78P153K EMC-EM78P153K Datasheet
903Kb / 68P
   8-Bit Microcontroller with OTP ROM
EM78P163N EMC-EM78P163N Datasheet
700Kb / 82P
   8-Bit Microcontroller with OTP ROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com