データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ATMEGA128A データシート(PDF) 51 Page - ATMEL Corporation

部品番号 ATMEGA128A
部品情報  8-bit Microcontroller with 128Kbytes
Download  369 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ATMEL [ATMEL Corporation]
ホームページ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA128A データシート(HTML) 51 Page - ATMEL Corporation

Back Button ATMEGA128A Datasheet HTML 47Page - ATMEL Corporation ATMEGA128A Datasheet HTML 48Page - ATMEL Corporation ATMEGA128A Datasheet HTML 49Page - ATMEL Corporation ATMEGA128A Datasheet HTML 50Page - ATMEL Corporation ATMEGA128A Datasheet HTML 51Page - ATMEL Corporation ATMEGA128A Datasheet HTML 52Page - ATMEL Corporation ATMEGA128A Datasheet HTML 53Page - ATMEL Corporation ATMEGA128A Datasheet HTML 54Page - ATMEL Corporation ATMEGA128A Datasheet HTML 55Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 369 page
background image
51
ATmega 128A [DATASHEET]
Atmel-8151I-8-bit-AVR-ATmega128A_Datasheet-08/2014
10.
System Control and Reset
10.1
Resetting the AVR
During Reset, all I/O registers are set to their initial values, and the program starts execution from the Reset
Vector. The instruction placed at the Reset Vector must be a JMP – absolute jump – instruction to the reset
handling routine. If the program never enables an interrupt source, the interrupt vectors are not used, and
regular program code can be placed at these locations. This is also the case if the Reset Vector is in the
Application section while the interrupt vectors are in the Boot section or vice versa. The circuit diagram in Figure
10-1 shows the reset logic. The the electrical parameters of the reset circuitry are defined in “System and Reset
Characteristics” on page 306.
The I/O ports of the Atmel®AVR® are immediately reset to their initial state when a reset source goes active. This
does not require any clock source to be running.
After all reset sources have gone inactive, a delay counter is invoked, stretching the internal reset. This allows
the power to reach a stable level before normal operation starts. The time-out period of the delay counter is
defined by the user through the CKSEL fuses. The different selections for the delay period are presented in
“Clock Sources” on page 40.
10.2
Reset Sources
The ATmega128A has five sources of reset:
Power-on Reset. The MCU is reset when the supply voltage is below the Power-on Reset threshold
(VPOT).
External Reset. The MCU is reset when a low level is present on the RESET pin for longer than the
minimum pulse length.
Watchdog Reset. The MCU is reset when the Watchdog Timer period expires and the Watchdog is
enabled.
Brown-out Reset. The MCU is reset when the supply voltage VCC is below the Brown-out Reset threshold
(VBOT) and the Brown-out Detector is enabled.
JTAG AVR Reset. The MCU is reset as long as there is a logic one in the Reset Register, one of the scan
chains of the JTAG system. Refer to the section “IEEE 1149.1 (JTAG) Boundary-scan” on page 241 for
details.


同様の部品番号 - ATMEGA128A

メーカー部品番号データシート部品情報
logo
ATMEL Corporation
ATMEGA128A ATMEL-ATMEGA128A Datasheet
561Kb / 22P
   8-bit Microcontroller with 128K Bytes In-System Programmable Flash
ATMEGA128A ATMEL-ATMEGA128A Datasheet
7Mb / 386P
   Write/Erase cycles: 10,000 Flash/100,000 EEPROM
ATMEGA128A-AU ATMEL-ATMEGA128A-AU Datasheet
561Kb / 22P
   8-bit Microcontroller with 128K Bytes In-System Programmable Flash
ATMEGA128A-AUR ATMEL-ATMEGA128A-AUR Datasheet
561Kb / 22P
   8-bit Microcontroller with 128K Bytes In-System Programmable Flash
ATMEGA128A-MU ATMEL-ATMEGA128A-MU Datasheet
561Kb / 22P
   8-bit Microcontroller with 128K Bytes In-System Programmable Flash
More results

同様の説明 - ATMEGA128A

メーカー部品番号データシート部品情報
logo
ATMEL Corporation
ATMEGA128-16AN ATMEL-ATMEGA128-16AN Datasheet
481Kb / 24P
   8-bit Atmel Microcontroller with 128KBytes In-System Programmable Flash
AT90USB646-AU ATMEL-AT90USB646-AU Datasheet
11Mb / 456P
   8-bit Atmel Microcontroller with 64/128Kbytes of ISP Flash and USB Controller
AT90USB646-MU ATMEL-AT90USB646-MU Datasheet
11Mb / 456P
   8-bit Atmel Microcontroller with 64/128Kbytes of ISP Flash and USB Controller
ATMEGA128 ATMEL-ATMEGA128 Datasheet
481Kb / 24P
   Microcontroller with 128KBytes In-System Programmable Flash
Rev. 2467XS-AVR-06/11
logo
Holtek Semiconductor In...
HT827A0 HOLTEK-HT827A0 Datasheet
302Kb / 49P
   8-Bit Microcontroller with Voice ROM
logo
Integral Corp.
IZ7008 INTEGRAL-IZ7008 Datasheet
445Kb / 16P
   8-BIT MICROCONTROLLER WITH LCD DRIVER
logo
ELAN Microelectronics C...
EM78458 EMC-EM78458 Datasheet
399Kb / 62P
   8-Bit Microcontroller with MASK ROM
EM78156E EMC-EM78156E Datasheet
420Kb / 48P
   8-Bit Microcontroller with MASK ROM
EM78P153K EMC-EM78P153K Datasheet
903Kb / 68P
   8-Bit Microcontroller with OTP ROM
EM78P163N EMC-EM78P163N Datasheet
700Kb / 82P
   8-Bit Microcontroller with OTP ROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com