データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HLMP-1600OD00 データシート(PDF) 7 Page - Agilent(Hewlett-Packard)

部品番号 HLMP-1600OD00
部品情報  T-13/4 (5 mm), T-1 (3 mm), 5 Volt, 12 Volt, Integrated Resistor LED Lamps
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HP [Agilent(Hewlett-Packard)]
ホームページ  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-1600OD00 データシート(HTML) 7 Page - Agilent(Hewlett-Packard)

  HLMP-1600OD00 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HLMP-1600OD00 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HLMP-1600OD00 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HLMP-1600OD00 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HLMP-1600OD00 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HLMP-1600OD00 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HLMP-1600OD00 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HLMP-1600OD00 Datasheet HTML 8Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
Intensity Range
(mcd)
Color
Bin
Min.
Max.
D
2.4
3.8
E
3.8
6.1
F
6.1
9.7
G
9.7
15.5
H
15.5
24.8
I
24.8
39.6
J
39.6
63.4
K
63.4
101.5
L
101.5
162.4
M
162.4
234.6
N
234.6
340.0
Red
O
340.0
540.0
P
540.0
850.0
Q
850.0
1200.0
R
1200.0
1700.0
S
1700.0
2400.0
T
2400.0
3400.0
U
3400.0
4900.0
V
4900.0
7100.0
W
7100.0 10200.0
X
10200.0 14800.0
Y
14800.0 21400.0
Z
21400.0 30900.0
Intensity Range
(mcd)
Color
Bin
Min.
Max.
C
2.5
4.0
D
4.0
6.5
E
6.5
10.3
F
10.3
16.6
G
16.6
26.5
H
26.5
42.3
I
42.3
67.7
J
67.7
108.2
K
108.2
173.2
Yellow
L
173.2
250.0
M
250.0
360.0
N
360.0
510.0
O
510.0
800.0
P
800.0
1250.0
Q
1250.0
1800.0
R
1800.0
2900.0
S
2900.0
4700.0
T
4700.0
7200.0
U
7200.0 11700.0
V
11700.0 18000.0
W
18000.0 27000.0
Intensity Bin Limit
(Cont'd)
Intensity Range
(mcd)
Color
Bin
Min.
Max.
B
1.8
2.9
C
2.9
4.7
D
4.7
7.6
E
7.6
12.0
F
12.0
19.1
G
19.1
30.7
H
30.7
49.1
I
49.1
78.5
J
78.5
125.7
K
125.7
201.1
Green
L
201.1
289.0
M
289.0
417.0
N
417.0
680.0
O
680.0
1100.0
P
1100.0
1800.0
Q
1800.0
2700.0
R
2700.0
4300.0
S
4300.0
6800.0
T
6800.0
10800.0
U
10800.0 16000.0
V
16000.0 25000.0
W
25000.0 40000.0
(Cont'd)
Maximum tolerance for each bin limit is
± 18%.


同様の部品番号 - HLMP-1600OD00

メーカー部品番号データシート部品情報
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-1600 AVAGO-HLMP-1600 Datasheet
141Kb / 9P
   T-13/4 (5 mm), T-1 (3 mm), 5 Volt, 12 Volt Integrated Resistor LED Lamps
HLMP-1600 AVAGO-HLMP-1600 Datasheet
202Kb / 8P
   T??3/4 (5 mm), T-1 (3 mm), 5 Volt, 12 Volt, Integrated Resistor LED Lamps
logo
Broadcom Corporation.
HLMP-1600 BOARDCOM-HLMP-1600 Datasheet
230Kb / 8P
   T??3/4 (5 mm), T-1 (3 mm), 5 Volt, 12 Volt, Integrated Resistor LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-1600 AVAGO-HLMP-1600_07 Datasheet
141Kb / 9P
   T-13/4 (5 mm), T-1 (3 mm), 5 Volt, 12 Volt Integrated Resistor LED Lamps
More results

同様の説明 - HLMP-1600OD00

メーカー部品番号データシート部品情報
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-1600 AVAGO-HLMP-1600_07 Datasheet
141Kb / 9P
   T-13/4 (5 mm), T-1 (3 mm), 5 Volt, 12 Volt Integrated Resistor LED Lamps
HLMP-1600 AVAGO-HLMP-1600 Datasheet
202Kb / 8P
   T??3/4 (5 mm), T-1 (3 mm), 5 Volt, 12 Volt, Integrated Resistor LED Lamps
logo
Broadcom Corporation.
HLMP-1600 BOARDCOM-HLMP-1600 Datasheet
230Kb / 8P
   T??3/4 (5 mm), T-1 (3 mm), 5 Volt, 12 Volt, Integrated Resistor LED Lamps
logo
QT Optoelectronics
MR3050 QT-MR3050 Datasheet
264Kb / 3P
   INTEGRATED T-1 3/4 RESISTOR LAMPS 5 VOLT AND 12 VOLT SERIES
MR5060 QT-MR5060 Datasheet
261Kb / 3P
   INTEGRATED T-1 RESISTOR LAMPS 5 VOLT AND 12 VOLT SERIES
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-3750-L00B2 AVAGO-HLMP-3750-L00B2 Datasheet
684Kb / 12P
   T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-4700 HP-HLMP-4700 Datasheet
192Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
HLMP-3707 HP-HLMP-3707_05 Datasheet
255Kb / 11P
   T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-1700 AVAGO-HLMP-1700 Datasheet
410Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
HLMP-1790 AVAGO-HLMP-1790 Datasheet
291Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com