データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LSA3821-AP データシート(PDF) 1 Page - Agilent(Hewlett-Packard)

部品番号 LSA3821-AP
部品情報  Analog Coaxial Pigtailed Laser Module
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HP [Agilent(Hewlett-Packard)]
ホームページ  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

LSA3821-AP データシート(HTML) 1 Page - Agilent(Hewlett-Packard)

  LSA3821-AP Datasheet HTML 1Page - Agilent(Hewlett-Packard) LSA3821-AP Datasheet HTML 2Page - Agilent(Hewlett-Packard) LSA3821-AP Datasheet HTML 3Page - Agilent(Hewlett-Packard) LSA3821-AP Datasheet HTML 4Page - Agilent(Hewlett-Packard) LSA3821-AP Datasheet HTML 5Page - Agilent(Hewlett-Packard) LSA3821-AP Datasheet HTML 6Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
526
Analog Coaxial Pigtailed
Laser Module
Technical Data
LSA2825 - Analog
Coaxial Laser
LSA3821 - Dual-in-Line
Package
Features
• Compact Coaxial Package
• Strained Multi Quantum
Well (SMQW) Laser Chip
• Low Thresholds Current and
Operating Currents
• Wide Operating Tempera-
ture –40
°C to +85°C
• Optical Power May Be
Customized up to 2 mW
• Convenient Variety of
Pinout and Mounting Flange
Options
Applications
• CATV/CCTV
• Return Path Links
• LANS/WANS
Description
The LSAX82X is a compact
analog coaxial pigtailed laser
transmitter, operating in the
1300 nm wavelength region and
coupling light to single mode
fiber.
The device features a high
reliability SMQW laser diode and
rear facet monitor photodiode.
These are electrically connected
to four pins in an industry-
standard configuration.
Environmental performance is
designed to be compatible with
the requirements of Bellcore’s
TA-NWT-000983 document.
If the specific arrangement or
performance you require is not
listed, please contact your local
representative, as our highly
flexible design and manufacturing
processes allow both physical and
electro-optical customization to
meet your needs.
Laser Safety Warning
This device is a Class IIIb (3b) Laser Product. It may emit invisible laser radiation if operated with the fiber pigtail disconnected. To avoid
possible eye damage do not look into an unconnected fiber pigtail during laser operation. Do not exceed specified operating limits.
5965-7337E (5/97)


同様の部品番号 - LSA3821-AP

メーカー部品番号データシート部品情報
logo
Honeywell Solid State E...
LSA3K HONEYWELL-LSA3K Datasheet
11Mb / 38P
   MICRO SWITCH Heavy-Duty Limit Switch
2018 06/18
logo
OptoSupply Internationa...
LSA3XS OPTOSUPPLY-LSA3XS Datasheet
933Kb / 4P
   PRODUCT SPECIFICATION FOR LED Ribbon Light
More results

同様の説明 - LSA3821-AP

メーカー部品番号データシート部品情報
logo
Agilent(Hewlett-Packard...
LST2425X HP-LST2425X Datasheet
153Kb / 6P
   Coaxial Pigtailed Laser Module
LST252X HP-LST252X Datasheet
155Kb / 6P
   Coaxial Pigtailed Laser Module
logo
Roithner LaserTechnik G...
SPL1310-4-9-PD ROITHNER-SPL1310-4-9-PD Datasheet
260Kb / 3P
   Pigtailed Coaxial Laser Diode
SPL785-20-4P-PD ROITHNER-SPL785-20-4P-PD Datasheet
169Kb / 3P
   Pigtailed Coaxial Laser Diode
SPL785-20-4-PD ROITHNER-SPL785-20-4-PD Datasheet
169Kb / 3P
   Pigtailed Coaxial Laser Diode
SPL785-30-4-PD ROITHNER-SPL785-30-4-PD Datasheet
147Kb / 2P
   Pigtailed Coaxial Laser Diode
logo
Rochester Electronics
SPL1310-4-9-PD ROCHESTER-SPL1310-4-9-PD Datasheet
260Kb / 3P
   Pigtailed Coaxial Laser Diode
SPL1310-1-9-PD ROCHESTER-SPL1310-1-9-PD Datasheet
274Kb / 2P
   Pigtailed Coaxial Laser Diode
logo
Roithner LaserTechnik G...
SPL405-15-4 ROITHNER-SPL405-15-4 Datasheet
167Kb / 3P
   Pigtailed Coaxial Laser Diode
SPL405-45-4 ROITHNER-SPL405-45-4 Datasheet
163Kb / 3P
   Pigtailed Coaxial Laser Diode
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com