データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LSC4110-BI データシート(PDF) 5 Page - Agilent(Hewlett-Packard)

部品番号 LSC4110-BI
部品情報  1 mW 14 Pin DIL Cooled Laser Modules
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HP [Agilent(Hewlett-Packard)]
ホームページ  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

LSC4110-BI データシート(HTML) 5 Page - Agilent(Hewlett-Packard)

  LSC4110-BI Datasheet HTML 1Page - Agilent(Hewlett-Packard) LSC4110-BI Datasheet HTML 2Page - Agilent(Hewlett-Packard) LSC4110-BI Datasheet HTML 3Page - Agilent(Hewlett-Packard) LSC4110-BI Datasheet HTML 4Page - Agilent(Hewlett-Packard) LSC4110-BI Datasheet HTML 5Page - Agilent(Hewlett-Packard) LSC4110-BI Datasheet HTML 6Page - Agilent(Hewlett-Packard) LSC4110-BI Datasheet HTML 7Page - Agilent(Hewlett-Packard) LSC4110-BI Datasheet HTML 8Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
464
Ic
Ih
Vc
A
A
V
1.0
1.0
2.0
-
-
-
Typ -4.4
Typ 3900
THERMISTOR
Resistance
Temperature Coefficient of Rt
ß Constant
k
%dR/K
°K
80
0.08
-
-
-
800
0.8
20
± 0.5
± 0.5
µA
A/W
nA
dB
dB
Rt = 10 k
Ω, Tc = ~25°C, CW,
Pf = 1 mW, Vr = 5 V (Note 2)
unless otherwise specified
Pf = 0 mW
Im = Im @ (Pf = 1 mW, Tc = 25
°C)
∆T = -40°C, Tc = 85°C
∆T = +65°C, Tc = -40°C
MONITOR PHOTODIODE
Photocurrent
Responsivity
Dark Current
Tracking Error
Performance Specifications (cont'd.)
Max.
Min.
Parameter
Units
Symbol
Test Conditions
Test Limits
Im
R
Id
∆R
Note:
2. Monitor Photodiode will also operate under zero bias conditions.
Test Limits
Min.
Max.
Units
Test Conditions
Parameter
Symbol
Rt
∆Rt/∆T
ß
Tc = 25
°C, Pf = 0 mW
unless otherwise specified
0
°C to 50°C
TEC
TEC Cooling Current
TEC Heating Current
Voltage
Parameter
Symbol
Units
Min.
Max.
Tc = 25
°C, Pf = 1 mW
unless otherwise specified
∆T = -40°C, Tc = 85°C
∆T = 65°C, Tc = -40°C
∆T = -40°C to +65°C
Test Limits
Test Conditions
Fiber Pigtail: Tight jacketed, self-mode stripping, single mode fiber
Parameter
Length
Spot Size (mode radius)
Cladding Diameter
Core/Cladding Concentricity
Secondary Jacket Diameter
Effective Cut-off Wavelength
Minimum
1.0
4.5
122
-
0.8
1150
Maximum
-
5.5
128
1.0
1.0
1240
Units
m
µm
µm
µm
mm
nm
Hewlett-Packard can offer a ruggedized fiber pigtail for this product range if extreme mechanical strength is required. The pigtail
length can be customized to your specific length, with a connector, to a tolerance of
±25 mm.
9.5
10.5


同様の部品番号 - LSC4110-BI

メーカー部品番号データシート部品情報
logo
Honeywell Solid State E...
LSC4L HONEYWELL-LSC4L Datasheet
11Mb / 38P
   MICRO SWITCH Heavy-Duty Limit Switch
2018 06/18
More results

同様の説明 - LSC4110-BI

メーカー部品番号データシート部品情報
logo
Agilent(Hewlett-Packard...
LSC2110-622 HP-LSC2110-622 Datasheet
111Kb / 6P
   2.5 mW 14 Pin DIL Cooled Laser Module
LSC3X00 HP-LSC3X00 Datasheet
115Kb / 7P
   14 Pin DIL Uncooled Laser Modules
logo
OKI electronic componet...
OL6201N-A10 OKI-OL6201N-A10 Datasheet
59Kb / 8P
   MQW Laser Diode Cooled Dil Module (1625 nm /-10 nm, 1 mW)
logo
Roithner LaserTechnik G...
G155PU001S ROITHNER-G155PU001S Datasheet
299Kb / 5P
   Pigtailed 14-PIN DIL Laser Diode with TEC
G131PU001S ROITHNER-G131PU001S Datasheet
321Kb / 5P
   Pigtailed 14-PIN DIL Laser Diode with TEC
logo
EUROQUARTZ limited
GDA14 EUROQUARTZ-GDA14 Datasheet
91Kb / 1P
   14 pin DIL
GDF14 EUROQUARTZ-GDF14 Datasheet
89Kb / 1P
   14 pin DIL VCXO
GPA14 EUROQUARTZ-GPA14 Datasheet
90Kb / 1P
   14 pin DIL VCXO
GPF14 EUROQUARTZ-GPF14 Datasheet
90Kb / 1P
   14 pin DIL VCXO
logo
OKI electronic componet...
OL6205N-1-A10 OKI-OL6205N-1-A10 Datasheet
58Kb / 8P
   MQW Laser Diode Uncooled Dil Module (1625 nm /-10 nm, 1 mW)
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com