データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LC79401KNE データシート(PDF) 3 Page - ON Semiconductor

部品番号 LC79401KNE
部品情報  Dot-Matrix LCD Drivers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC79401KNE データシート(HTML) 3 Page - ON Semiconductor

  LC79401KNE Datasheet HTML 1Page - ON Semiconductor LC79401KNE Datasheet HTML 2Page - ON Semiconductor LC79401KNE Datasheet HTML 3Page - ON Semiconductor LC79401KNE Datasheet HTML 4Page - ON Semiconductor LC79401KNE Datasheet HTML 5Page - ON Semiconductor LC79401KNE Datasheet HTML 6Page - ON Semiconductor LC79401KNE Datasheet HTML 7Page - ON Semiconductor LC79401KNE Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
LC79401KNE
No. A1419-3/8
Electrical Characteristics at Ta = 25
±2°C, VDD = 2.7 to 5.5V
Parameter
Symbol
Conditions
min
typ
max
unit
Input high level current
IIH
VIN=VDD, LOAD, CP, CDI, R/L,
DI1 to DI4, M, DISPOFF
1
μA
Input low level current
IIL
VIN=VSS, LOAD, CP, CDI, R/L,
DI1 to DI4, M, DISPOFF
-1
μA
Output high level voltage
VOH
IOH=-400μA, CDO
VDD-0.4
V
Output low level voltage
VOL
IOL=400μA, CDO
0.4
V
RON(1)
VDD-VEE=30V, ⎜VDE-VO⎜=0.5V:
O1 to O80 *5
0.6
1.5
k
Ω
Driver on resistance
RON(2)
VDD-VEE=20V, ⎜VDE-VO⎜=0.5V:
O1 to O80 *5
0.7
2.0
k
Ω
Standby current drain
IST
CDI=VDD, VDD-VEE=30V,
CP=6.0MHz, Output unloaded: VSS
200
μA
Operating current drain
ISS *6
VDD-VEE=30V, CP=6MHz,
LOAD=14kHz, M=35Hz: VSS
4.0
mA
IEE *7
VDD-VEE=30V, CP=6MHz,
LOAD=14kHz, M=35Hz: VEE
0.5
mA
Input capacitance
CI
f=6.0MHz ; CP
8
pF
Note *5 VDE = one of V1, V3, V4 or VEE, V1 = VDD, V3 = 15/17 (VDD-VEE), V4 = 2/17 (VDD-VEE)
*6 ISS is the current flowing from VDD to VSS
*7 IEE is the current flowing from VDD to VEE
Switching Characteristics at Ta = 25
±2°C, VSS = 0V, VDD = 2.7 to 5.5V
Parameter
Symbol
Conditions
min
typ
max
unit
VDD=2.7 to 4.5V
100
ns
Output delay time 1
tD1
Load=15pF: CDO
VDD=4.5 to 5.5V
80
ns
VDD=2.7 to 4.5V
100
ns
Output delay time 2
tD2
Load=15pF: CDO
VDD=4.5 to 5.5V
80
ns


同様の部品番号 - LC79401KNE

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LC79401KNE SANYO-LC79401KNE Datasheet
91Kb / 8P
   Dot-Matrix LCD Drivers
More results

同様の説明 - LC79401KNE

メーカー部品番号データシート部品情報
logo
ON Semiconductor
LC79431KNE ONSEMI-LC79431KNE Datasheet
118Kb / 7P
   Dot-Matrix LCD Drivers
July, 2013
logo
Sanyo Semicon Device
LC7940YC SANYO-LC7940YC Datasheet
257Kb / 13P
   Dot-matrix LCD Drivers
LC79430KNE SANYO-LC79430KNE Datasheet
123Kb / 7P
   Dot-Matrix LCD Drivers
LC79431KNE SANYO-LC79431KNE Datasheet
121Kb / 7P
   Dot-Matrix LCD Drivers
LC7940YD SANYO-LC7940YD Datasheet
243Kb / 11P
   Dot-matrix LCD Drivers
logo
ON Semiconductor
LC79430KNE ONSEMI-LC79430KNE Datasheet
120Kb / 7P
   Dot-Matrix LCD Drivers
July, 2013
logo
Sanyo Semicon Device
LC79401KNE SANYO-LC79401KNE Datasheet
91Kb / 8P
   Dot-Matrix LCD Drivers
LC7940KD SANYO-LC7940KD Datasheet
112Kb / 13P
   CMOS IC Dot-Matrix LCD Drivers
LC7942KD SANYO-LC7942KD Datasheet
70Kb / 8P
   CMOS IC Dot-Matrix LCD Drivers
LC7940ND SANYO-LC7940ND Datasheet
214Kb / 11P
   Dot-Matrix LCD Driver
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com