データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74AC273PC データシート(PDF) 6 Page - Fairchild Semiconductor

部品番号 74AC273PC
部品情報  Octal D-Type Flip-Flop
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74AC273PC データシート(HTML) 6 Page - Fairchild Semiconductor

Back Button 74AC273PC Datasheet HTML 2Page - Fairchild Semiconductor 74AC273PC Datasheet HTML 3Page - Fairchild Semiconductor 74AC273PC Datasheet HTML 4Page - Fairchild Semiconductor 74AC273PC Datasheet HTML 5Page - Fairchild Semiconductor 74AC273PC Datasheet HTML 6Page - Fairchild Semiconductor 74AC273PC Datasheet HTML 7Page - Fairchild Semiconductor 74AC273PC Datasheet HTML 8Page - Fairchild Semiconductor 74AC273PC Datasheet HTML 9Page - Fairchild Semiconductor 74AC273PC Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
©1988 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74AC273, 74ACT273 Rev. 1.6.0
6
AC Electrical Characteristics for AC
Note:
6. Voltage range 3.3 is 3.3V ± 0.3V. Voltage range 5.0 is 5.0V ± 0.5V.
AC Operating Requirements for AC
Note:
7. Voltage range 3.3 is 3.3V ± 0.3V. Voltage range 5.0 is 5.0V ± 0.5V.
Symbol
Parameter
VCC (V)
(6)
TA = +25°C,
CL = 50pF
TA = –40°C to +85°C,
CL = 50pF
Units
Min.
Typ.
Max.
Min.
Max.
fMAX
Maximum Clock Frequency
3.3
90
125
75
MHz
5.0
140
175
125
tPLH
Propagation Delay,
Clock to Output
3.3
4.0
7.0
12.5
3.0
14.0
ns
5.0
3.0
5.5
9.0
2.5
10.0
tPHL
Propagation Delay,
Clock to Output
3.3
4.0
7.0
13.0
3.5
14.5
ns
5.0
3.0
5.0
10.0
2.5
11.0
tPHL
Propagation Delay,
MR to Output
3.3
4.0
7.0
13.0
3.5
14.0
ns
5.0
3.0
5.0
10.0
2.5
10.5
Symbol
Parameter
VCC (V)
(7)
TA = +25°C,
CL = 50pF
TA = –40°C to +85°C,
CL = 50pF
Units
Typ.
Guaranteed Minimum
tS
Setup Time, HIGH or LOW,
Data to CP
3.3
3.5
5.5
6.0
ns
5.0
2.5
4.0
4.5
tH
Hold Time, HIGH or LOW,
Data to CP
3.3
–2.0
0
0
ns
5.0
–1.0
1.0
1.0
tW
Clock Pulse Width, HIGH or LOW
3.3
3.5
5.5
6.0
ns
5.0
2.5
4.0
4.5
tW
MR Pulse Width, HIGH or LOW
3.3
2.0
5.5
6.0
ns
5.0
1.5
4.0
4.5
trec
Recovery Time, MR to CP
3.3
1.5
3.5
4.5
ns
5.0
1.0
2.0
3.0


同様の部品番号 - 74AC273PC

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
74AC273PC FAIRCHILD-74AC273PC Datasheet
122Kb / 10P
   Octal D-Type Flip-Flop
74AC273PC FAIRCHILD-74AC273PC Datasheet
383Kb / 12P
   Octal D-Type Flip-Flop
More results

同様の説明 - 74AC273PC

メーカー部品番号データシート部品情報
logo
STMicroelectronics
M54HC377 STMICROELECTRONICS-M54HC377 Datasheet
252Kb / 11P
   OCTAL D TYPE FLIP FLOP
logo
Fairchild Semiconductor
74VHC273 FAIRCHILD-74VHC273_07 Datasheet
625Kb / 13P
   Octal D-Type Flip-Flop
74VHC273 FAIRCHILD-74VHC273_05 Datasheet
532Kb / 10P
   Octal D-Type Flip-Flop
74F273 FAIRCHILD-74F273 Datasheet
74Kb / 7P
   Octal D-Type Flip-Flop
logo
STMicroelectronics
M74HC377 STMICROELECTRONICS-M74HC377 Datasheet
362Kb / 11P
   OCTAL D TYPE FLIP FLOP
logo
Fairchild Semiconductor
74VHC273 FAIRCHILD-74VHC273 Datasheet
91Kb / 7P
   Octal D-Type Flip-Flop
logo
NXP Semiconductors
74ABT273A PHILIPS-74ABT273A Datasheet
104Kb / 12P
   Octal D-type flip-flop
1995 Sep 06
74ALS273 PHILIPS-74ALS273 Datasheet
114Kb / 9P
   Octal D-type flip-flop
1991 Feb 08
logo
National Semiconductor ...
54ABT273 NSC-54ABT273 Datasheet
145Kb / 8P
   Octal D-Type Flip-Flop
logo
Fairchild Semiconductor
74AC273 FAIRCHILD-74AC273_08 Datasheet
383Kb / 12P
   Octal D-Type Flip-Flop
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com